Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MASWSS0121 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MASWSS0121
Description  SPDT High Isolation Terminated Switch
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASWSS0121 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MASWSS0121 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASWSS0121 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASWSS0121 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
2
SPDT High Isolation Terminated Switch
0.5 - 3.0 GHz
Rev. V3
MASWSS0121
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Electrical Specifications: TA = 25 °C, Z0 = 50 Ohms, VC = 0, 5.0 V
3
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Insertion Loss
0.5- 1 GHz
1.0 - 2.0 GHz
2.0 - 3.0 GHz
dB
dB
dB
0.6
0.7
0.75
0.7
0.8
0.9
Isolation
0.5 - 1 GHz
1.0 - 2.0 GHz
2.0 - 3.0 GHz
dB
dB
dB
51
48
45
54
52
50
Return Loss
0.5 - 1 GHz
1.0 - 2.0 GHz
2.0 - 3.0 GHz
dB
dB
dB
20
20
20
Input IP2
2-Tone 900 MHz, 5 MHz spacing
dBm
83
Input IP3
2-Tone 900 MHz, 5 MHz spacing
dBm
46
TRISE, TFALL
10% to 90% RF & 90% to 10% RF
nS
24
TON, TOFF
50% of VC to 10 % / 90% RF
nS
15
Transients
VC = 5.0 V square wave, in-band
mV
12
Control Current
│Vc│ = 4.5 V, 0 dBm
µA
2
13
P1dB
1 GHz, 5 V
1 GHz, 3 V
dBm
dBm
27
18
P0.1dB
1 GHz, 5 V
1 GHz, 3 V
dBm
dBm
24
11
3. External DC blocking capacitors are required on all RF ports (47 pF capacitors are recommended).
Absolute Maximum Ratings
4,5
Parameter
Absolute Maximum
Input Power (0.5 - 3.0 GHz)
3 V Control
5 V Control
+30 dBm
+33 dBm
Operating Voltage
+8.5 volts
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +150°C
4. Exceeding any one or combination of these limits may cause
permanent damage to this device.
5. M/A-COM does not recommend sustained operation near
these survivability limits.
Logic Level
Voltage Level
0
0 V ± 0.2 V
1
3.0 V to 8.0 V
Truth Table
V1
V2
RFC - RF1
RFC - RF2
0
1
ON
OFF
1
0
OFF
ON
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive
to electrostatic discharge (ESD) and can be
damaged by static electricity. Proper ESD control
techniques should be used when handling these
devices.


Similar Part No. - MASWSS0121

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWSS0121 MACOM-MASWSS0121 Datasheet
198Kb / 3P
   SPDT High Isolation Terminated Switch 0.5 - 3.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0121 MA-COM-MASWSS0121 Datasheet
117Kb / 3P
   SPDT High Isolation Terminated Switch 0.5 - 3.0 GHz
MASWSS0121 MA-COM-MASWSS0121 Datasheet
587Kb / 4P
   SPDT High Isolation Terminated Switch
logo
Tyco Electronics
MASWSS0121SMB MACOM-MASWSS0121SMB Datasheet
198Kb / 3P
   SPDT High Isolation Terminated Switch 0.5 - 3.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0121SMB MA-COM-MASWSS0121SMB Datasheet
117Kb / 3P
   SPDT High Isolation Terminated Switch 0.5 - 3.0 GHz
More results

Similar Description - MASWSS0121

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MASW-008543_V2 MA-COM-MASW-008543_V2 Datasheet
228Kb / 4P
   SPDT High Isolation Terminated Switch
MASW-008543 MA-COM-MASW-008543_15 Datasheet
698Kb / 5P
   SPDT High Isolation Terminated Switch
MASWSS0121 MA-COM-MASWSS0121_15 Datasheet
587Kb / 4P
   SPDT High Isolation Terminated Switch
MASWSS0178_V4 MA-COM-MASWSS0178_V4 Datasheet
192Kb / 4P
   SPDT High Isolation Terminated Switch
MASWSS0024_V7 MA-COM-MASWSS0024_V7 Datasheet
170Kb / 4P
   SPDT High Isolation Terminated Switch
MASW-008543 MA-COM-MASW-008543 Datasheet
698Kb / 5P
   SPDT High Isolation Terminated Switch
logo
Tyco Electronics
SW-394 MACOM-SW-394 Datasheet
36Kb / 2P
   GaAs SPDT High Isolation Terminated Switch
MASWSS0121 MACOM-MASWSS0121 Datasheet
198Kb / 3P
   SPDT High Isolation Terminated Switch 0.5 - 3.0 GHz
logo
M/A-COM Technology Solu...
MASW-008543 MA-COM-MASW-008543 Datasheet
175Kb / 4P
   SPDT High Isolation Terminated Switch 0.01- 4.0 GHz
logo
Tyco Electronics
MASWSS0024 MACOM-MASWSS0024 Datasheet
219Kb / 3P
   SPDT High Isolation Terminated Switch, 0.5 - 3.0 GHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com