Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LX8385B-XXCP Datasheet(PDF) 10 Page - Microsemi Corporation

Part # LX8385B-XXCP
Description  3A Low Dropout Positive Regulators
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX8385B-XXCP Datasheet(HTML) 10 Page - Microsemi Corporation

Back Button LX8385B-XXCP Datasheet HTML 3Page - Microsemi Corporation LX8385B-XXCP Datasheet HTML 4Page - Microsemi Corporation LX8385B-XXCP Datasheet HTML 5Page - Microsemi Corporation LX8385B-XXCP Datasheet HTML 6Page - Microsemi Corporation LX8385B-XXCP Datasheet HTML 7Page - Microsemi Corporation LX8385B-XXCP Datasheet HTML 8Page - Microsemi Corporation LX8385B-XXCP Datasheet HTML 9Page - Microsemi Corporation LX8385B-XXCP Datasheet HTML 10Page - Microsemi Corporation LX8385B-XXCP Datasheet HTML 11Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
PRODUCTION DATA SHEET
Microsemi Inc.
Integrated Products Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 10
Copyright
© 2000
Rev. 2.0b, 2005-10-25
LX8385x-xx
3A Low Dropout Positive Regulators
TM
®
PACKAGE DIMENSIONS
DT
3-Pin Plastic TO-252
W
K
R
X
A
L
U
O
P
N
B
D
C
E
F
G
I
J
M
Q
V
H
0.23
MILLIMETERS
INCHES
Dim
MIN
MAX
MIN
MAX
A
6.47
6.73
0.255
0.265
B
5.97
6.23
0.235
0.245
C
2.16
2.42
0.085
0.095
D
0.68
0.94
0.027
0.037
E
0.38
0.64
0.015
0.025
F
0.63
0.89
0.025
0.035
G
2.16
2.42
0.085
0.095
H
0.84
1.10
0.033
0.043
I
0.89
1.15
0.035
0.045
J
2.44
2.70
0.096
0.106
K
9.55
9.81
0.376
0.386
L
5.20
5.46
0.205
0.215
M
7.0°
7.0°
N
0.51
0.77
0.020
0.030
O
0.51
0.77
0.020
0.030
P
4.19
4.45
0.165
0.175
Q
0.76
1.02
0.030
0.040
R
0.48
0.74
0.019
0.029
U
0.51
0.77
0.020
0.030
V
45°
45°
W
1.44
1.70
0.057
0.067
X
0
0.10
0
0.004


Similar Part No. - LX8385B-XXCP

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX8385B-XXCP MICROSEMI-LX8385B-XXCP Datasheet
280Kb / 11P
   3A Low Dropout Positive Regulators
More results

Similar Description - LX8385B-XXCP

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX8587-XX MICROSEMI-LX8587-XX Datasheet
211Kb / 8P
   3A LOW DROPOUT POSITIVE REGULATORS
logo
List of Unclassifed Man...
LA8385 ETC1-LA8385 Datasheet
233Kb / 8P
   3A LOW DROPOUT POSITIVE REGULATORS
logo
Microsemi Corporation
LX8385-00CDD MICROSEMI-LX8385-00CDD Datasheet
285Kb / 11P
   3A Low Dropout Positive Regulators
LX8385X-XX MICROSEMI-LX8385X-XX Datasheet
280Kb / 11P
   3A Low Dropout Positive Regulators
LX8587X MICROSEMI-LX8587X Datasheet
283Kb / 11P
   3A Low Dropout Positive Regulators
logo
National Semiconductor ...
LM1085 NSC-LM1085 Datasheet
744Kb / 13P
   3A Low Dropout Positive Regulators
logo
Microsemi Corporation
LX8385A-00CDD MICROSEMI-LX8385A-00CDD Datasheet
272Kb / 11P
   3A Low Dropout Positive Regulators
LX8587X-XX MICROSEMI-LX8587X-XX Datasheet
289Kb / 11P
   3A Low Dropout Positive Regulators
logo
Texas Instruments
LM1085IT-5.0 TI1-LM1085IT-5.0 Datasheet
2Mb / 22P
[Old version datasheet]   LM1085 3A Low Dropout Positive Regulators
logo
Linear Technology
LT1083 LINER-LT1083_05 Datasheet
203Kb / 16P
   7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com