Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H7ET-NV-B Datasheet(PDF) 9 Page - Omron Electronics LLC

Part # H7ET-NV-B
Description  Compact Economical Totalizer with High Visibility Available with Backlit LCD Display
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

H7ET-NV-B Datasheet(HTML) 9 Page - Omron Electronics LLC

Back Button H7ET-NV-B Datasheet HTML 5Page - Omron Electronics LLC H7ET-NV-B Datasheet HTML 6Page - Omron Electronics LLC H7ET-NV-B Datasheet HTML 7Page - Omron Electronics LLC H7ET-NV-B Datasheet HTML 8Page - Omron Electronics LLC H7ET-NV-B Datasheet HTML 9Page - Omron Electronics LLC H7ET-NV-B Datasheet HTML 10Page - Omron Electronics LLC H7ET-NV-B Datasheet HTML 11Page - Omron Electronics LLC H7ET-NV-B Datasheet HTML 12Page - Omron Electronics LLC H7ET-NV-B Datasheet HTML 13Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
9
Self-powered Time Counter
New H7ET
• Seven digits, time range 0 to 3999d23.9h.
• Dual time range: 999999.9
←→ 3999d23.9h or
999h59m59s
←→ 9999h59.9m
For the most recent information on models that have been certified for
safety standards, refer to your OMRON website.
Model Number Structure
■ Model Number Legend
Note: Some configurations are not available.
Note: Estimates can be provided for coatings and other specifications that are not given in the datasheet. Ask your OMRON representative for details.
Ordering Information
■ Time Counters
■ Accessories (Order Separately)
Note: 1. Provided with H7ET. (Order additional Brackets separately as required.)
2. Built into H7ET. Order replacements using the above model number before the service life expires.
12
34
H7ET - N
-
1. Count Input
2. Time Range
3. Case Color
4. Display
None: No-voltage input
V:
PNP/NPN universal DC voltage input
FV:
AC/DC multi-voltage input
None: 999999.9h/3999d23.9h
1:
999h59m59s/9999h59.9m
None: Light gray
B:
Black
None: 7-segment LCD without backlight
H:
7-segment LCD with backlight
Timer input
Display
Time range
999999.9h
←→ 3999d23.9h
(switchable)
999h59min59s
←→ 9999h59.9min
(switchable)
Light-gray body
Black body
Light-gray body
Black body
PNP/NPN universal DC volt-
age input
(4.5 to 30 VDC)
7-segment LCD with back-
light
H7ET-NV-H
H7ET-NV-BH
H7ET-NV1-H
H7ET-NV1-BH
7-segment LCD
H7ET-NV
H7ET-NV-B
H7ET-NV1H7ET-NV1-B
AC/DC multi-voltage input
(24 to 240 VAC/VDC)
7-segment LCD
H7ET-NFV
H7ET-NFV-B
H7ET-NFV1H7ET-NFV1-B
No-voltage input
7-segment LCD
H7ET-N
H7ET-N-B
H7ET-N1
H7ET-N1-B
Name
Model
Compact Flush Mounting Bracket
Y92F-35
Flush Mounting Bracket (See note 1)
Y92F-34
Wire-wrap Terminal (set of two terminals)
Y92S-37
Lithium Battery (See note 2)
Y92S-36
Waterproof Packing (See note 1)
Y92S-32


Similar Part No. - H7ET-NV-B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
H7ET-NV-B ETC-H7ET-NV-B Datasheet
449Kb / 7P
   Self-powered Time Counter
H7ET-NV-BH ETC-H7ET-NV-BH Datasheet
449Kb / 7P
   Self-powered Time Counter
More results

Similar Description - H7ET-NV-B

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
H7EC-NFV OMRON-H7EC-NFV Datasheet
1Mb / 13P
   Compact Economical Totalizer with High Visibility Available with Backlit LCD Display
H7EC-N OMRON-H7EC-N Datasheet
2Mb / 33P
   Compact Economical Totalizer with High Visibility Available with Backlit LCD Display
Y92S-36 OMRON-Y92S-36 Datasheet
2Mb / 33P
   Compact Economical Totalizer with High Visibility Available with Backlit LCD Display
H7EC-N-B OMRON-H7EC-N-B Datasheet
2Mb / 33P
   Compact Economical Totalizer with High Visibility Available with Backlit LCD Display
H7EC-NV OMRON-H7EC-NV Datasheet
2Mb / 33P
   Compact Economical Totalizer with High Visibility Available with Backlit LCD Display
logo
Extech Instruments Corp...
365515 EXTECH-365515 Datasheet
194Kb / 1P
   Stopwatch/Clock with Backlit Display
365515 EXTECH-365515_15 Datasheet
194Kb / 1P
   Stopwatch/Clock with Backlit Display
407732 EXTECH-407732_15 Datasheet
180Kb / 1P
   Sound Level Meter with Backlit Display
logo
Keystone Electronics Co...
2460 KEYSTONE-2460 Datasheet
450Kb / 1P
   Economical design, available with PC terminals or wire leads
logo
Applied Concepts Inc.
ACD-2353 ACIPOWER-ACD-2353 Datasheet
324Kb / 3P
   XGA LED BACKLIT TFT DISPLAY WITH NVIS CLASS B CAPABILITY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com