Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ELL-VGG1R0N Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # ELL-VGG1R0N
Description  Power Inductors / Wire Wound type
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ELL-VGG1R0N Datasheet(HTML) 2 Page - Panasonic Semiconductor

  ELL-VGG1R0N Datasheet HTML 1Page - Panasonic Semiconductor ELL-VGG1R0N Datasheet HTML 2Page - Panasonic Semiconductor ELL-VGG1R0N Datasheet HTML 3Page - Panasonic Semiconductor ELL-VGG1R0N Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Choke Coils
Standard Parts
✽1 Saturation Rated Current : This DC current which causes a 30 % inductance reduction from its nominal value.
✽2 Temperature Rise Current : This indicates the value of current when temperature rise dt/t= 40 °C (at 20 °C).
Series
Part Number
Inductance
(100 kHz)
RDC
(at 20 °C)
Saturation Rated
Current
1
(mA max.)
Temperature
Rise Current
2
(mA max.)
Marking
(μH)
Tol.
(m
Ω)Tol.
Series
VEG
ELLVEGR68N
0.68
±30 %
50
±20 %
1950
1800
7
ELLVEG1R0N
1.0
61
1900
1600
A
ELLVEG1R5N
1.5
74
1200
1400
C
ELLVEG2R2N
2.2
110
1100
1250
D
ELLVEG3R3N
3.3
210
1000
820
E
ELLVEG4R7N
4.7
240
750
770
H
ELLVEG6R8N
6.8
350
580
650
K
ELLVEG100M
10.0
±20 %
480
520
600
M
ELLVEG150M
15.0
710
430
490
O
ELLVEG220M
22.0
1200
330
400
R
Series
VFG-C
ELLVFG1R0NC
1.0
±30 %
50
1500
1700
a
ELLVFG1R5NC
1.5
61
1300
1550
c
ELLVFG2R2NC
2.2
87
1100
1400
d
ELLVFG3R3NC
3.3
110
980
1250
e
ELLVFG4R7NC
4.7
150
740
1050
h
ELLVFG6R8NC
6.8
230
600
840
k
ELLVFG100MC
10.0
±20 %
380
550
640
m
ELLVFG150MC
15.0
540
500
480
o
ELLVFG220MC
22.0
710
350
430
r
ELLVFG330MC
33.0
1160
280
330
t
Series
VGG
ELLVGG1R0N
1.0
±30 %
52
2200
1800
A
ELLVGG1R2N
1.2
61
2000
1600
B
ELLVGG1R6N
1.6
73
1800
1550
C
ELLVGG2R2N
2.2
92
1600
1400
D
ELLVGG3R3N
3.3
130
1350
1100
E
ELLVGG3R9N
3.9
150
1300
1000
F
ELLVGG4R7N
4.7
170
1200
980
H
ELLVGG6R8N
6.8
230
1000
800
K
ELLVGG100M
10.0
±20 %
280
800
730
M
ELLVGG120M
12.0
480
690
580
N
ELLVGG150M
15.0
640
600
490
O
ELLVGG220M
22.0
800
500
460
R
ELLVGG330M
33.0
1330
450
340
T
ELLVGG470M
47.0
2100
350
270
V
Series
VGG-C
ELLVGG1R0NC
1.0
±30 %
47
1400
2000
ELLVGG2R2NC
2.2
79
1050
1500
ELLVGG3R3NC
3.3
110
1000
1300
ELLVGG4R7NC
4.7
130
900
1200
ELLVGG6R8NC
6.8
180
700
1000
ELLVGG100MC
10.0
±20 %
260
600
860
ELLVGG120MC
12.0
280
550
730
ELLVGG150MC
15.0
420
450
670
ELLVGG220MC
22.0
530
410
600
ELLVGG330MC
33.0
790
350
450
ELLVGG470MC
47.0
1200
260
360
ELLVGG101MC
100
2950
180
250
Mat. 2014
02
32


Similar Part No. - ELL-VGG1R0N

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELL-VGG2R2N PANASONIC-ELL-VGG2R2N Datasheet
95Kb / 3P
   Power Inductors / Wire Wound type
More results

Similar Description - ELL-VGG1R0N

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELL-6UH390M PANASONIC-ELL-6UH390M Datasheet
96Kb / 3P
   Power Inductors / Wire Wound type
ELL-ATV680M PANASONIC-ELL-ATV680M Datasheet
79Kb / 2P
   Power Inductors / Wire Wound type
ELL-6RH1R0M PANASONIC-ELL-6RH1R0M Datasheet
96Kb / 3P
   Power Inductors / Wire Wound type
ELL6RH PANASONIC-ELL6RH Datasheet
96Kb / 3P
   Power Inductors Wire Wound type
ELL-6RH100M PANASONIC-ELL-6RH100M Datasheet
96Kb / 3P
   Power Inductors / Wire Wound type
logo
Panasonic Battery Group
ELL-4LG470MA PANASONICBATTERY-ELL-4LG470MA Datasheet
95Kb / 2P
   Power Inductors / Wire Wound type
logo
Panasonic Semiconductor
CSTCE16M0V53A-R0 PANASONIC-CSTCE16M0V53A-R0 Datasheet
100Kb / 3P
   Power Inductors / Wire Wound type
ELL-5PR1R2N PANASONIC-ELL-5PR1R2N Datasheet
76Kb / 2P
   Power Inductors / Wire Wound type
ELL-VEG3R3N PANASONIC-ELL-VEG3R3N Datasheet
93Kb / 3P
   Power Inductors / Wire Wound type
ELL-VFG2R2NC PANASONIC-ELL-VFG2R2NC Datasheet
95Kb / 3P
   Power Inductors / Wire Wound type
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com