Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ERZCF1MK271 Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # ERZCF1MK271
Description  Large withstanding surge current capability in compact size
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ERZCF1MK271 Datasheet(HTML) 3 Page - Panasonic Semiconductor

  ERZCF1MK271 Datasheet HTML 1Page - Panasonic Semiconductor ERZCF1MK271 Datasheet HTML 2Page - Panasonic Semiconductor ERZCF1MK271 Datasheet HTML 3Page - Panasonic Semiconductor ERZCF1MK271 Datasheet HTML 4Page - Panasonic Semiconductor ERZCF1MK271 Datasheet HTML 5Page - Panasonic Semiconductor ERZCF1MK271 Datasheet HTML 6Page - Panasonic Semiconductor ERZCF1MK271 Datasheet HTML 7Page - Panasonic Semiconductor ERZCF1MK271 Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
ÒZNRâÓ Surge Absorbers, SMD Mold
Packaging Style Code: Ò1Ó for bulk, Ò2Ó for embossed taping
Packaging Style Code: Ò1Ó for bulk, Ò2Ó for embossed taping
n Ratings and Characteristics
l Operating Temperature Range: Ð40 to 85 ¡C
l Storage Temperature Range: Ð40 to 125 ¡C
l Temperature Coefficient of Varistor Voltage: 0 to Ð0.05 %/¡C
V0.1 mA (V)
ACrms (V) DC (V)
VxA (V)
Ip (A)
(W)
(J)
(A)
ERZCF
1MK220 22 ( 20Ð 24)
14
18
48
1
0.01
0.4
50
ERZCF
1MK270 27 ( 24Ð 30)
17
22
60
1
0.01
0.5
50
ERZCF
1MK330 33 ( 30Ð 36)
20
26
73
1
0.01
0.6
50
ERZCF
1MK390 39 ( 35Ð 43)
25
31
86
1
0.01
0.8
50
ERZCF
1MK470 47 ( 42Ð 52)
30
38
104
1
0.01
1.0
50
ERZCF
1MK560 56 ( 50Ð 62)
35
45
123
1
0.01
1.0
50
ERZCF
1MK680 68 ( 61Ð 75)
40
56
150
1
0.01
1.2
50
ERZCF
1MK820 82 ( 74Ð 90)
50
65
145
5
0.1
1.7
200
ERZCF
1MK101 100 ( 90Ð110)
60
85
175
5
0.1
2.0
200
ERZCF
1MK121 120 (108Ð132)
75
100
210
5
0.1
2.5
200
ERZCF
1MK151 150 (135Ð165)
95
125
260
5
0.1
3.0
200
ERZCF
1MK201 200 (185Ð225)
130
170
355
5
0.1
4.0
200
ERZCF
1MK221 220 (198Ð242)
140
180
380
5
0.1
4.5
200
ERZCF
1MK241 240 (216Ð264)
150
200
415
5
0.1
5.0
200
ERZCF
1MK271 270 (247Ð303)
175
225
475
5
0.1
6.0
200
ERZCF
1MK361 360 (324Ð396)
230
300
620
5
0.1
6.0
200
ERZCF
1MK391 390 (351Ð429)
250
320
675
5
0.1
6.0
200
ERZCF
1MK431 430 (387Ð473)
275
350
745
5
0.1
6.3
200
ERZCF
1MK471 470 (423Ð517)
300
385
810
5
0.1
7.0
200
V1mA (V)
ACrms (V) DC (V)
VxA (V)
Ip (A)
(W)
(J)
(A)
ERZSF
1MK220 22 ( 20Ð 25)
14
18
43
2.5
0.02
0.9
125
ERZSF
1MK270 27 ( 24Ð 30)
17
22
53
2.5
0.02
1.0
125
ERZSF
1MK330 33 ( 30Ð 36)
20
26
65
2.5
0.02
1.2
125
ERZSF
1MK390 39 ( 35Ð 43)
25
31
77
2.5
0.02
1.5
125
ERZSF
1MK470 47 ( 42Ð 52)
30
38
93
2.5
0.02
1.8
125
ERZSF
1MK560 56 ( 50Ð 62)
35
45
110
2.5
0.02
2.2
125
ERZSF
1MK680 68 ( 61Ð 75)
40
56
135
2.5
0.02
2.5
125
ERZSF
1MK820 82 ( 74Ð 90)
50
65
135
10
0.25
3.5
600
ERZSF
1MK101 100 ( 90Ð110)
60
85
165
10
0.25
4.0
600
ERZSF
1MK121 120 (108Ð132)
75
100
200
10
0.25
5.0
600
ERZSF
1MK151 150 (135Ð165)
95
125
250
10
0.25
6.0
600
ERZSF
1MK201 200 (185Ð225)
130
170
340
10
0.25
8.0
600
ERZSF
1MK221 220 (198Ð242)
140
180
360
10
0.25
9.0
600
ERZSF
1MK241 240 (216Ð264)
150
200
395
10
0.25
10.0
600
ERZSF
1MK271 270 (247Ð303)
175
225
455
10
0.25
12.0
600
ERZSF
1MK361 360 (324Ð396)
230
300
595
10
0.20
12.0
400
ERZSF
1MK391 390 (351Ð429)
250
320
650
10
0.20
12.0
400
ERZSF
1MK431 430 (387Ð473)
275
350
710
10
0.20
14.0
400
ERZSF
1MK471 470 (423Ð517)
300
385
775
10
0.20
14.0
400
Varistor
Maximum
Clamping
Rated
Maximum
Maximum
Part No.
Voltage
Allowable
Voltage at Ip
Power
Energy
Peak Current
Voltage
(max.)
(2 ms)
(8/20 µs, 2 times)
Varistor
Maximum
Clamping
Rated
Maximum
Maximum
Part No.
Voltage
Allowable
Voltage at Ip
Power
Energy
Peak Current
Voltage
(max.)
(2 ms)
(8/20 µs, 2 times)


Similar Part No. - ERZCF1MK271

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERZC20EK102 PANASONIC-ERZC20EK102 Datasheet
117Kb / 6P
   ZNR Transient/Surge Absorbers
ERZC20EK102Y PANASONIC-ERZC20EK102Y Datasheet
117Kb / 6P
   ZNR Transient/Surge Absorbers
ERZC20EK112 PANASONIC-ERZC20EK112 Datasheet
117Kb / 6P
   ZNR Transient/Surge Absorbers
ERZC20EK112Y PANASONIC-ERZC20EK112Y Datasheet
117Kb / 6P
   ZNR Transient/Surge Absorbers
ERZC20EK201 PANASONIC-ERZC20EK201 Datasheet
117Kb / 6P
   ZNR Transient/Surge Absorbers
More results

Similar Description - ERZCF1MK271

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-80PF VISHAY-VS-80PF Datasheet
165Kb / 9P
   High surge current capability
Revision: 04-Dec-14
logo
DIYI Electronic Technol...
HER201GU DYELEC-HER201GU Datasheet
913Kb / 2P
   High surge current capability
RABF22 DYELEC-RABF22 Datasheet
1Mb / 2P
   High surge current capability
RABS22 DYELEC-RABS22 Datasheet
1Mb / 2P
   High surge current capability
logo
Unisonic Technologies
SFR1020CL-TA3-T UTC-SFR1020CL-TA3-T Datasheet
307Kb / 4P
   High Surge Current Capability
logo
First Silicon Co., Ltd
KBJ4A FS-KBJ4A Datasheet
233Kb / 2P
   High surge current capability
logo
Sangdest Microelectroni...
GBU6005G SMC-GBU6005G Datasheet
146Kb / 4P
   High surge current capability
logo
GeneSiC Semiconductor, ...
GBJ30J GENESIC-GBJ30J Datasheet
791Kb / 3P
   High surge current capability
logo
Nell Semiconductor Co.,...
MTP300 NELLSEMI-MTP300 Datasheet
376Kb / 3P
   High surge current capability
logo
DIYI Electronic Technol...
GBPC50005W DYELEC-GBPC50005W Datasheet
2Mb / 2P
   High surge current capability
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com