Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM285DRE4-2-5 Datasheet(PDF) 1 Page - Texas Instruments

Part # LM285DRE4-2-5
Description  MICROPOWER VOLTAGE REFERENCES
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM285DRE4-2-5 Datasheet(HTML) 1 Page - Texas Instruments

  LM285DRE4-2-5 Datasheet HTML 1Page - Texas Instruments LM285DRE4-2-5 Datasheet HTML 2Page - Texas Instruments LM285DRE4-2-5 Datasheet HTML 3Page - Texas Instruments LM285DRE4-2-5 Datasheet HTML 4Page - Texas Instruments LM285DRE4-2-5 Datasheet HTML 5Page - Texas Instruments LM285DRE4-2-5 Datasheet HTML 6Page - Texas Instruments LM285DRE4-2-5 Datasheet HTML 7Page - Texas Instruments LM285DRE4-2-5 Datasheet HTML 8Page - Texas Instruments LM285DRE4-2-5 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
LM2852.5, LM3852.5, LM385B2.5
MICROPOWER VOLTAGE REFERENCES
SLVS023J − JANUARY 1989 − REVISED MARCH 2005
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Operating Current Range ...20 µA to
20 mA
D 1.5% and 3% Initial Voltage Tolerance
D Reference Impedance
− LM385 ...1
Ω Max at 25°C
− All Devices . . . 1.5
Ω Max Over Full
Temperature Range
D Very Low Power Consumption
D Applications
− Portable Meter References
− Portable Test Instruments
− Battery-Operated Systems
− Current-Loop Instrumentation
− Panel Meters
D Interchangeable With Industry-Standard
LM285-2.5 and LM385-2.5
description/ordering information
These micropower two-terminal band-gap voltage references operate over a 20-
µA to 20-mA current range and
feature exceptionally low dynamic impedance and good temperature stability. On-chip trimming provides tight
voltage tolerance. The band-gap reference for these devices has low noise and long-term stability.
ORDERING INFORMATION
TA
VZ
TOLERANCE
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
SOIC (D)
Tube of 75
LM385D-2-5
385-25
SOIC (D)
Reel of 2000
LM385DR-2-5
385-25
3%
TO226/TO-92 (LP)
Tube of 1000
LM385LP-2-5
385-25
3%
TO226/TO-92 (LP)
Reel of 2000
LM385LPR-2-5
385-25
TSSOP (PW)
Tube of 150
LM385PW-2-5
385-25
0
°C to 70°C
TSSOP (PW)
Reel of 2000
LM385PWR-2-5
385-25
0
°C to 70°C
SOIC (D)
Tube of 75
LM385BD-2-5
385B25
SOIC (D)
Reel of 2000
LM385BDR-2-5
385B25
1.5%
TO226/TO-92 (LP)
Tube of 1000
LM385BLP-2-5
385-25
1.5%
TO226/TO-92 (LP)
Reel of 2000
LM385BLPR-2-5
385-25
TSSOP (PW)
Tube of 150
LM385BPW-2-5
385B25
TSSOP (PW)
Reel of 2000
LM385BPWR-2-5
385B25
SOIC (D)
Tube of 75
LM285D-2-5
285-25
−40
°C to 85°C
1.5%
SOIC (D)
Reel of 2000
LM285DR-2-5
285-25
−40
°C to 85°C
1.5%
TO226/TO-92 (LP)
Tube of 1000
LM285LP-2-5
285-25
TO226/TO-92 (LP)
Reel of 2000
LM285LPR-2-5
285-25
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
Copyright
 2005, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
8
7
6
5
NC
NC
NC
ANODE
CATHODE
NC
NC
NC
LM285-2.5 ...D PACKAGE
LM385-2.5, LM385B-2.5 ...D OR PW PACKAGE
(TOP VIEW)
LM285-2.5, LM385-2.5, LM385B-2.5 . . . LP PACKAGE
(TOP VIEW)
NC − No internal connection
NC
CATHODE
ANODE
NC − No internal connection


Similar Part No. - LM285DRE4-2-5

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM285DRE4-1-2 TI1-LM285DRE4-1-2 Datasheet
1Mb / 25P
[Old version datasheet]   Micropower Voltage References
LM285DRE4-1-2 TI1-LM285DRE4-1-2 Datasheet
1Mb / 25P
[Old version datasheet]   Micropower Voltage References
More results

Similar Description - LM285DRE4-2-5

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM285-2-5 TI-LM285-2-5 Datasheet
669Kb / 18P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM285-2.5 TI1-LM285-2.5_16 Datasheet
1Mb / 25P
[Old version datasheet]   Micropower Voltage References
LM285-1.2 TI1-LM285-1.2_16 Datasheet
1Mb / 25P
[Old version datasheet]   Micropower Voltage References
LM385-1.2-MIL TI1-LM385-1.2-MIL Datasheet
402Kb / 16P
[Old version datasheet]   Micropower Voltage References
LM385LPE3-2-5 TI1-LM385LPE3-2-5 Datasheet
651Kb / 18P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM285 TI-LM285 Datasheet
307Kb / 15P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM385B-2.5 TI-LM385B-2.5 Datasheet
263Kb / 14P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM285-2.5 TI-LM285-2.5 Datasheet
263Kb / 14P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM285-1.2 TI1-LM285-1.2 Datasheet
1Mb / 25P
[Old version datasheet]   Micropower Voltage References
LT1004-12 TI-LT1004-12 Datasheet
353Kb / 20P
[Old version datasheet]   MICROPOWER INTEGRATED VOLTAGE REFERENCES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com