Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LQM2MPNG0 Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # LQM2MPNG0
Description  Chip Inductor (Chip Coil) Power Inductor (Multilayer Type)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

LQM2MPNG0 Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  LQM2MPNG0 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. LQM2MPNG0 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
Data Sheet
!Note:
1. This datasheet is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it
may be discontinued without advance notice. Please check with our sales representatives or product engineers before ordering.
2. This datasheet has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product
specifications or transact the approval sheet for product specifications before ordering.
http://www.murata.com/
2
Inductors (Coils) > Chip Inductor (Chip Coil) > Power Inductor (Multilayer Type)
2012.11.8
oThis data sheet is applied for CHIP INDUCTORS (CHIP COILS) used for General Electronics equipment for your design.
Continued from the preceding page.
c Temperature Rise Characteristics (Typ.)
Current (mA)
40
30
20
10
0
0
400
800
1200
1600
0.47μH
1.0μH
1.5μH
2.2μH
3.3μH
4.7μH
c !Caution/Notice
!Caution (Rating)
Do not use products beyond the rated current as
this may create excessive heat.
Notice
Solderability of Tin plating termination chip might be
deteriorated when low temperature soldering profile
where peak solder temperature is below the Tin melting
point is used. Please confirm the solderability of Tin
plating termination chip before use.


Similar Part No. - LQM2MPNG0

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQM2MPN1R0MGH MURATA-LQM2MPN1R0MGH Datasheet
95Kb / 2P
   LQM2MPN_GH Series 2016/0806 (mm/inch) Inductors (Coils) for Power Lines
LQM2MPN1R0NG0 MURATA-LQM2MPN1R0NG0 Datasheet
1,015Kb / 39P
   DESIGN ENGINEERING KITS
logo
Analog Devices
LQM2MPN1R0NG0B AD-LQM2MPN1R0NG0B Datasheet
826Kb / 28P
   Dual 3 MHz, 800 mA Buck
REV. A
LQM2MPN1R0NG0B AD-LQM2MPN1R0NG0B Datasheet
993Kb / 28P
   Dual 3 MHz, 1200 mA Buck
REV. A
LQM2MPN1R0NG0B AD-LQM2MPN1R0NG0B Datasheet
3Mb / 40P
   Micro PMU with 1.2 A Buck Regulator
REV. 0
More results

Similar Description - LQM2MPNG0

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQM2HPN4R7MGCL MURATA-LQM2HPN4R7MGCL Datasheet
68Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Multilayer Type)
LQM2HPJ0 MURATA-LQM2HPJ0 Datasheet
65Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Multilayer Type)
LQM21FN100N00L MURATA-LQM21FN100N00L Datasheet
59Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Multilayer Type for Choke)
LQM18FN100M00D MURATA-LQM18FN100M00D Datasheet
42Kb / 1P
   Chip Inductor (Chip Coil) Power Inductor (Multilayer Type for Choke)
LQM18FN1R0M00D MURATA-LQM18FN1R0M00D Datasheet
42Kb / 1P
   Chip Inductor (Chip Coil) Power Inductor (Multilayer Type for Choke)
LQM21FN220N MURATA-LQM21FN220N Datasheet
59Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Multilayer Type for Choke)
LQM21FN1R0N00D MURATA-LQM21FN1R0N00D Datasheet
59Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Multilayer Type for Choke)
LQM21FN4R7M80L MURATA-LQM21FN4R7M80L Datasheet
45Kb / 1P
   Chip Inductor (Chip Coil) Power Inductor (Multilayer Type for Choke)
LQM21FN100M70L MURATA-LQM21FN100M70L Datasheet
41Kb / 1P
   Chip Inductor (Chip Coil) Power Inductor (Multilayer Type for Choke)
logo
Murata Power Solutions ...
LQH5BPNR47NT0X MURATA-PS-LQH5BPNR47NT0X Datasheet
67Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com