Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ERZCF1MK820 Datasheet(PDF) 7 Page - Panasonic Semiconductor

Part # ERZCF1MK820
Description  Large withstanding surge current capability in compact size
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ERZCF1MK820 Datasheet(HTML) 7 Page - Panasonic Semiconductor

  ERZCF1MK820 Datasheet HTML 1Page - Panasonic Semiconductor ERZCF1MK820 Datasheet HTML 2Page - Panasonic Semiconductor ERZCF1MK820 Datasheet HTML 3Page - Panasonic Semiconductor ERZCF1MK820 Datasheet HTML 4Page - Panasonic Semiconductor ERZCF1MK820 Datasheet HTML 5Page - Panasonic Semiconductor ERZCF1MK820 Datasheet HTML 6Page - Panasonic Semiconductor ERZCF1MK820 Datasheet HTML 7Page - Panasonic Semiconductor ERZCF1MK820 Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
ÒZNRâÓ Surge Absorbers, SMD Mold
n Packaging Specifications
l Packing Quantity
Style
Embossed taping
Bulk
Size Code
ÒVF1MÓ, ÒVF1TÓ, ÒCFÓ, ÒSFÓ
2000 pcs./reel
200 pcs./bag
l Reel
l Embossed Taping
Dimensions
AB
C
D
E
(mm)
382 max. 50 min. 13.0±0.5 21.0±0.8 2.0±0.5
Dimensions
WT
t
r
(mm)
16.4
22.4 max. 2.5±0.5
1.0
+2.0
0
1 Trade Mark
Trade Mark
2 Product Name
ZNR
3 Type
VF1M Type:VFM, VF1T Type:VFT
CF Type:FK, SF Type:SF
4 Abbreviation of
The first two digits are significant figures and the third one
Part No.
denotes the number of zeros following.
5 Date Code
Left(Year): 2002:B, 2003:C, 2004:D, 2005:E, 2006:F
Right(Month): Jan. to Sep.:1 to 9, Oct.:0, Nov.:N, Dec.:D
n Marking Contents
Dimensions
AB
W
F
E
P1
(mm)
6.8±0.2 11.9 max.16.0±0.3 7.5±0.1 1.75±0.10 8.0±0.1
-0
Dimensions
P2
P0
fD0
t1
t2
(mm)
2.0±0.1 4.0±0.1 1.5 +0.1 0.6 max. 6.5 max.


Similar Part No. - ERZCF1MK820

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERZC20EK102 PANASONIC-ERZC20EK102 Datasheet
117Kb / 6P
   ZNR Transient/Surge Absorbers
ERZC20EK102Y PANASONIC-ERZC20EK102Y Datasheet
117Kb / 6P
   ZNR Transient/Surge Absorbers
ERZC20EK112 PANASONIC-ERZC20EK112 Datasheet
117Kb / 6P
   ZNR Transient/Surge Absorbers
ERZC20EK112Y PANASONIC-ERZC20EK112Y Datasheet
117Kb / 6P
   ZNR Transient/Surge Absorbers
ERZC20EK201 PANASONIC-ERZC20EK201 Datasheet
117Kb / 6P
   ZNR Transient/Surge Absorbers
More results

Similar Description - ERZCF1MK820

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-80PF VISHAY-VS-80PF Datasheet
165Kb / 9P
   High surge current capability
Revision: 04-Dec-14
logo
DIYI Electronic Technol...
HER201GU DYELEC-HER201GU Datasheet
913Kb / 2P
   High surge current capability
RABF22 DYELEC-RABF22 Datasheet
1Mb / 2P
   High surge current capability
RABS22 DYELEC-RABS22 Datasheet
1Mb / 2P
   High surge current capability
logo
Unisonic Technologies
SFR1020CL-TA3-T UTC-SFR1020CL-TA3-T Datasheet
307Kb / 4P
   High Surge Current Capability
logo
First Silicon Co., Ltd
KBJ4A FS-KBJ4A Datasheet
233Kb / 2P
   High surge current capability
logo
Sangdest Microelectroni...
GBU6005G SMC-GBU6005G Datasheet
146Kb / 4P
   High surge current capability
logo
GeneSiC Semiconductor, ...
GBJ30J GENESIC-GBJ30J Datasheet
791Kb / 3P
   High surge current capability
logo
Nell Semiconductor Co.,...
MTP300 NELLSEMI-MTP300 Datasheet
376Kb / 3P
   High surge current capability
logo
DIYI Electronic Technol...
GBPC50005W DYELEC-GBPC50005W Datasheet
2Mb / 2P
   High surge current capability
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com