Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ELF18D428 Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # ELF18D428
Description  Dimensions in mm (not to scale)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ELF18D428 Datasheet(HTML) 3 Page - Panasonic Semiconductor

  ELF18D428 Datasheet HTML 1Page - Panasonic Semiconductor ELF18D428 Datasheet HTML 2Page - Panasonic Semiconductor ELF18D428 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Line Filters
Marking
4-
f0.8
±0.1
4-
f1.2
±0.1
24.0
±0.5
28.5
±1.0
20.0
±0.5
29.0
±1.0
24.0
±0.1
1
2
3
4
21.0
±0.1
4-
f0.8
21.0
±0.5
25.0
±1.0
15.0
±0.5
25.0
±1.0
1
2
4
3
4-
f1.2
±0.1
1
10
100
1000
10000
100000
1000000
0.001
0.01
0.1
1
10
100
ELF19H030A
ELF19H035A
ELF600 type
Frequency (MHz)
Series H
Type 600
Recommended PWB piercing plan
Dimensions in mm (not to scale)
DC Resistance
Part No.
Marking
Inductance
(mH)min.
RDC( )
[at 20 °C]
(Tol ±20 %)
Current
(A rms)
max.
Part No.
Marking
Inductance
(mH)min.
RDC( )
[at 20 °C]
(Tol ±20 %)
Current
(A rms)
max.
ELF18D607
ELF607
68.0
1.739
0.5
ELF18D614
ELF614
1.8
0.062
2.8
ELF18D615
ELF615
39.0
1.075
0.7
ELF18D610
ELF610
1.5
0.058
3.1
ELF18D618
ELF618
27.0
0.708
0.8
ELF18D608
ELF608
1.0
0.045
3.4
ELF18D612
ELF612
22.0
0.540
1.0
ELF18D624F
ELF624F
33.0
0.707
0.8
ELF18D602
ELF602
8.2
0.226
1.7
ELF18D606F
ELF606F
18.0
0.331
1.2
ELF18D603
ELF603
5.6
0.155
1.8
ELF18D609F
ELF609F
12.0
0.226
1.6
ELF18D604
ELF604
4.7
0.125
2.0
ELF18D601F
ELF601F
10.0
0.214
1.6
ELF18D613
ELF613
3.9
0.104
2.2
ELF18D603F
ELF603F
5.6
0.111
2.2
ELF18D605
ELF605
3.3
0.087
2.5
ELF18D604F
ELF604F
4.7
0.087
2.5
ELF18D611
ELF611
2.7
0.082
2.6
ELF18D617F
ELF617F
2.2
0.058
2.8
Part No.
Marking
Inductance
(mH)min.
RDC( )
[at 20 °C]
(Tol ±20 %)
Current
(A rms)
max.
Part No.
Marking
Inductance
(mH)min.
RDC( )
[at 20 °C]
(Tol ±20 %)
Current
(A rms)
max.
ELF19H010A
353 10A
35.0
0.620
1.0
ELF19H030A
382 30A
3.8
0.068
3.0
ELF19H020A
823 20A
8.0
0.135
2.0
ELF19H035A
302 35A
3.0
0.050
3.5
● Standard Parts (19H
A)
Series H
Type 19H
Recommended PWB piercing plan
Dimensions in mm (not to scale)
Impedance Characteristics
● Standard Parts
Feb. 2006


Similar Part No. - ELF18D428

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELF18D428 PANASONIC-ELF18D428 Datasheet
84Kb / 3P
   Line Filters
More results

Similar Description - ELF18D428

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELF-15N015A PANASONIC-ELF-15N015A Datasheet
71Kb / 2P
   Dimensions in mm (not to scale)
ELF-18D850X PANASONIC-ELF-18D850X Datasheet
122Kb / 3P
   Dimensions in mm (not to scale)
ELF11M16M PANASONIC-ELF11M16M Datasheet
47Kb / 1P
   Dimensions in mm (not to scale)
ELF-18D612 PANASONIC-ELF-18D612 Datasheet
192Kb / 2P
   Dimensions in mm not to scale Recommended PWB piercing plan
logo
Pran Electronics Pvt. L...
JP-S1-8P8C-2P PRAN-JP-S1-8P8C-2P Datasheet
245Kb / 1P
   DRAWING NOT TO SCALE
11/07/2016
logo
Panasonic Semiconductor
ELJRG1N0DF PANASONIC-ELJRG1N0DF Datasheet
51Kb / 1P
   Non Magnetic Core Types RG, RF, RE, NJ, ND, NC, NA Dimensions in mm (not to scale)
logo
Hammond Manufacturing L...
1418B6 HAMMOND-1418B6 Datasheet
217Kb / 1P
   Isometric drawing Not to Scale
logo
Knowles Electronics
FG-23329-D65 KNOWLES-FG-23329-D65 Datasheet
135Kb / 2P
   DO NOT SCALE DRAWING
FG-23629-D65 KNOWLES-FG-23629-D65 Datasheet
136Kb / 2P
   DO NOT SCALE DRAWING
logo
Vishay Siliconix
SOT-490 VISHAY-SOT-490 Datasheet
35Kb / 2P
   Package Dimensions in mm
Rev. 1.1, 06-Sep-04
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com