Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EVPAA702W Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # EVPAA702W
Description  External dimensions 3.5 mm2.9 mm, Height 1.7 mm
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EVPAA702W Datasheet(HTML) 1 Page - Panasonic Semiconductor

  EVPAA702W Datasheet HTML 1Page - Panasonic Semiconductor EVPAA702W Datasheet HTML 2Page - Panasonic Semiconductor EVPAA702W Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Light Touch Switches/EVPAA
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
– ES86 –
E
1
V
2
P
345678
AA
Product Code
Type
Height
9
Push Plate Color
K
W
Q
Black
white
gray
Note: Non washable
Specifications
Features
External dimensions : 3.5 mm 2.9 mm, Height 1.7 mm
High operating force available
(Operating force : 5.0 N max.)
Optional ground terminal
Explanation of Part Numbers
3.5 mm
i2.9 mm SMD Light Touch Switches
Type:
EVPAA
Recommended Applications
Operation switches for portable electronic equipment
(Mobile phones, Digital still cameras, etc.)
Operating switches for keyless entry systems
Type
Snap action/Push-on type SPST
Electrical
Rating
10 µA 2 Vdc to 20 mA 15 Vdc (Resistive load)
Contact Resistance
100 m
max.
Insulation Resistance
100 M
min. (at 100 Vdc)
Dielectric Withstanding Voltage
250 Vac for 1 minute
Bouncing
10 ms max. (ON, OFF)
Mechanical
Operating Force
1.0 N, 1.6 N, 2.4 N, 3.5 N, 5.0 N
Travel
0.15 mm±0.1 mm
Endurance
Operating Life
1000000 cycles min. (1.0 N)
200000 cycles min. (1.6 N, 2.4 N, 3.5 N)
100000 cycles min. (5.0 N)
Operating Temperature
–40 °C to +85 °C
Storage Temperature
–40 °C to +85 °C (Bulk)
–20 °C to +60 °C (Taping)
Minimum Quantity/Packing Unit
5000 pcs. Embossed Taping (Reel Pack)
Quantity/Carton
25000 pcs.
Oct. 2012
00


Similar Part No. - EVPAA702W

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EVPAA702W PANASONIC-EVPAA702W Datasheet
78Kb / 4P
   3.5 mm2.9 mm SMD Light Touch Switches
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com