Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ELF24V050A Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # ELF24V050A
Description  Dimensions in mm (not to scale)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ELF24V050A Datasheet(HTML) 2 Page - Panasonic Semiconductor

  ELF24V050A Datasheet HTML 1Page - Panasonic Semiconductor ELF24V050A Datasheet HTML 2Page - Panasonic Semiconductor ELF24V050A Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Line Filters
21.0
±1.0
17.0
±0.5
21.0
±1.0
13.0
±0.5
17.0
±0.1
4-
f1.2
±0.1
1
23
4
4-
f0.8
±0.1
6.0
±1.0
Marking
Marking
4-
f0.8
±0.1
4-
f1.2
±0.1
21.0
±0.5
24.0
±1.0
15.0
±0.5
25.0
±1.0
21.0
±0.1
1
2
3
4
Series H
Type 270
Type 400
Recommended PWB piercing plan
Dimensions in mm (not to scale)
Recommended PWB piercing plan
Dimensions in mm (not to scale)
DC Resistance
DC Resistance
Part No.
Marking
Inductance
(mH)min.
RDC( )
[at 20 °C]
(Tol ±20 %)
Current
(A rms)
max.
Part No.
Marking
Inductance
(mH)min.
RDC( )
[at 20 °C]
(Tol ±20 %)
Current
(A rms)
max.
ELF18D270J
270J
33.0
2.691
0.3
ELF18D270A
270A
6.8
0.571
0.7
ELF18D270B
270B
22.0
1.707
0.4
ELF18D270Q
270Q
5.6
0.504
0.8
ELF18D270H
270H
18.0
1.271
0.5
ELF18D270D
270D
2.7
0.248
1.1
ELF18D270G
270G
10.0
0.782
0.6
ELF18D270C
270C
1.8
0.162
1.5
Part No.
Marking
Inductance
(mH)min.
RDC( )
[at 20 °C]
(Tol ±20 %)
Current
(A rms)
max.
Part No.
Marking
Inductance
(mH)min.
RDC( )
[at 20 °C]
(Tol ±20 %)
Current
(A rms)
max.
ELF18D428
ELF428
33.00
1.184
0.5
ELF18D427F
ELF427F
39.00
1.332
0.5
ELF18D423
ELF423
27.00
1.136
0.6
ELF18D417F
ELF417F
18.00
0.655
0.8
ELF18D430
ELF430
12.00
0.595
0.9
ELF18D431F
ELF431F10.00
0.384
1.0
ELF18D415
ELF415
8.20
0.374
1.0
ELF18D424F
ELF424F
5.60
0.191
1.4
ELF18D412
ELF412
6.80
0.290
1.2
ELF18D434F
ELF434F
2.70
0.111
2.0
ELF18D433
ELF433
3.90
0.176
1.5
ELF18D435F
ELF435F
2.20
0.084
2.2
ELF18D414
ELF414
3.30
0.138
1.8
ELF18D420F
ELF420F
1.20
0.043
3.0
ELF18D419
ELF419
1.50
0.076
2.4
ELF18D441F
ELF441F
0.56
0.030
3.4
ELF18D437F
ELF437F
68.00
2.319
0.4
● Standard Parts
● Standard Parts
Feb. 2006


Similar Part No. - ELF24V050A

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELF24V050A PANASONIC-ELF24V050A Datasheet
84Kb / 3P
   Line Filters
ELF24V050A PANASONIC-ELF24V050A Datasheet
117Kb / 4P
   Line Filters
ELF24V050A PANASONIC-ELF24V050A Datasheet
122Kb / 3P
   Dimensions in mm (not to scale)
More results

Similar Description - ELF24V050A

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELF-15N015A PANASONIC-ELF-15N015A Datasheet
71Kb / 2P
   Dimensions in mm (not to scale)
ELF-18D850X PANASONIC-ELF-18D850X Datasheet
122Kb / 3P
   Dimensions in mm (not to scale)
ELF11M16M PANASONIC-ELF11M16M Datasheet
47Kb / 1P
   Dimensions in mm (not to scale)
ELF-18D612 PANASONIC-ELF-18D612 Datasheet
192Kb / 2P
   Dimensions in mm not to scale Recommended PWB piercing plan
logo
Pran Electronics Pvt. L...
JP-S1-8P8C-2P PRAN-JP-S1-8P8C-2P Datasheet
245Kb / 1P
   DRAWING NOT TO SCALE
11/07/2016
logo
Panasonic Semiconductor
ELJRG1N0DF PANASONIC-ELJRG1N0DF Datasheet
51Kb / 1P
   Non Magnetic Core Types RG, RF, RE, NJ, ND, NC, NA Dimensions in mm (not to scale)
logo
Hammond Manufacturing L...
1418B6 HAMMOND-1418B6 Datasheet
217Kb / 1P
   Isometric drawing Not to Scale
logo
Knowles Electronics
FG-23329-D65 KNOWLES-FG-23329-D65 Datasheet
135Kb / 2P
   DO NOT SCALE DRAWING
FG-23629-D65 KNOWLES-FG-23629-D65 Datasheet
136Kb / 2P
   DO NOT SCALE DRAWING
logo
Vishay Siliconix
SOT-490 VISHAY-SOT-490 Datasheet
35Kb / 2P
   Package Dimensions in mm
Rev. 1.1, 06-Sep-04
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com