Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1P603S Datasheet(PDF) 8 Page - Anaren Microwave

Part # 1P603S
Description  Hybrid Coupler 3 dB, 90째
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANAREN [Anaren Microwave]
Direct Link  http://www.anaren.com
Logo ANAREN - Anaren Microwave

1P603S Datasheet(HTML) 8 Page - Anaren Microwave

Back Button 1P603S Datasheet HTML 3Page - Anaren Microwave 1P603S Datasheet HTML 4Page - Anaren Microwave 1P603S Datasheet HTML 5Page - Anaren Microwave 1P603S Datasheet HTML 6Page - Anaren Microwave 1P603S Datasheet HTML 7Page - Anaren Microwave 1P603S Datasheet HTML 8Page - Anaren Microwave 1P603S Datasheet HTML 9Page - Anaren Microwave 1P603S Datasheet HTML 10Page - Anaren Microwave 1P603S Datasheet HTML 11Page - Anaren Microwave  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Model 1P603S
Rev C
USA/Canada:
Toll Free:
Europe:
(315) 432-8909
(800) 411-6596
+44 2392-232392
Available on Tape and
Reel for Pick and Place
Manufacturing.
Figure 2: Solder Paste Application
Coupler Positioning:
The surface mount coupler can
be placed manually or with automatic pick and place
mechanisms. Couplers should be placed (see Figure 3
and 4) onto wet paste with common surface mount
techniques and parameters. Pick and place systems
must supply adequate vacuum to hold a 0.106 gram
coupler.
Figure 3: Component Placement
Figure 4: Mounting Features Example
Reflow:
The surface mount coupler is conducive to most of
today’s conventional reflow methods. A low and high
temperature thermal reflow profile are shown in Figures 5
and 6, respectively. Manual soldering of these components
can be done with conventional surface mount non-contact
hot air soldering tools. Board pre-heating is highly
recommended for these selective hot air soldering
methods. Manual soldering with conventional irons should
be avoided.


Similar Part No. - 1P603S

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
1P603AS ANAREN-1P603AS Datasheet
788Kb / 10P
   W-LAN and MMDS
More results

Similar Description - 1P603S

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
XC0900E-03 ANAREN-XC0900E-03 Datasheet
593Kb / 24P
   Hybrid Coupler 3 dB, 90째
XC1900A-03 ANAREN-XC1900A-03 Datasheet
626Kb / 24P
   Hybrid Coupler 3 dB, 90째
XC1400P-03S ANAREN-XC1400P-03S Datasheet
590Kb / 24P
   Hybrid Coupler 3 dB, 90째
XC0450A-03 ANAREN-XC0450A-03 Datasheet
619Kb / 24P
   Hybrid Coupler 3 dB, 90째
C1517J5003AHF ANAREN-C1517J5003AHF Datasheet
216Kb / 6P
   Ultra Low Profile 0805 3 dB, 90째 Hybrid Coupler
C1720J5003AHF ANAREN-C1720J5003AHF_14 Datasheet
272Kb / 6P
   Ultra Low Profile 0805 3 dB, 90째 Hybrid Coupler
C2023J5003A00 ANAREN-C2023J5003A00 Datasheet
176Kb / 6P
   Ultra Low Profile 0805 3 dB, 90째 Hybrid Coupler
C1015J5003AHF ANAREN-C1015J5003AHF_14 Datasheet
345Kb / 7P
   Ultra Low Profile 0805 3 dB, 90째 Hybrid Coupler
C1015J5003AHF ANAREN-C1015J5003AHF Datasheet
350Kb / 6P
   Ultra Low Profile 0805 3 dB, 90째 Hybrid Coupler
C0810J5003AHF ANAREN-C0810J5003AHF Datasheet
364Kb / 6P
   Ultra Low Profile 0805 3 dB, 90째 Hybrid Coupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com