Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1P503S Datasheet(PDF) 1 Page - Anaren Microwave

Part # 1P503S
Description  Hybrid Couplers 3 dB, 90
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANAREN [Anaren Microwave]
Direct Link  http://www.anaren.com
Logo ANAREN - Anaren Microwave

1P503S Datasheet(HTML) 1 Page - Anaren Microwave

  1P503S_14 Datasheet HTML 1Page - Anaren Microwave 1P503S_14 Datasheet HTML 2Page - Anaren Microwave 1P503S_14 Datasheet HTML 3Page - Anaren Microwave 1P503S_14 Datasheet HTML 4Page - Anaren Microwave 1P503S_14 Datasheet HTML 5Page - Anaren Microwave  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Available on Tape
and Reel For Pick and
Place Manufacturing.
USA/Canada:
Toll Free:
Europe
:
(315) 432-8909
(800) 544-2414
+44 2392-232392
Model 1P503S
Rev. B
Hybrid Couplers
3 dB, 90°°°°
Description
The 1P503S Pico Xinger is a low profile, miniature 3dB hybrid coupler in an
easy to use surface mount package designed for DCS and PCS
applications.
The 1P503S is designed for balanced amplifiers, variable
phase shifters and attenuators, LNAs, signal distribution and is an ideal
solution for the ever-increasing demands of the wireless industry for smaller
printed circuit boards and high performance. Parts have been subjected to
rigorous qualification testing and units are 100% tested.
They are
manufactured using materials with x and y thermal expansion coefficients
compatible with common substrates.
ELECTRICAL SPECIFICATIONS**
Frequency
Isolation*
Insertion
Loss
VSWR
GHz
dB Min
dB Max
Max:1
1.7 – 1.8
18
0.25
1.28
1.8 – 2.0
18
0.25
1.28
Amplitude
Balance
Phase
Balance
Power
Θ
Θ
Θ
Θ
JC
Operating
Temp.
dB Max
Degrees
Ave. CW Watts
ºC/Watt
ºC
± 0.45
± 3
30
27.5
-55 to +85
Features:
1.7 – 2.0 GHz.
DCS and PCS
Low Loss
High Isolation
90
o
Quadrature
Surface Mountable
Tape And Reel
Lead Free
100% Tested
± 0.30
± 3
30
27.5
-55 to +85
**Specification based on performance of unit properly installed on microstrip printed circuit boards
with 50 Ω nominal impedance. * See Anaren Application Note #AAN-231 for information on
how to improve RF performance on your printed circuit board Specifications subject to
change without notice.
Outline Drawing
1P503S Mechanical Outline
Dimensions are in Inches [Millimeters]
.054±.005
[1.38±0.13]
Top View (Near-side)
Bottom View (Far-side)
Pin 1
Pin 4
Pin 3
Pin 2
Side View
.250±.010
[6.35±0.25]
.200±.010
[5.08±0.25]
Pin 1
Pin 2
Pin 4
Pin 3
GND
Denotes Array
Number
4X .040±.008 SQ
[1.01±0.20]
4X .020±.004
[0.51±0.10]
Part Is Symmetric About All Axis
.170±.004
[4.32±0.10]
.120±.004
[3.05±0.10]
GND
Tolerances are Non-Cumulative


Similar Part No. - 1P503S_14

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
1P503S ANAREN-1P503S Datasheet
360Kb / 3P
   Hybrid Couplers 3 dB, 90째
More results

Similar Description - 1P503S_14

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
1A0230-3 ANAREN-1A0230-3_14 Datasheet
302Kb / 3P
   Hybrid Couplers 3 dB, 90
1B0024-3 ANAREN-1B0024-3_14 Datasheet
175Kb / 4P
   Hybrid Couplers 3 dB, 90
1R0263-3 ANAREN-1R0263-3_14 Datasheet
289Kb / 3P
   Hybrid Couplers 3 dB, 90
10011-3 ANAREN-10011-3 Datasheet
162Kb / 4P
   Hybrid Couplers 3 dB, 90
10016-3 ANAREN-10016-3_14 Datasheet
159Kb / 4P
   Hybrid Couplers 3 dB, 90
11306-3S ANAREN-11306-3S Datasheet
352Kb / 2P
   Hybrid Couplers 3 dB, 90
10013-3 ANAREN-10013-3_14 Datasheet
176Kb / 4P
   Hybrid Couplers 3 dB, 90
10012-3 ANAREN-10012-3_14 Datasheet
142Kb / 4P
   Hybrid Couplers 3 dB, 90
1B0220-3 ANAREN-1B0220-3_14 Datasheet
134Kb / 3P
   Hybrid Couplers 3 dB, 90
logo
List of Unclassifed Man...
1F1304-3S ETC2-1F1304-3S Datasheet
172Kb / 2P
   Hybrid Couplers 3 dB, 90
logo
Anaren Microwave
10014-3 ANAREN-10014-3_14 Datasheet
147Kb / 4P
   Hybrid Couplers 3 dB, 90
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com