Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RASV190515CG1 Datasheet(PDF) 1 Page - Hammond Manufacturing Ltd.

Part # RASV190515CG1
Description  DATA SUBJECT TO CHANGE WITHOUT NOTLCE
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

RASV190515CG1 Datasheet(HTML) 1 Page - Hammond Manufacturing Ltd.

  RASV190515CG1 Datasheet HTML 1Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Data subject to change without notice. Isometric drawing not to scale.
www.hammondmfg.com
PART NO.
RASV190515
NOTES
Maximum Weight 200 lb
Mounting Hardware not Supplied with Shelf
PART NUMBERS
PAINTED CONT. GRAY TEXTURED
RASV190515CG1
RASV190515BK1
PAINTED BLACK TEXTURED
FRONT VIEW
TOP VIEW
SIDE VIEW
18.32 in
465 mm
19.01 in
483 mm
17.36 in
441 mm
I/S
17.50 in
444 mm
5.22 in
133 mm
15.00 in
381 mm
.62 in
16 mm
8X
O0.25 X 0.38
SLOT
2.25 in
57 mm
10.50 in
267 mm
2.40 in
61 mm
DETAIL A
2:1
3.50 in
89 mm
.44 in
11 mm
O0.24 X 1.50
VENTING SLOT
DETAIL A
TYPICAL
12.70 in
323 mm


Similar Part No. - RASV190515CG1

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
RASV190515BK1 HAMMOND-RASV190515BK1 Datasheet
69Kb / 2P
   Tablette en porte-a-faux pour montage sur deux montants
RASV190515BK1 HAMMOND-RASV190515BK1 Datasheet
241Kb / 2P
   Universal Rack Shelf
More results

Similar Description - RASV190515CG1

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
FLHTF800A115 HAMMOND-FLHTF800A115 Datasheet
302Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTLCE
1490MD2 HAMMOND-1490MD2 Datasheet
182Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTLCE
1490MG6 HAMMOND-1490MG6 Datasheet
171Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTLCE
1490MJ12 HAMMOND-1490MJ12 Datasheet
182Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTLCE
logo
Qimonda AG
GRDBARV22 QIMONDA-GRDBARV22 Datasheet
142Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTLCE
logo
Hammond Manufacturing L...
HCS-DFG-48 HAMMOND-HCS-DFG-48 Datasheet
135Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTLCE
GRDBAR800 HAMMOND-GRDBAR800 Datasheet
147Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTLCE
1554MPB3 HAMMOND-1554MPB3 Datasheet
245Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTLCE
HJ643HLP HAMMOND-HJ643HLP Datasheet
108Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTLCE
HJ644HLP HAMMOND-HJ644HLP Datasheet
108Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTLCE
HJ683HLP HAMMOND-HJ683HLP Datasheet
115Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTLCE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com