Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

77F120K-TR-RC Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # 77F120K-TR-RC
Description  77F Series Conformal Coated RF Choke
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

77F120K-TR-RC Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  77F120K-TR-RC Datasheet HTML 1Page - Bourns Electronic Solutions 77F120K-TR-RC Datasheet HTML 2Page - Bourns Electronic Solutions 77F120K-TR-RC Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Features
Formerly
model
Current rating up to 920 mA
Inductance range: 1.0
μH to 1,000 μH
RoHS compliant*
Applications
DC/DC converters
Power supplies
General use
77F Series Conformal Coated RF Choke
*RoHS Directive 2002/95/EC Jan. 27, 2003 including annex and RoHS Recast 2011/65/EU June 8, 2011.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Electrical Specifications (@ 25 °C)
Bourns Part
No.
Inductance
Q
Min.
Test
Frequency
(MHz)
SRF
(MHz)
Min.
DCR
(
Ω)
Max.
Idc
(mA)
(
μH)
Tol. (%)
77F1R0K-RC
1.0
±10
50
25.2
157
0.17
920
77F1R2K-RC
1.2
±10
50
7.96
144
0.18
880
77F1R5K-RC
1.5
±10
50
7.96
131
0.20
830
77F1R8K-RC
1.8
±10
50
7.96
121
0.22
790
77F2R2K-RC
2.2
±10
50
7.96
110
0.24
750
77F2R7K-RC
2.7
±10
60
7.96
100
0.25
720
77F3R3K-RC
3.3
±10
60
7.96
94
0.30
670
77F3R9K-RC
3.9
±10
60
7.96
86
0.35
640
77F4R7K-RC
4.7
±10
70
7.96
80
0.40
620
77F5R6K-RC
5.6
±10
70
7.96
74
0.45
590
77F6R8K-RC
6.8
±10
75
7.96
68
0.50
550
77F8R2K-RC
8.2
±10
80
7.96
53
0.52
530
77F100K-RC
10
±10
85
7.96
40
0.65
500
77F120K-RC
12
±10
75
2.52
34
0.70
480
77F150K-RC
15
±10
70
2.52
20
0.75
460
77F180K-RC
18
±10
60
2.52
14
0.80
430
77F220K-RC
22
±10
60
2.52
9.9
0.90
410
77F270K-RC
27
±10
50
2.52
7.6
1.00
390
77F330J-RC
33
±5
50
2.52
6.5
1.10
370
77F390J-RC
39
±5
50
2.52
6.5
1.20
350
77F470J-RC
47
±5
45
2.52
6.3
1.30
340
77F560J-RC
56
±5
45
2.52
6.2
1.50
320
77F680J-RC
68
±5
40
2.52
5.7
1.80
305
77F820J-RC
82
±5
35
2.52
5.3
2.00
290
77F101J-RC
100
±5
30
2.52
4.8
2.50
275
77F121J-RC
120
±5
60
0.796
3.8
3.0
185
77F151J-RC
150
±5
60
0.796
3.5
4.0
175
77F181J-RC
180
±5
60
0.796
3.0
4.5
165
77F221J-RC
220
±5
60
0.796
2.8
5.0
155
77F271J-RC
270
±5
60
0.796
2.6
6.0
145
77F331J-RC
330
±5
60
0.796
2.4
6.5
137
77F391J-RC
390
±5
55
0.796
2.0
7.5
133
77F471J-RC
470
±5
50
0.796
1.8
8.5
126
77F561J-RC
560
±5
50
0.796
1.6
9.5
120
77F681J-RC
680
±5
45
0.796
1.6
12.0
113
77F821J-RC
820
±5
45
0.796
1.4
14.0
105
77F102J-RC
1000
±5
50
0.796
1.2
20.0
100
General Specifications
Temperature Rise ................ 35 °C at Idc
Operating Temperature
............................... -55 °C to +105 °C
Storage Temperature
............................... -55 °C to +105 °C
Dielectric Strength................... 500 Vrms
Materials
Core.............................................. Ferrite
Wire ............................. Polyester copper
Terminal Coating.............Sn-Ag-Cu alloy
Coating .................................Epoxy resin
Packaging..... 5000 pcs. per 14-inch reel
How to Order
77F 151J - TR - RC
Model
Value Code
(See table)
Packaging Code
TR = 5000 pcs./14-inch reel
Compliance Code
RC = RoHS compliant*
Example:
77F102J-TR-RC = 1000
μH packaged
5000 pcs./14-inch reel.
Electrical Schematic


Similar Part No. - 77F120K-TR-RC

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
77F120K-RC BOURNS-77F120K-RC Datasheet
172Kb / 2P
   Conformal Coated RF Choke
77F120K-RC BOURNS-77F120K-RC Datasheet
172Kb / 2P
   77F Series Conformal Coated RF Choke
77F120K-RC BOURNS-77F120K-RC Datasheet
172Kb / 2P
   Conformal Coated RF Choke
More results

Similar Description - 77F120K-TR-RC

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
77F680J-TR-RC BOURNS-77F680J-TR-RC Datasheet
172Kb / 2P
   77F Series Conformal Coated RF Choke
5300-02-TR-RC BOURNS-5300-02-TR-RC Datasheet
229Kb / 2P
   Conformal Coated RF Choke
77F BOURNS-77F Datasheet
172Kb / 2P
   Conformal Coated RF Choke
78F100J-TR-RC BOURNS-78F100J-TR-RC Datasheet
164Kb / 2P
   Conformal Coated RF Choke
8230-94-RC BOURNS-8230-94-RC Datasheet
225Kb / 2P
   Conformal Coated RF Choke
8230 BOURNS-8230 Datasheet
225Kb / 2P
   Conformal Coated RF Choke
77F151J-TR-RC BOURNS-77F151J-TR-RC Datasheet
172Kb / 2P
   Conformal Coated RF Choke
79FR10M-RC BOURNS-79FR10M-RC Datasheet
109Kb / 2P
   79F Series Conformal Coated RF Choke
5300-41 BOURNS-5300-41 Datasheet
224Kb / 2P
   5300 Series Conformal Coated RF Choke
5300-42-RC BOURNS-5300-42-RC Datasheet
224Kb / 2P
   5300 Series Conformal Coated RF Choke
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com