Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NR7800CR-BB_AZ Datasheet(PDF) 3 Page - California Eastern Labs

Part # NR7800CR-BB_AZ
Description  NECs ?80關m InGaAs PIN-PD IN COAXIAL PACKAGE FOR 155Mb/s AND 622 Mb/s APPLICATIONS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NR7800CR-BB_AZ Datasheet(HTML) 3 Page - California Eastern Labs

  NR7800CR-BB_AZ Datasheet HTML 1Page - California Eastern Labs NR7800CR-BB_AZ Datasheet HTML 2Page - California Eastern Labs NR7800CR-BB_AZ Datasheet HTML 3Page - California Eastern Labs NR7800CR-BB_AZ Datasheet HTML 4Page - California Eastern Labs NR7800CR-BB_AZ Datasheet HTML 5Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
NR7800 Series
TYPICAL PERFORMANCE CURVES (TC = 25°C, unless otherwise specified)
1. Anode (Negative)
2. Cathode (Positive)
3. Case
Remark:The graphs indicate nominal characteristics.
NR7800BFP/FR
OUTLINE DIMENSIONS (Units in mm)
FREQUENCY RESPONSE
Frequency, f (GHz)
REVERSE VOLTAGE DEPENDENCE
OF TERMINAL CAPACITANCE
Reverse Voltage, VR (V)
NR7800CP/CR
5
0.5
1
100
10
1
0.1
0.01
f = 1.0 MHz
VR = 5 V
λ = 1310 nm
RL = 50 Ω
0
5.0
2.5
12
9
6
3
0
-3
-6
-9
-12
-15
12.7±0.2
17.0±0.2
ø2.2
ø0.9
ø3.2±0.2
ø7.0±0.2
ø5.0±0.2
P.C.D. = ø2.0
3
2
1
1
3
2
ø0.45±0.05
2.2
Optical Fiber
Length: 1 m MIN
16.0±0.2
ø3.2±0.2
ø0.9
ø5.0±0.2
Optical Fiber
Length: 1 m MIN
ø0.45±0.05
3
2
1
1
3
2
12.0±0.1
8.5±0.2
2 – ø2.5
4–R1.25±0.2
P.C.D. = ø2.0
1. Anode (Negative)
2. Cathode (Positive)
3. Case


Similar Part No. - NR7800CR-BB_AZ

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NR7800CR-BB_AZ CEL-NR7800CR-BB_AZ Datasheet
211Kb / 5P
   InGaAs PIN-PD IN COAXIAL PACKAGE FOR 155Mb/s AND 622 Mb/s APPLICATIONS
More results

Similar Description - NR7800CR-BB_AZ

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NR7800 CEL-NR7800 Datasheet
211Kb / 5P
   InGaAs PIN-PD IN COAXIAL PACKAGE FOR 155Mb/s AND 622 Mb/s APPLICATIONS
NR8500BP CEL-NR8500BP Datasheet
212Kb / 5P
   NECs ?50 關m InGaAs APD IN COAXIAL PACKAGE FOR 155 Mb/s AND 622 Mb/s APPLICATIONS
NR8500 CEL-NR8500 Datasheet
206Kb / 5P
   NECs 050 um InGaAs APD IN COAXIAL PACKAGE FOR 155 Mb/s AND 622 Mb/s APPLICATIONS
NR7500BP CEL-NR7500BP Datasheet
200Kb / 5P
   NECs ?50關m InGaAs PIN-PD IN COAXIAL PACKAGE FOR 2.5 Gbp/s APPLICATIONS
NR8501BP CEL-NR8501BP Datasheet
241Kb / 6P
   NECs 50 關m InGaAs APD IN COAXIAL PACKAGE FOR 2.5Gb/s APPLICATIONS
NX6511GH CEL-NX6511GH Datasheet
967Kb / 6P
   LASER DIODE IN COAXIAL PACKAGE FOR 155 Mb/s AND 622 Mb/s APPLICATIONS
NX7301BA CEL-NX7301BA Datasheet
101Kb / 4P
   LASER DIODE IN COAXIAL PACKAGE FOR 155 Mb/s AND 622 Mb/s APPLICATIONS
NR7500 CEL-NR7500 Datasheet
195Kb / 5P
   InGaAs PIN-PD IN COAXIAL PACKAGE FOR 2.5 Gbp/s APPLICATIONS
NX7301BA-CC CEL-NX7301BA-CC Datasheet
105Kb / 4P
   NECs 1310 nm InGaAsP MQW FP LASER DIODE IN COAXIAL PACKAGE FOR 155 Mb/s AND 622 Mb/s APPLICATIONS
NX7302BA CEL-NX7302BA Datasheet
101Kb / 4P
   InGaAsP MQW FP LASER DIODE IN COAXIAL PACKAGE FOR 622 Mb/s APPLICATIONS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com