Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NR8501CP-BC-AZ Datasheet(PDF) 2 Page - California Eastern Labs

Part # NR8501CP-BC-AZ
Description  NECs 50 關m InGaAs APD IN COAXIAL PACKAGE FOR 2.5Gb/s APPLICATIONS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NR8501CP-BC-AZ Datasheet(HTML) 2 Page - California Eastern Labs

  NR8501CP-BC-AZ Datasheet HTML 1Page - California Eastern Labs NR8501CP-BC-AZ Datasheet HTML 2Page - California Eastern Labs NR8501CP-BC-AZ Datasheet HTML 3Page - California Eastern Labs NR8501CP-BC-AZ Datasheet HTML 4Page - California Eastern Labs NR8501CP-BC-AZ Datasheet HTML 5Page - California Eastern Labs NR8501CP-BC-AZ Datasheet HTML 6Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ABSOLUTE MAXIMUM RATINGS1
(TC = 25°C, unless otherwise specified)
SYMBOLS
PARAMETERS
UNITS
RATINGS
IF
Forward Current
mA
10
IR
Reverse Current
mA
1.0
TC
Operating Case Temp.
°C
-40 to +85
TSTG
Storage Temperature
°C
-40 to +85
TSLD
Lead Soldering Temperature
°C
260 (10 sec.)
RH
Relative Humidity
%
85
(noncondensing)
Note:
1. Operation in excess of any one of these parameters may result
in permanent damage.
NR8501 SERIES
WAVELENGTH DEPENDENCE OF
QUANTUM EFFICIENCY
Reverse Voltage, VR (V)
Wavelength, λ (µm)
TERMINAL CAPACITANCE vs.
REVERSE VOLTAGE
100
80
60
40
20
0
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1
2
5
10
20
50
100
2
5
10
20
50
100
TYPICAL PERFORMANCE CURVES (TC = 25°C, unless otherwise specified)
0.1
1
10
10
1
100
EXCESS NOISE FACTOR vs.
MULTIPLICATION FACTOR
Multiplication Factor M


Similar Part No. - NR8501CP-BC-AZ

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NR8501CP-BC-AZ CEL-NR8501CP-BC-AZ Datasheet
240Kb / 6P
   InGaAs APD IN COAXIAL PACKAGE FOR 2.5Gb/s APPLICATIONS
More results

Similar Description - NR8501CP-BC-AZ

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NR8501 CEL-NR8501 Datasheet
240Kb / 6P
   InGaAs APD IN COAXIAL PACKAGE FOR 2.5Gb/s APPLICATIONS
NR8500BP CEL-NR8500BP Datasheet
212Kb / 5P
   NECs ?50 關m InGaAs APD IN COAXIAL PACKAGE FOR 155 Mb/s AND 622 Mb/s APPLICATIONS
NR7500BP CEL-NR7500BP Datasheet
200Kb / 5P
   NECs ?50關m InGaAs PIN-PD IN COAXIAL PACKAGE FOR 2.5 Gbp/s APPLICATIONS
NR8500 CEL-NR8500 Datasheet
206Kb / 5P
   NECs 050 um InGaAs APD IN COAXIAL PACKAGE FOR 155 Mb/s AND 622 Mb/s APPLICATIONS
NR7800BP CEL-NR7800BP Datasheet
212Kb / 5P
   NECs ?80關m InGaAs PIN-PD IN COAXIAL PACKAGE FOR 155Mb/s AND 622 Mb/s APPLICATIONS
NR8300FP-CC CEL-NR8300FP-CC Datasheet
99Kb / 4P
   NECs 30 Um InGaAs APD IN COAXIAL PACKAGE FOR FIBER OPTIC COMMUNICATION AND OTDR APPLICATIONS
NR8300FP-CC CEL-NR8300FP-CC_07 Datasheet
218Kb / 5P
   NECs 30 Um InGaAs APD IN COAXIAL PACKAGE FOR FIBER OPTIC COMMUNICATION AND OTDR APPLICATIONS
NR4500BP CEL-NR4500BP Datasheet
98Kb / 3P
   InGaAs APD WITH INTERNAL PREAMPLIFIER IN COAXIAL PACKAGE FOR 2.5 Gb/s APPLICATIONS
NR4500BP-CC CEL-NR4500BP-CC Datasheet
98Kb / 3P
   InGaAs APD WITH INTERNAL PREAMPLIFIER IN COAXIAL PACKAGE FOR 2.5 Gb/s APPLICATIONS
NR7500 CEL-NR7500 Datasheet
195Kb / 5P
   InGaAs PIN-PD IN COAXIAL PACKAGE FOR 2.5 Gbp/s APPLICATIONS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com