Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NX6308GH Datasheet(PDF) 2 Page - California Eastern Labs

Part # NX6308GH
Description  1 310 nm Multiple Quantum Well (MQW) structured Distributed Feed-Back (DFB) laser diode with InGaAs monitor PIN-PD.
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NX6308GH Datasheet(HTML) 2 Page - California Eastern Labs

  NX6308GH Datasheet HTML 1Page - California Eastern Labs NX6308GH Datasheet HTML 2Page - California Eastern Labs NX6308GH Datasheet HTML 3Page - California Eastern Labs NX6308GH Datasheet HTML 4Page - California Eastern Labs NX6308GH Datasheet HTML 5Page - California Eastern Labs NX6308GH Datasheet HTML 6Page - California Eastern Labs NX6308GH Datasheet HTML 7Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
PACKAGE DIMENSIONS (UNIT: mm)
PIN CONNECTIONS
1 (CASE)
2
3
4
LD
PD
BOTTOM VIEW
1
2
3
4
1.0±0.1
P.C.D
(0.3)
*2
4– 0.45
φ
2.0
φ
( 5.6)
*2
φ
( 4.3)
*2
φ
( 3.75)
*2
φ
x = ±200 m MAX.
y = ±200 m MAX.
μ
μ
Δ
Δ
Focal Point
*1
*1 Focal Point: A point to get maximum optical output power from fiber.
*2 ( ) indicates nominal dimension.
Data Sheet PL10692EJ03V0DS
2
NX6308GH


Similar Part No. - NX6308GH

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NX6308GH RENESAS-NX6308GH Datasheet
221Kb / 9P
   1 310 nm InGaAsP MQW-DFB LASER DIODE FOR 1.25 Gb/s FTTH PON APPLICATION
NX6308GH RENESAS-NX6308GH_15 Datasheet
221Kb / 9P
   1 310 nm InGaAsP MQW-DFB LASER DIODE FOR 1.25 Gb/s FTTH PON APPLICATION
More results

Similar Description - NX6308GH

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NX6309GH CEL-NX6309GH Datasheet
191Kb / 7P
   1 310 nm Multiple Quantum Well (MQW) structured Distributed Feed-Back (DFB) laser diode with InGaAs monitor PIN-PD.
NX6410GH CEL-NX6410GH Datasheet
190Kb / 7P
   1 490 nm Multiple Quantum Well (MQW) structured Distributed Feed-Back (DFB) laser diode with InGaAs monitor PIN-PD.
NX6411GH CEL-NX6411GH Datasheet
190Kb / 7P
   1 490 nm Multiple Quantum Well (MQW) structured Distributed Feed-Back (DFB) laser diode with InGaAs monitor PIN-PD.
NX5530SA CEL-NX5530SA Datasheet
184Kb / 5P
   1 550 nm Multiple Quantum Well (MQW) structured
logo
Renesas Technology Corp
NX6314EH RENESAS-NX6314EH_15 Datasheet
205Kb / 7P
   LASER DIODE 1 310 nm InGaAsP MQW-DFB LASER DIODE
NX7335 RENESAS-NX7335 Datasheet
187Kb / 11P
   LASER DIODE 1 310 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE WITH MONITOR PD FOR OTDR APPLICATION
NX7335 RENESAS-NX7335_15 Datasheet
180Kb / 11P
   LASER DIODE 1 310 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE WITH MONITOR PD FOR OTDR APPLICATION
NX6350EP RENESAS-NX6350EP_15 Datasheet
138Kb / 7P
   LASER DIODE 1 270/1 290/1 310/1 330 nm AlGaInAs MQW-DFB LASER DIODE
NX6350GP RENESAS-NX6350GP_15 Datasheet
129Kb / 7P
   LASER DIODE 1 270/1 290/1 310/1 330 nm AlGaInAs MQW-DFB LASER DIODE
NX6511GH RENESAS-NX6511GH_15 Datasheet
190Kb / 7P
   LASER DIODE 1 550 nm InGaAsP MQW-DFB LASER DIODE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com