Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS710CL2-1A-A Datasheet(PDF) 6 Page - California Eastern Labs

Part # PS710CL2-1A-A
Description  Solid State Relay OCMOS FET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS710CL2-1A-A Datasheet(HTML) 6 Page - California Eastern Labs

Back Button PS710CL2-1A-A Datasheet HTML 2Page - California Eastern Labs PS710CL2-1A-A Datasheet HTML 3Page - California Eastern Labs PS710CL2-1A-A Datasheet HTML 4Page - California Eastern Labs PS710CL2-1A-A Datasheet HTML 5Page - California Eastern Labs PS710CL2-1A-A Datasheet HTML 6Page - California Eastern Labs PS710CL2-1A-A Datasheet HTML 7Page - California Eastern Labs PS710CL2-1A-A Datasheet HTML 8Page - California Eastern Labs PS710CL2-1A-A Datasheet HTML 9Page - California Eastern Labs PS710CL2-1A-A Datasheet HTML 10Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Data Sheet PN10164EJ02V0DS
6
PS710CL2-1A
RECOMMENDED OPERATING CONDITIONS (TA = 25
°C)
Parameter
Symbol
MIN.
TYP.
MAX.
Unit
LED Operating Current
IF
2
10
20
mA
LED Off Voltage
VF
0
0.5
V
ELECTRICAL CHARACTERISTICS (TA = 25
°C)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Diode
Forward Voltage
VF
IF = 10 mA
1.2
1.4
V
Reverse Current
IR
VR = 5 V
5.0
µA
MOS FET
Off-state Leakage
Current
ILoff
VD = 60 V
1.0
µA
Output Capacitance
Cout
VD = 0 V, f = 1 MHz
320
pF
Coupled
LED On-state Current
IFon
IL = 2.0 A
2.0
mA
On-state Resistance
Ron
IF = 10 mA, IL = 2.0 A, t
≤ 10 ms
0.1
0.15
Turn-on Time
*1, 2
ton
IF = 10 mA, VO = 5 V, RL = 500
Ω,
1.0
3.0
ms
Turn-off Time
*1, 2
toff
PW
≥ 10 ms
0.05
1.0
Isolation Resistance
RI-O
VI-O = 1.0 kVDC
10
9
Isolation Capacitance
CI-O
V = 0 V, f = 1 MHz
0.5
pF
*1 Test Circuit for Switching Time
VL
RL
IF
Rin
Pulse Input
Input monitor
monitor
VO
Output
Input
ton
toff
10%
90%
0
VO = 5 V
50%
*2 The turn-on time and turn-off time are specified as input-pulse width
≥ 10 ms.
Be aware that when the device operates with an input-pulse width less than 10 ms, the turn-on time and turn-off
time will increase.


Similar Part No. - PS710CL2-1A-A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS710CL2-1A RENESAS-PS710CL2-1A Datasheet
254Kb / 16P
   4-PIN DIP, 0.1 Ω LOW ON-STATE RESISTANCE 2.0 A CONTINUOUS LOAD CURRENT 1-ch Optical Coupled MOS FET
April 1st, 2010
More results

Similar Description - PS710CL2-1A-A

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS7221A-2A CEL-PS7221A-2A Datasheet
213Kb / 12P
   Solid State Relay OCMOS FET
PS7141C-2A CEL-PS7141C-2A Datasheet
353Kb / 14P
   Solid State Relay OCMOS FET
PS7200R-1A CEL-PS7200R-1A Datasheet
202Kb / 13P
   Solid State Relay OCMOS FET
PS7122A-1A CEL-PS7122A-1A Datasheet
209Kb / 14P
   Solid State Relay OCMOS FET
PS7141E-2A CEL-PS7141E-2A Datasheet
198Kb / 13P
   Solid State Relay OCMOS FET
PS7241-1C CEL-PS7241-1C Datasheet
198Kb / 13P
   Solid State Relay OCMOS FET
PS7205B-1A CEL-PS7205B-1A Datasheet
202Kb / 13P
   Solid State Relay OCMOS FET
PS7200K-1A CEL-PS7200K-1A Datasheet
202Kb / 13P
   Solid State Relay OCMOS FET
PS7122A-1C CEL-PS7122A-1C Datasheet
201Kb / 14P
   Solid State Relay OCMOS FET
logo
Renesas Technology Corp
PS7122A-1B RENESAS-PS7122A-1B Datasheet
271Kb / 16P
   Solid State Relay OCMOS FET
2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com