Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS2502-1-A Datasheet(PDF) 11 Page - California Eastern Labs

Part # PS2502-1-A
Description  HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS2502-1-A Datasheet(HTML) 11 Page - California Eastern Labs

Back Button PS2502-1-A Datasheet HTML 5Page - California Eastern Labs PS2502-1-A Datasheet HTML 6Page - California Eastern Labs PS2502-1-A Datasheet HTML 7Page - California Eastern Labs PS2502-1-A Datasheet HTML 8Page - California Eastern Labs PS2502-1-A Datasheet HTML 9Page - California Eastern Labs PS2502-1-A Datasheet HTML 10Page - California Eastern Labs PS2502-1-A Datasheet HTML 11Page - California Eastern Labs PS2502-1-A Datasheet HTML 12Page - California Eastern Labs PS2502-1-A Datasheet HTML 13Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Data Sheet PN10226EJ04V0DS
11
PS2502-1,-4,PS2502L-1,-4
(4) Cautions
• Fluxes
Avoid removing the residual flux with freon-based and chlorine-based cleaning solvent.
2. Cautions regarding noise
Be aware that when voltage is applied suddenly between the photocoupler’s input and output or between
collector-emitters at startup, the output transistor may enter the on state, even if the voltage is within the absolute
maximum ratings.
3. Measurement conditions of current transfer ratios (CTR), which differ according to photocoupler
Check the setting values before use, since the forward current conditions at CTR measurement differ according
to product.
When using products other than at the specified forward current, the characteristics curves may differ from the
standard curves due to CTR value variations or the like. Therefore, check the characteristics under the actual
operating conditions and thoroughly take variations or the like into consideration before use.
USAGE CAUTIONS
1. Protect against static electricity when handling.
2. Avoid storage at a high temperature and high humidity.


Similar Part No. - PS2502-1-A

ManufacturerPart #DatasheetDescription
logo
NEC
PS2502-1 NEC-PS2502-1 Datasheet
101Kb / 12P
   HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
logo
ISOCOM COMPONENTS
PS2502-1 ISOCOM-PS2502-1 Datasheet
82Kb / 3P
   HIGH DENSITY MOUNTING PHOTODARLINGTON OPTICALLY COUPLED ISOLATORS
logo
List of Unclassifed Man...
PS2502-1 ETC2-PS2502-1 Datasheet
395Kb / 15P
   HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
PS2502-1 ETC2-PS2502-1 Datasheet
215Kb / 13P
   HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
logo
Renesas Technology Corp
PS2502-1 RENESAS-PS2502-1 Datasheet
5Mb / 13P
   HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR TYPE
Dec 25, 2020
More results

Similar Description - PS2502-1-A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS2562-1 RENESAS-PS2562-1_15 Datasheet
274Kb / 18P
   HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
PS2502-1 RENESAS-PS2502-1_15 Datasheet
261Kb / 15P
   HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
logo
List of Unclassifed Man...
PS2502L-1-E3 ETC2-PS2502L-1-E3 Datasheet
395Kb / 15P
   HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
logo
Renesas Technology Corp
PS2562-1 RENESAS-PS2562-1 Datasheet
282Kb / 18P
   HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
logo
NEC
PS2562-1 NEC-PS2562-1 Datasheet
105Kb / 16P
   HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
logo
California Eastern Labs
PS2562-1 CEL-PS2562-1 Datasheet
658Kb / 22P
   HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
logo
NEC
PS2502-1 NEC-PS2502-1 Datasheet
101Kb / 12P
   HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
logo
List of Unclassifed Man...
PS2502-2-A ETC2-PS2502-2-A Datasheet
215Kb / 13P
   HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
logo
NEC
PS2506-1 NEC-PS2506-1 Datasheet
107Kb / 12P
   HIGH ISOLATION VOLTAGE AC INPUT, DARLINGTON TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
logo
Renesas Technology Corp
PS2506-1 RENESAS-PS2506-1_15 Datasheet
243Kb / 15P
   HIGH ISOLATION VOLTAGE AC INPUT, DARLINGTON TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com