Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS2501AL-1-A Datasheet(PDF) 2 Page - California Eastern Labs

Part # PS2501AL-1-A
Description  HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS2501AL-1-A Datasheet(HTML) 2 Page - California Eastern Labs

  PS2501AL-1-A Datasheet HTML 1Page - California Eastern Labs PS2501AL-1-A Datasheet HTML 2Page - California Eastern Labs PS2501AL-1-A Datasheet HTML 3Page - California Eastern Labs PS2501AL-1-A Datasheet HTML 4Page - California Eastern Labs PS2501AL-1-A Datasheet HTML 5Page - California Eastern Labs PS2501AL-1-A Datasheet HTML 6Page - California Eastern Labs PS2501AL-1-A Datasheet HTML 7Page - California Eastern Labs PS2501AL-1-A Datasheet HTML 8Page - California Eastern Labs PS2501AL-1-A Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
PACKAGE DIMENSIONS (UNIT : mm)
DIP Type
PS2501A-1
2.54
1.25±0.15
0.50±0.10
0.25 M
0 to 15
°
7.62
0.25
+0.1
–0.05
4.6±0.35
1
2
4
3
Lead Bending Type
PS2501AL-1
0.15
0.25 M
2.54
1.25±0.15
0.9±0.25
9.60±0.4
4.6±0.35
1
2
4
3
PHOTOCOUPLER CONSTRUCTION
Parameter
Unit (MIN.)
Air Distance
7 mm
Outer Creepage Distance
7 mm
Inner Creepage Distance
3.5 mm
Isolation Distance
0.3 mm
Data Sheet PN10221EJ06V0DS
2
PS2501A-1,PS2501AL-1


Similar Part No. - PS2501AL-1-A

ManufacturerPart #DatasheetDescription
logo
NEC
PS2501AL-1-E3 NEC-PS2501AL-1-E3 Datasheet
95Kb / 3P
   NECs HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE PHOTOCOUPLER SERIES
PS2501AL-1-E4 NEC-PS2501AL-1-E4 Datasheet
95Kb / 3P
   NECs HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE PHOTOCOUPLER SERIES
PS2501AL-1-F3 NEC-PS2501AL-1-F3 Datasheet
95Kb / 3P
   NECs HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE PHOTOCOUPLER SERIES
PS2501AL-1-F4 NEC-PS2501AL-1-F4 Datasheet
95Kb / 3P
   NECs HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE PHOTOCOUPLER SERIES
More results

Similar Description - PS2501AL-1-A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS2501-1 RENESAS-PS2501-1 Datasheet
258Kb / 15P
   HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
logo
California Eastern Labs
PS2561L-1 CEL-PS2561L-1 Datasheet
496Kb / 21P
   HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
PS2501-1 CEL-PS2501-1_13 Datasheet
243Kb / 13P
   HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
PS2561A-1 CEL-PS2561A-1_13 Datasheet
950Kb / 15P
   HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
logo
Renesas Technology Corp
PS2561-1 RENESAS-PS2561-1_15 Datasheet
311Kb / 21P
   HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
logo
celduc-relais
PS2501-1-L-A CELDUC-PS2501-1-L-A Datasheet
243Kb / 13P
   HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
logo
List of Unclassifed Man...
PS2501L-1-L ETC2-PS2501L-1-L Datasheet
243Kb / 13P
   HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
PS2501A-1 ETC1-PS2501A-1 Datasheet
371Kb / 12P
   HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
logo
NEC
PS2501-1 NEC-PS2501-1_1 Datasheet
126Kb / 13P
   HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
logo
California Eastern Labs
PS2501-1 CEL-PS2501-1 Datasheet
452Kb / 15P
   HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com