Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS2505-1-A Datasheet(PDF) 7 Page - California Eastern Labs

Part # PS2505-1-A
Description  HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE MULTI PHOTOCOUPLER SERIES
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS2505-1-A Datasheet(HTML) 7 Page - California Eastern Labs

Back Button PS2505-1-A Datasheet HTML 3Page - California Eastern Labs PS2505-1-A Datasheet HTML 4Page - California Eastern Labs PS2505-1-A Datasheet HTML 5Page - California Eastern Labs PS2505-1-A Datasheet HTML 6Page - California Eastern Labs PS2505-1-A Datasheet HTML 7Page - California Eastern Labs PS2505-1-A Datasheet HTML 8Page - California Eastern Labs PS2505-1-A Datasheet HTML 9Page - California Eastern Labs PS2505-1-A Datasheet HTML 10Page - California Eastern Labs PS2505-1-A Datasheet HTML 11Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Data Sheet PN10228EJ03V0DS
7
PS2505-1,-4,PS2505L-1,-4
1.2
–50
1.0
0.8
0.6
0.4
0.2
0
–25
0
25
50
75
100
50
10
1
0.1
10 k
5 k
1 k
500
100
50
10
1 000
100
10
1
100 k
50 k
10 k
5 k
1 k
500
100
0
–5
–10
–15
–20
0.5
1
2
5
10 20
50 100 200 500
IC = 2 mA,
VCC = 10 V,
CTR = 290%
tf
tr
td
ts
IF = 5 mA,
VCC = 5 V,
CTR = 290%
ts
td
tr
tf
IF = 5 mA,
VCE = 5 V
100
300
RL = 1 k
70
2
60
50
40
30
20
10
0
4
6
810
20
mA
IF = 5 mA
10
mA
50
mA
Collector to Emitter Voltage VCE (V)
COLLECTOR CURRENT vs.
COLLECTOR TO EMITTER VOLTAGE
Normalized to 1.0
at TA = 25
°C,
IF = 5 mA, VCE = 5 V
Forward Current IF (mA)
Ambient Temperature TA (
°C)
Load Resistance RL (
Ω)
Frequency f (kHz)
Load Resistance RL (
Ω)
NORMALIZED CURRENT TRANSFER
RATIO vs. AMBIENT TEMPERATURE
CURRENT TRANSFER RATIO vs.
FORWARD CURRENT
SWITCHING TIME vs.
LOAD RESISTANCE
SWITCHING TIME vs.
LOAD RESISTANCE
FREQUENCY RESPONSE
450
400
350
300
250
200
150
100
50
0
0.05 0.1
0.5
1
5
10
50
Sample A
B
C
D
VCE = 5 V
Remark
The graphs indicate nominal characteristics.


Similar Part No. - PS2505-1-A

ManufacturerPart #DatasheetDescription
logo
NEC
PS2505-1 NEC-PS2505-1 Datasheet
115Kb / 12P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE MULTI PHOTOCOUPLER SERIES
logo
ISOCOM COMPONENTS
PS2505-1 ISOCOM-PS2505-1 Datasheet
85Kb / 3P
   HIGH DENSITY A.C. INPUT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
logo
Renesas Technology Corp
PS2505-1 RENESAS-PS2505-1 Datasheet
5Mb / 13P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE
Dec 25, 2020
logo
ISOCOM COMPONENTS
PS2505-1X ISOCOM-PS2505-1X Datasheet
85Kb / 3P
   HIGH DENSITY A.C. INPUT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
logo
Renesas Technology Corp
PS2505-1 RENESAS-PS2505-1_15 Datasheet
262Kb / 15P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE MULTI PHOTOCOUPLER SERIES
More results

Similar Description - PS2505-1-A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS2565-1 RENESAS-PS2565-1_15 Datasheet
280Kb / 18P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE MULTI PHOTOCOUPLER SERIES
PS2505-1 RENESAS-PS2505-1_15 Datasheet
262Kb / 15P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE MULTI PHOTOCOUPLER SERIES
logo
NEC
PS2505-1 NEC-PS2505-1 Datasheet
115Kb / 12P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE MULTI PHOTOCOUPLER SERIES
logo
Renesas Technology Corp
PS2565-1 RENESAS-PS2565-1 Datasheet
288Kb / 18P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE MULTI PHOTOCOUPLER SERIES
logo
NEC
PS2565-1 NEC-PS2565-1 Datasheet
108Kb / 16P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE MULTI PHOTOCOUPLER SERIES
PS2705-1 NEC-PS2705-1_01 Datasheet
57Kb / 6P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SOP MULTI PHOTOCOUPLER
PS2705-1 NEC-PS2705-1_03 Datasheet
394Kb / 12P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SOP MULTI PHOTOCOUPLER
logo
List of Unclassifed Man...
PS2705-1-L-A ETC2-PS2705-1-L-A Datasheet
213Kb / 14P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SOP MULTI PHOTOCOUPLER
logo
California Eastern Labs
PS2565-1 CEL-PS2565-1 Datasheet
971Kb / 16P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE MULTI PHOTOCOUPLER SERIES
logo
NEC
PS2705-1 NEC-PS2705-1 Datasheet
117Kb / 12P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SOP MULTI PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com