Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OARSXPR002FLF Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # OARSXPR002FLF
Description  Surface Mount Sense Resistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

OARSXPR002FLF Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  OARSXPR002FLF Datasheet HTML 1Page - List of Unclassifed Manufacturers OARSXPR002FLF Datasheet HTML 2Page - List of Unclassifed Manufacturers OARSXPR002FLF Datasheet HTML 3Page - List of Unclassifed Manufacturers OARSXPR002FLF Datasheet HTML 4Page - List of Unclassifed Manufacturers OARSXPR002FLF Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Surface Mount
Sense Resistors
OARS, OARS-XP, OARSZ Series
www.bitechnologies.com www.irctt.com www.welwyn-tt.com
General Note
TT electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT electronics’ own data and is considered accurate at time of going to print.
© TT electronics plc
04.14
Surface Mount Sense Resistors
OARS, OARS-XP, OARSZ Series
Performance Data (AEC-Q200)
OARS1/3
<R004
R004 to R015
>R015
OARS-XP
<R002
R002 to R007
>R007
TCR (-55 to 125ºC)
ppm/ºC
240
40
40
Thermal Shock
R%
0.75
0.75
0.75
High Temp. Exposure (125ºC)
R%
1.75
0.5
1
Temp. Cycling (-40 to 125ºC)
R%
1
1
0.75
Operational Life
R%
2
1
1
Biased Humidity
R%
0.75
0.5
0.5
Mechanical Shock
R%
1.5
1
1
Vibration
R%
1
1
1
Terminal Strength
Meets JIS-C-6429
Solvent Resistance
Meets MIL-STD-002 Method 215
Solderability
Meets J-STD-002 Method B
Note: Temperature rise data are given here for typical mounting conditions. Actual figures depend on PCB copper weight, mounting pad size, track
width and substrate type. Also, the open air format responds better to forced air cooling than chip format resistors. For values below 5 milliohms
allowance should be made for heat generated in the copper tracks themselves. Application-specific guidance is available on request.
Temperature Derating
0
20
40
60
80
100
120
0
25
50
75
100
125
150
175
Ambient Temperature (Deg C)
Pulse Energy Rating
0
20
40
60
80
100
120
1
10
100
Value (milliohms)
OARS1/3
OARS-XP
Note: For OARS-1Z the above derating graph may be applied to
the square of the current rating.
Note: This graph relates to single pulses of short duration (≤ 100ms).
Higher energy limits apply for longer pulses and overloads
Hot Spot Temperature Rise
7.6mm x 7.6mm pads, 2 oz copper on FR4, still air
0
50
100
150
200
250
300
25%
50%
75%
100%
Proportion of Rated Power
50 / 25
30 / 15
10 / 5
5 / -
Value in milliohms
OARS1/3 / OARS-XP
Joint Temperature Rise
7.6mm x 7.6mm pads, 2 oz copper on FR4, still air
0
20
40
60
80
100
25%
50%
75%
100%
Proportion of Rated Power
5 / -
10 / 5
30 / 15
50 / 25
Value in milliohms
OARS1/3 / OARS-XP
07.11
Electrical Data
OARS1
OARS3
OARS-XP
Power rating
at 70°C ambient, or 140°C
terminal temperature
watts
2
3
5
Resistance range
ohms
R002 to R050
R002 to R015
R001 to R025
Resistance Tolerance
%
≤ R002: 5, > R002: 1, 5
Standard Values
(Enquire for unlisted values)
milliohms
2, 3, 4, 5, 10, 15, 20,
22, 25, 30, 40, 50
2, 3, 4, 5, 10, 15
1, 2, 2.5, 5, 7.5, 10,
20, 25
Inductance
nH
<10
Ambient temperature range
°C
-55 to +160
OARS-1Z
Comments
Current rating at 25°C ambient
amps
65
Zero-ohm jumper
Max residual resistance
milliohms
0.3
Ambient temperature range
°C
-55 to +160
Temperature Derating
OARSZ
OARS1/3/XP
Note: For OARS1/3/XP this relates to power rating, for OARSZ it relates to current rating.


Similar Part No. - OARSXPR002FLF

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
OARSXPR010FLF TTELEC-OARSXPR010FLF Datasheet
1Mb / 5P
   Surface Mount Sense Resistors
OARSXPR020FLF TTELEC-OARSXPR020FLF Datasheet
1Mb / 5P
   Surface Mount Sense Resistors
More results

Similar Description - OARSXPR002FLF

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
OARSXPR010FLF TTELEC-OARSXPR010FLF Datasheet
1Mb / 5P
   Surface Mount Sense Resistors
OARS1R050FLF TTELEC-OARS1R050FLF Datasheet
1Mb / 5P
   Surface Mount Sense Resistors
logo
Welwyn Components Limit...
OARS WELWYN-OARS Datasheet
2Mb / 3P
   Surface Mount Sense Resistors
logo
TT Electronics.
OARSXPR020FLF TTELEC-OARSXPR020FLF Datasheet
1Mb / 5P
   Surface Mount Sense Resistors
OARS1R025FLF TTELEC-OARS1R025FLF Datasheet
1Mb / 5P
   Surface Mount Sense Resistors
OARS3R003FLF TTELEC-OARS3R003FLF Datasheet
1Mb / 5P
   Surface Mount Sense Resistors
logo
KOA Speer Electronics, ...
SL1TTE20L0F KOA-SL1TTE20L0F Datasheet
284Kb / 2P
   surface mount molded current sense resistors
SL1TTE13L0F KOA-SL1TTE13L0F Datasheet
281Kb / 2P
   Surface mount molded current sense resistors
SLW07 KOA-SLW07 Datasheet
575Kb / 2P
   surface mount molded current sense resistors
SL1TTE51L0F KOA-SL1TTE51L0F Datasheet
327Kb / 3P
   surface mount molded current sense resistors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com