Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NX3008PBK Datasheet(PDF) 4 Page - NXP Semiconductors

Part # NX3008PBK
Description  30 V, 230 mA P-channel Trench MOSFET
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NX3008PBK Datasheet(HTML) 4 Page - NXP Semiconductors

  NX3008PBK Datasheet HTML 1Page - NXP Semiconductors NX3008PBK Datasheet HTML 2Page - NXP Semiconductors NX3008PBK Datasheet HTML 3Page - NXP Semiconductors NX3008PBK Datasheet HTML 4Page - NXP Semiconductors NX3008PBK Datasheet HTML 5Page - NXP Semiconductors NX3008PBK Datasheet HTML 6Page - NXP Semiconductors NX3008PBK Datasheet HTML 7Page - NXP Semiconductors NX3008PBK Datasheet HTML 8Page - NXP Semiconductors NX3008PBK Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
NX3008PBK
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 1 — 1 August 2011
4 of 16
NXP Semiconductors
NX3008PBK
30 V, 230 mA P-channel Trench MOSFET
Fig 1.
Normalized total power dissipation as a
function of junction temperature
Fig 2.
Normalized continuous drain current as a
function of junction temperature
IDM is a single pulse
(1) tp = 1 ms
(2) tp = 10 ms
(3) tp = 100 ms
(4) DC; Tsp = 25 °C
(5) DC; Tamb = 25 °C; 1 cm2 drain mounting pad
Fig 3.
Safe operating area; junction to ambient; continuous and peak drain currents as a function of drain-source
voltage
Tj (°C)
-75
175
125
25
75
-25
001aao121
40
80
120
Pder
(%)
0
Tj (°C)
-75
175
125
25
75
-25
001aao122
40
80
120
Ider
(%)
0
001aao255
VDS (V)
-10-1
-102
-10
-1
-1
-10-1
-10
lD
(A)
-10-2
(1)
(2)
(3)
(4)
(5)


Similar Part No. - NX3008PBK

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NX3008PBK NXP-NX3008PBK Datasheet
884Kb / 16P
   30 V, 230 mA P-channel Trench MOSFET
Rev. 1-1 August 2011
logo
Nexperia B.V. All right...
NX3008PBK NEXPERIA-NX3008PBK Datasheet
1Mb / 16P
   30 V, 230 mA P-channel Trench MOSFET
Rev. 1 - 1 August 2011
logo
VBsemi Electronics Co.,...
NX3008PBK VBSEMI-NX3008PBK Datasheet
494Kb / 9P
   P-Channel 30 V (D-S) MOSFET
logo
NXP Semiconductors
NX3008PBKMB NXP-NX3008PBKMB Datasheet
1Mb / 15P
   30 V, single P-channel Trench MOSFET
Rev. 1-11 May 2012
logo
Nexperia B.V. All right...
NX3008PBKMB NEXPERIA-NX3008PBKMB Datasheet
1Mb / 15P
   30 V, single P-channel Trench MOSFET
Rev. 1 - 11 May 2012
More results

Similar Description - NX3008PBK

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NX3008PBK PHILIPS-NX3008PBK_15 Datasheet
884Kb / 16P
   30 V, 230 mA P-channel Trench MOSFET
Rev. 1-1 August 2011
NX3008PBK NXP-NX3008PBK Datasheet
884Kb / 16P
   30 V, 230 mA P-channel Trench MOSFET
Rev. 1-1 August 2011
logo
Nexperia B.V. All right...
NX3008PBK NEXPERIA-NX3008PBK Datasheet
1Mb / 16P
   30 V, 230 mA P-channel Trench MOSFET
Rev. 1 - 1 August 2011
BSS84AKM NEXPERIA-BSS84AKM Datasheet
1Mb / 16P
   50 V, 230 mA P-channel Trench MOSFET
logo
NXP Semiconductors
BSS84AKM PHILIPS-BSS84AKM_15 Datasheet
859Kb / 16P
   50 V, 230 mA P-channel Trench MOSFET
Rev. 1-23 May 2011
logo
Nexperia B.V. All right...
NX3008PBKT NEXPERIA-NX3008PBKT Datasheet
1Mb / 17P
   30 V, 200 mA P-channel Trench MOSFET
Rev. 1 - 1 August 2011
logo
NXP Semiconductors
NX3008PBKW NXP-NX3008PBKW Datasheet
883Kb / 16P
   30 V, 200 mA P-channel Trench MOSFET
Rev. 1-1 August 2011
NX3008PBKT NXP-NX3008PBKT Datasheet
879Kb / 16P
   30 V, 200 mA P-channel Trench MOSFET
Rev. 1-1 August 2011
NX3008PBKW PHILIPS-NX3008PBKW_15 Datasheet
883Kb / 16P
   30 V, 200 mA P-channel Trench MOSFET
Rev. 1-1 August 2011
logo
Nexperia B.V. All right...
NX3008PBKW NEXPERIA-NX3008PBKW Datasheet
1Mb / 16P
   30 V, 200 mA P-channel Trench MOSFET
Rev. 1 - 1 August 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com