Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PX0769P Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PX0769P
Description  BUCCANEER FOR POWER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PX0769P Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PX0769P Datasheet HTML 1Page - List of Unclassifed Manufacturers PX0769P Datasheet HTML 2Page - List of Unclassifed Manufacturers PX0769P Datasheet HTML 3Page - List of Unclassifed Manufacturers PX0769P Datasheet HTML 4Page - List of Unclassifed Manufacturers PX0769P Datasheet HTML 5Page - List of Unclassifed Manufacturers PX0769P Datasheet HTML 6Page - List of Unclassifed Manufacturers PX0769P Datasheet HTML 7Page - List of Unclassifed Manufacturers PX0769P Datasheet HTML 8Page - List of Unclassifed Manufacturers PX0769P Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
www.bulgin.com
26
26
BUCCANEER FOR POWER
bulgin
a brand of Elektron Technology
26
Gland Nut
Flex Body Moulding
Locking Ring
Snap-on Connection for
Flexible Straps & Covers
Gland
Seals
Castellated/Hex Nut
Standard Buccaneer®
IP68 rating tested at 1.054kg/sq cm (15lb/sq in) 10m
depth for 2 weeks and 9.84kg/sq cm (140lb/sq in)
100m depth for 12 hours
IP69K rating tested to DIN 40050-9
Water and dustproof to IP68 & IP69K when mated
2, 3, 4, 6, 7, 9, 12 and 25 pole
12A, 277V ac/dc 2 pole screw terminal, 3 pole screw
terminal and crimp contacts
10A, 277V ac/dc 4 pole screw terminal
5A, 277V ac/dc 6 and 7 pole screw terminal
5A, 150V ac/dc 9 pole crimp contacts
5A, 50V ac/dc 12 pole crimp and solder contacts
1A, 50V ac/dc 25 pole crimp and solder contacts
BNC versions 50and 75
Plug or socket connection in each body style
Compact design
Diameter over coupling ring 38mm
Sealing caps available to maintain IP68 rating of
unmated connectors
7 body styles - flex cable, in-line flex cable, panel
mount (front), panel mount (rear), PCB mount,
bulkhead and flange mount
Leading earth contact for 3 pole socket version
Positive locating keyways - cannot be mis-connected
Easy assembly - no special tools required on screw
terminal versions
Cable range from 3.5mm - 9mm
Colour coded identification variants
Pre-wired, overmoulded cable assemblies
UL, CSA and VDE approvals
Gland Cage
Sealing Cap Clip
Contact Insert
Contact Insert
Insert Retaining Ring
Insert Retaining
Ring


Similar Part No. - PX0769P

ManufacturerPart #DatasheetDescription
logo
Elektron Components Ltd...
PX0705 BULGIN-PX0705 Datasheet
99Kb / 1P
   EN60 320-2-2 Standard Sheet H Class II
PX0705/28 BULGIN-PX0705/28 Datasheet
99Kb / 1P
   EN60 320-2-2 Standard Sheet H Class II
PX0711 BULGIN-PX0711 Datasheet
458Kb / 6P
   Ethernet Buccaneer짰
PX0711 BULGIN-PX0711 Datasheet
552Kb / 6P
   USB Buccaneer짰
PX0716 BULGIN-PX0716 Datasheet
85Kb / 1P
   Accessories
More results

Similar Description - PX0769P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PX0416 ETC2-PX0416 Datasheet
204Kb / 4P
   SMB Buccaneer
logo
Elektron Components Ltd...
PX0407 BULGIN-PX0407 Datasheet
65Kb / 1P
   Buccaneer Antenna
logo
List of Unclassifed Man...
PX0840A2M00 ETC2-PX0840A2M00 Datasheet
556Kb / 7P
   USB Buccaneer
SA3350 ETC2-SA3350 Datasheet
1Mb / 6P
   400 Series Buccaneer
SA3150 ETC2-SA3150 Datasheet
153Kb / 4P
   Mini Buccaneer
PX0413 ETC2-PX0413 Datasheet
95Kb / 2P
   400 Series Buccaneer
4000SERIES ETC2-4000SERIES Datasheet
1Mb / 6P
   4000 Series Buccaneer
logo
Elektron Components Ltd...
PX0441 BULGIN-PX0441 Datasheet
300Kb / 5P
   IP68 Sealed - Mini USB Buccaneer
logo
Panasonic Semiconductor
JW2SNBDC12V PANASONIC-JW2SNBDC12V Datasheet
141Kb / 7P
   power relays for power supply
2SB0944 PANASONIC-2SB0944 Datasheet
85Kb / 4P
   For Power Switching
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com