Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PX0761S Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # PX0761S
Description  BUCCANEER FOR POWER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PX0761S Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

  PX0761S Datasheet HTML 1Page - List of Unclassifed Manufacturers PX0761S Datasheet HTML 2Page - List of Unclassifed Manufacturers PX0761S Datasheet HTML 3Page - List of Unclassifed Manufacturers PX0761S Datasheet HTML 4Page - List of Unclassifed Manufacturers PX0761S Datasheet HTML 5Page - List of Unclassifed Manufacturers PX0761S Datasheet HTML 6Page - List of Unclassifed Manufacturers PX0761S Datasheet HTML 7Page - List of Unclassifed Manufacturers PX0761S Datasheet HTML 8Page - List of Unclassifed Manufacturers PX0761S Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
www.bulgin.com
34
34
BUCCANEER FOR POWER
bulgin
a brand of Elektron Technology
Sealed In-Line Cable Joiner
PX0777
PX0777/OR
IP68 Rating
For Sealed In-Line
Connections
Standard Cable Acceptance 6-
8mm
Cable Range 3.5-9mm (using
alternative glands)
Supplied with 3 way Terminal
Block
Available Moulded in Black or
Orange
Specification
PX0777
Rating:
16A, 250V a.c.
Wire Termination:
3 way Terminal Block (2.5mm2 -14 AWG max)
Cable Acceptance:
6-8mm dia
alternative glands available on request
Material:
Glass Filled Polyamide UL94HB
Sealing:
IP68 to BSEN 60529 : 1992 1.054kg/sq.cm.
(15lbs/sq.in.) 10m depth for 2 weeks
Operating Temp. Range:
–20˚C to +70˚C
Colour:
Black
Orange (Add /OR to PNo.)
BNC Cable Types:
50 ohm – RG58/CU, URM43 & URM76
For BNC version of PX0777 add
/50OHM to PNo.
Compliant
CABLE JOINER


Similar Part No. - PX0761S

ManufacturerPart #DatasheetDescription
logo
Elektron Components Ltd...
PX0705 BULGIN-PX0705 Datasheet
99Kb / 1P
   EN60 320-2-2 Standard Sheet H Class II
PX0705/28 BULGIN-PX0705/28 Datasheet
99Kb / 1P
   EN60 320-2-2 Standard Sheet H Class II
PX0711 BULGIN-PX0711 Datasheet
458Kb / 6P
   Ethernet Buccaneer짰
PX0711 BULGIN-PX0711 Datasheet
552Kb / 6P
   USB Buccaneer짰
PX0716 BULGIN-PX0716 Datasheet
85Kb / 1P
   Accessories
More results

Similar Description - PX0761S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PX0416 ETC2-PX0416 Datasheet
204Kb / 4P
   SMB Buccaneer
logo
Elektron Components Ltd...
PX0407 BULGIN-PX0407 Datasheet
65Kb / 1P
   Buccaneer Antenna
logo
List of Unclassifed Man...
PX0840A2M00 ETC2-PX0840A2M00 Datasheet
556Kb / 7P
   USB Buccaneer
SA3350 ETC2-SA3350 Datasheet
1Mb / 6P
   400 Series Buccaneer
SA3150 ETC2-SA3150 Datasheet
153Kb / 4P
   Mini Buccaneer
PX0413 ETC2-PX0413 Datasheet
95Kb / 2P
   400 Series Buccaneer
4000SERIES ETC2-4000SERIES Datasheet
1Mb / 6P
   4000 Series Buccaneer
logo
Elektron Components Ltd...
PX0441 BULGIN-PX0441 Datasheet
300Kb / 5P
   IP68 Sealed - Mini USB Buccaneer
logo
Panasonic Semiconductor
JW2SNBDC12V PANASONIC-JW2SNBDC12V Datasheet
141Kb / 7P
   power relays for power supply
2SB0944 PANASONIC-2SB0944 Datasheet
85Kb / 4P
   For Power Switching
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com