Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NVD5807NT4G Datasheet(PDF) 1 Page - ON Semiconductor

Part # NVD5807NT4G
Description  Power MOSFET 40 V, 23 A, Single N?묬hannel, DPAK/IPAK
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NVD5807NT4G Datasheet(HTML) 1 Page - ON Semiconductor

  NVD5807NT4G Datasheet HTML 1Page - ON Semiconductor NVD5807NT4G Datasheet HTML 2Page - ON Semiconductor NVD5807NT4G Datasheet HTML 3Page - ON Semiconductor NVD5807NT4G Datasheet HTML 4Page - ON Semiconductor NVD5807NT4G Datasheet HTML 5Page - ON Semiconductor NVD5807NT4G Datasheet HTML 6Page - ON Semiconductor NVD5807NT4G Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© Semiconductor Components Industries, LLC, 2014
June, 2014 − Rev. 5
1
Publication Order Number:
NTD5807N/D
NTD5807N, NVD5807N
Power MOSFET
40 V, 23 A, Single N−Channel, DPAK/IPAK
Features
Low RDS(on)
High Current Capability
Avalanche Energy Specified
AEC−Q101 Qualified and PPAP Capable − NVD5807N
These Devices are Pb−Free and are RoHS Compliant
Applications
CCFL Backlight
DC Motor Control
Class D Amplifier
Power Supply Secondary Side Synchronous Rectification
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Parameter
Symbol
Value
Unit
Drain−to−Source Voltage
VDSS
40
V
Gate−to−Source Voltage − Continuous
VGS
"20
V
Gate−to−Source Voltage
− Non−Repetitive (tp < 10 mS)
VGS
"30
V
Continuous Drain
Current (RqJC)
(Note 1)
Steady
State
TC = 25°C
ID
23
A
TC = 100°C
16
Power Dissipation
(RqJC) (Note 1)
TC = 25°C
PD
33
W
Pulsed Drain Current
tp = 10 ms
IDM
45
A
Operating Junction and Storage Temperature
TJ, Tstg
− 55 to
175
°C
Source Current (Body Diode)
IS
23
A
Single Pulse Drain−to−Source Avalanche
Energy (VDD = 50 V, VGS = 10 V, RG = 25 W,
IL(pk) = 14 A, L = 0.3 mH, VDS = 40 V)
EAS
29.4
mJ
Lead Temperature for Soldering Purposes
(1/8
″ from case for 10 s)
TL
260
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the
device. If any of these limits are exceeded, device functionality should not be
assumed, damage may occur and reliability may be affected.
THERMAL RESISTANCE MAXIMUM RATINGS
Parameter
Symbol
Value
Unit
Junction−to−Case (Drain)
RqJC
4.5
°C/W
Junction−to−Ambient − Steady State (Note 1)
RqJA
107
1. Surface−mounted on FR4 board using the minimum recommended pad size.
DPAK
CASE 369AA
(Surface Mount)
STYLE 2
MARKING DIAGRAMS
& PIN ASSIGNMENT
40 V
37 m
W @ 4.5 V
RDS(on) MAX
ID MAX
V(BR)DSS
31 m
W @ 10 V
http://onsemi.com
1 2
3
4
See detailed ordering and shipping information in the package
dimensions section on page 5 of this data sheet.
ORDERING INFORMATION
1
Gate
2
Drain 3
Source
4
Drain
A
= Assembly Location*
Y
= Year
WW
= Work Week
5807N = Device Code
G
= Pb−Free Package
23 A
G
S
N−CHANNEL MOSFET
D
IPAK
CASE 369D
(Straight Lead
DPAK)
1
2
3
4
4
Drain
2
Drain
1
Gate
3
Source
16 A
* The Assembly Location code (A) is front side
optional. In cases where the Assembly Location is
stamped in the package, the front side assembly
code may be blank.


Similar Part No. - NVD5807NT4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVD5802N ONSEMI-NVD5802N Datasheet
130Kb / 7P
   Power MOSFET 40 V, Single N?묬hannel, 101 A DPAK
August, 2011 ??Rev. 6
NVD5802NT4G ONSEMI-NVD5802NT4G Datasheet
130Kb / 7P
   Power MOSFET 40 V, Single N?묬hannel, 101 A DPAK
August, 2011 ??Rev. 6
NVD5802NT4G ONSEMI-NVD5802NT4G Datasheet
107Kb / 7P
   Power MOSFET
August, 2014 ??Rev. 7
NVD5803N ONSEMI-NVD5803N Datasheet
106Kb / 6P
   Power MOSFET 40 V, 85 A, Single N?묬hannel, DPAK
April, 2010 ??Rev. 0
NVD5803N ONSEMI-NVD5803N Datasheet
77Kb / 6P
   Power MOSFET
August, 2016 ??Rev. 2
More results

Similar Description - NVD5807NT4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTD5807N ONSEMI-NTD5807N Datasheet
138Kb / 6P
   Power MOSFET 40 V, 23 A, Single N?묬hannel, DPAK/IPAK
February, 2010 ??Rev. 2
NTD4813NH ONSEMI-NTD4813NH Datasheet
90Kb / 8P
   Power MOSFET 30 V, 40 A, Single N?묬hannel, DPAK/IPAK
December, 2006 ??Rev. 0
NTD5806N ONSEMI-NTD5806N Datasheet
140Kb / 7P
   Power MOSFET 40 V, 33 A, Single N?묬hannel, DPAK/IPAK
February, 2010 ??Rev. 3
NTD4965N ONSEMI-NTD4965N Datasheet
118Kb / 7P
   Power MOSFET 30 V, 68 A, Single N?묬hannel, DPAK/IPAK
April, 2011 ??Rev. 1
NTD4959N ONSEMI-NTD4959N Datasheet
151Kb / 8P
   Power MOSFET 30 V, 58 A, Single N?묬hannel, DPAK/IPAK
June, 2010 ??Rev. 1
NTD4959NH ONSEMI-NTD4959NH Datasheet
152Kb / 8P
   Power MOSFET 30 V, 58 A, Single N?묬hannel, DPAK/IPAK
May, 2009 ??Rev. 0
NVD4804NT4G ONSEMI-NVD4804NT4G Datasheet
92Kb / 8P
   Power MOSFET 30 V, 117 A, Single N?묬hannel, DPAK/IPAK
May, 2014 ??Rev. 9
NTD4810NH ONSEMI-NTD4810NH Datasheet
89Kb / 8P
   Power MOSFET 30 V, 54 A, Single N?묬hannel, DPAK/IPAK
December, 2006 ??Rev. 0
NTD4806N ONSEMI-NTD4806N_V01 Datasheet
119Kb / 8P
   Power MOSFET 30 V, 76 A, Single N?묬hannel, DPAK/IPAK
June, 2014 ??Rev. 10
NTD4809NH ONSEMI-NTD4809NH_07 Datasheet
81Kb / 8P
   Power MOSFET 30 V, 58 A, Single N?묬hannel, DPAK/IPAK
March, 2007 Rev. 3
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com