Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTD4804NT4G Datasheet(PDF) 5 Page - ON Semiconductor

Part # NTD4804NT4G
Description  Power MOSFET 30 V, 117 A, Single N?묬hannel, DPAK/IPAK
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTD4804NT4G Datasheet(HTML) 5 Page - ON Semiconductor

  NTD4804NT4G Datasheet HTML 1Page - ON Semiconductor NTD4804NT4G Datasheet HTML 2Page - ON Semiconductor NTD4804NT4G Datasheet HTML 3Page - ON Semiconductor NTD4804NT4G Datasheet HTML 4Page - ON Semiconductor NTD4804NT4G Datasheet HTML 5Page - ON Semiconductor NTD4804NT4G Datasheet HTML 6Page - ON Semiconductor NTD4804NT4G Datasheet HTML 7Page - ON Semiconductor NTD4804NT4G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
NTD4804N, NVD4804N
http://onsemi.com
5
TYPICAL PERFORMANCE CURVES
Crss
15
0
10
15
25
GATE−TO−SOURCE OR DRAIN−TO−SOURCE VOLTAGE (VOLTS)
Figure 7. Capacitance Variation
1000
0
VGS
VDS
2000
55
VGS = 0 V
VDS = 0 V
TJ = 25°C
Ciss
Coss
Crss
Ciss
3000
6000
Figure 8. Gate−To−Source and Drain−To−Source
Voltage vs. Total Charge
0
2
0
QG, TOTAL GATE CHARGE (nC)
4
10
5
ID = 30 A
TJ = 25°C
Q2
Q1
QT
30
15
0
0
VSD, SOURCE−TO−DRAIN VOLTAGE (VOLTS)
Figure 9. Resistive Switching Time
Variation vs. Gate Resistance
RG, GATE RESISTANCE (OHMS)
1
10
100
1000
1
VGS = 0 V
Figure 10. Diode Forward Voltage vs. Current
100
0.2
0.4
1.0
5
10
15
tr
td(off)
td(on)
tf
10
VDD = 15 V
ID = 30 A
VGS = 11.5 V
0.6
0.8
20
30
25
TJ = 25°C
Figure 11. Maximum Rated Forward Biased
Safe Operating Area
0.1
1
100
VDS, DRAIN−TO−SOURCE VOLTAGE (VOLTS)
1000
RDS(on) LIMIT
THERMAL LIMIT
PACKAGE LIMIT
10
10
VGS = 20 V
SINGLE PULSE
TC = 25°C
1 ms
100
ms
10 ms
dc
10
ms
20
1
100
0
25
TJ, JUNCTION TEMPERATURE (°C)
ID = 30 A
Figure 12. Maximum Avalanche Energy vs.
Starting Junction Temperature
50
75
175
100
100
125
200
150
4000
1
3
5
20
300
400
500
30
10
5000
25


Similar Part No. - NTD4804NT4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTD4804NT4G ONSEMI-NTD4804NT4G Datasheet
280Kb / 8P
   Power MOSFET 30 V, 117 A, Single N--Channel, DPAK/IPAK
June, 2010 -- Rev. 6
NTD4804NT4G ONSEMI-NTD4804NT4G Datasheet
95Kb / 8P
   Power MOSFET
November, 2016 ??Rev. 10
logo
VBsemi Electronics Co.,...
NTD4804NT4G VBSEMI-NTD4804NT4G Datasheet
1,002Kb / 7P
   N-Channel 30-V (D-S) MOSFET
logo
Guangdong Youtai Semico...
NTD4804NT4G UMW-NTD4804NT4G Datasheet
399Kb / 7P
   30V N-Channel MOSFET
More results

Similar Description - NTD4804NT4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTD4804N ONSEMI-NTD4804N Datasheet
280Kb / 8P
   Power MOSFET 30 V, 117 A, Single N--Channel, DPAK/IPAK
June, 2010 -- Rev. 6
NTD4965N ONSEMI-NTD4965N Datasheet
118Kb / 7P
   Power MOSFET 30 V, 68 A, Single N?묬hannel, DPAK/IPAK
April, 2011 ??Rev. 1
NTD4959N ONSEMI-NTD4959N Datasheet
151Kb / 8P
   Power MOSFET 30 V, 58 A, Single N?묬hannel, DPAK/IPAK
June, 2010 ??Rev. 1
NTD4959NH ONSEMI-NTD4959NH Datasheet
152Kb / 8P
   Power MOSFET 30 V, 58 A, Single N?묬hannel, DPAK/IPAK
May, 2009 ??Rev. 0
NTD4810NH ONSEMI-NTD4810NH Datasheet
89Kb / 8P
   Power MOSFET 30 V, 54 A, Single N?묬hannel, DPAK/IPAK
December, 2006 ??Rev. 0
NTD4806N ONSEMI-NTD4806N_V01 Datasheet
119Kb / 8P
   Power MOSFET 30 V, 76 A, Single N?묬hannel, DPAK/IPAK
June, 2014 ??Rev. 10
NTD4809NH ONSEMI-NTD4809NH_07 Datasheet
81Kb / 8P
   Power MOSFET 30 V, 58 A, Single N?묬hannel, DPAK/IPAK
March, 2007 Rev. 3
NTD4905N ONSEMI-NTD4905N Datasheet
148Kb / 8P
   Power MOSFET 30 V, 67 A, Single N?묬hannel, DPAK/IPAK
June, 2009 ??Rev. 0
NTD4809NH ONSEMI-NTD4809NH Datasheet
81Kb / 8P
   Power MOSFET 30 V, 58 A, Single N?묬hannel, DPAK/IPAK
November, 2006 ??Rev. 1
NTD4813NH ONSEMI-NTD4813NH Datasheet
90Kb / 8P
   Power MOSFET 30 V, 40 A, Single N?묬hannel, DPAK/IPAK
December, 2006 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com