Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NUC122SC1AN Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # NUC122SC1AN
Description  ARM Cortex짰-M0 32-BIT MICROCONTROLLER
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

NUC122SC1AN Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button NUC122SC1AN Datasheet HTML 4Page - List of Unclassifed Manufacturers NUC122SC1AN Datasheet HTML 5Page - List of Unclassifed Manufacturers NUC122SC1AN Datasheet HTML 6Page - List of Unclassifed Manufacturers NUC122SC1AN Datasheet HTML 7Page - List of Unclassifed Manufacturers NUC122SC1AN Datasheet HTML 8Page - List of Unclassifed Manufacturers NUC122SC1AN Datasheet HTML 9Page - List of Unclassifed Manufacturers NUC122SC1AN Datasheet HTML 10Page - List of Unclassifed Manufacturers NUC122SC1AN Datasheet HTML 11Page - List of Unclassifed Manufacturers NUC122SC1AN Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 65 page
background image
NuMicro
NUC122 Datasheet
May 16, 2014
Page 8 of 65
Revision 1.09
Watchdog Timer
Multiple clock sources
8 selectable time-out period from 1.6 ms ~ 26.0 sec (depends on clock source)
WDT can wake-up from power down or idle mode
Interrupt or reset selectable while Watchdog Timer time-out
RTC
Support software compensation by setting frequency compensate register (FCR)
Support RTC counter (second, minute, hour) and calendar counter (day, month, year)
Support Alarm registers (second, minute, hour, day, month, year)
12-hour or 24-hour mode
Automatic leap year recognition
Support time tick interrupt
Support wake-up function
PWM/Capture
Built-in up to two 16-bit PWM generators provide four PWM outputs or two complementary
paired PWM outputs
Each PWM generator equipped with one clock source selector, one clock divider, one 8-bit
prescaler and one Dead-Zone generator for complementary paired PWM
Up to four 16-bit digital Capture timers (shared with PWM timers) provide four rising/falling
capture inputs
Support Capture interrupt
UART
Two UART controllers
UART ports with flow control (TXD, RXD, CTS and RTS)
UART ports with 16-byte FIFO for standard device
Support IrDA (SIR) function
Support RS-485 9-bit mode and direction control
Programmable baud-rate generator up to 1/16 system clock
SPI
Up to two sets of SPI device
Master up to 25 MHz, and Slave up to 12 MHz (chip is working @ 5 V)
Support SPI master/slave mode
Full duplex synchronous serial data transfer
Variable length of transfer data from 1 to 32 bits
MSB or LSB first data transfer
2 slave/device select lines when it is as the master, and 1 slave/device select line when it is
as the slave
Byte suspend mode in 32-bit transmission


Similar Part No. - NUC122SC1AN

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NUC122SC1AN ETC2-NUC122SC1AN Datasheet
1Mb / 66P
   32-BIT MICROCONTROLLER
logo
Nuvoton Technology Corp...
NUC122SC1AN NUVOTON-NUC122SC1AN Datasheet
1Mb / 66P
   ARM Cortex짰 -M0 32-BIT MICROCONTROLLER
More results

Similar Description - NUC122SC1AN

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
MINI57 NUVOTON-MINI57 Datasheet
2Mb / 131P
   ARM Cortex짰-M0 32-bit Microcontroller
logo
NXP Semiconductors
LPC8N04 NXP-LPC8N04 Datasheet
1Mb / 39P
   32-bit ARM Cortex짰-M0 microcontroller
Rev. 1.4-8 June 2018
logo
Nuvoton Technology Corp...
M058S NUVOTON-M058S Datasheet
2Mb / 72P
   ARM Cortex짰-M0 32-bit Microcontroller
NUC121 NUVOTON-NUC121 Datasheet
2Mb / 148P
   ARM Cortex짰 -M0 32-bit Microcontroller
NUC122 NUVOTON-NUC122 Datasheet
1Mb / 66P
   ARM Cortex짰 -M0 32-BIT MICROCONTROLLER
NUC2201 NUVOTON-NUC2201 Datasheet
1Mb / 82P
   Arm Cortex짰-M0 32-bit Microcontroller
logo
NXP Semiconductors
LPC81XM NXP-LPC81XM_18 Datasheet
888Kb / 78P
   32-bit ARM짰 Cortex짰-M0 microcontroller
Rev. 4.6-4 April 2018
LPC804 NXP-LPC804 Datasheet
2Mb / 81P
   32-bit Arm짰 Cortex짰-M0 microcontroller
Rev. 1.3-23 March 2018
LPC83X NXP-LPC83X Datasheet
1Mb / 78P
   32-bit ARM짰 Cortex짰-M0 microcontroller
Rev. 1.2-4 April 2018
logo
Nuvoton Technology Corp...
NUC029 NUVOTON-NUC029 Datasheet
1Mb / 102P
   ARM짰 Cortex짰-M0 32-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com