Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A-4094-06A197 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # A-4094-06A197
Description  KK짰 254 Wire-to-Board Header, Single Row, Right Angle, 6 Circuits, PA Polyamide Nylon, Tin (Sn) Plating
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

A-4094-06A197 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  A-4094-06A197 Datasheet HTML 1Page - Molex Electronics Ltd. A-4094-06A197 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Electrical
Current - Maximum per Contact
4A
Voltage - Maximum
250V
Solder Process Data
Duration at Max. Process Temperature (seconds)
5
Lead-free Process Capability
Wave Capable (TH only)
Max. Cycles at Max. Process Temperature
1
Process Temperature max. C
235
Material Info
Old Part Number
A-4094-06A197
Reference - Drawing Numbers
Product Specification
PS-10-07
Sales Drawing
SDA-4094
This document was generated on 04/03/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - A-4094-06A197

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
A-4094-06A102 MOLEX2-A-4094-06A102 Datasheet
462Kb / 5P
   2.54mm (.100) Pitch KK짰 Wire-to-Board Header, Single Row, Right Angle, 6 Circuits, PA Polyamide Nylon, Tin (Sn) Plating
More results

Similar Description - A-4094-06A197

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
22-05-2021 MOLEX11-22-05-2021 Datasheet
51Kb / 2P
   KK짰 254 Wire-to-Board Header, Single Row, Right Angle, 2 Circuits, PA Polyamide Nylon, Tin (Sn) Plating
22-05-2041 MOLEX11-22-05-2041 Datasheet
51Kb / 2P
   KK짰 254 Wire-to-Board Header, Single Row, Right Angle, 4 Circuits, PA Polyamide Nylon, Tin (Sn) Plating
22-05-2101 MOLEX11-22-05-2101 Datasheet
51Kb / 2P
   KK짰 254 Wire-to-Board Header, Single Row, Right Angle, 10 Circuits, PA Polyamide Nylon, Tin (Sn) Plating
22-05-2151 MOLEX2-22-05-2151 Datasheet
50Kb / 2P
   KK짰 254 Wire-to-Board Header, Single Row, Right Angle, 15 Circuits, PA Polyamide Nylon, Tin (Sn) Plating
22-05-2071 MOLEX11-22-05-2071 Datasheet
50Kb / 2P
   KK짰 254 Wire-to-Board Header, Single Row, Right Angle, 7 Circuits, PA Polyamide Nylon, Tin (Sn) Plating
22-05-2081 MOLEX11-22-05-2081 Datasheet
51Kb / 2P
   KK짰 254 Wire-to-Board Header, Single Row, Right Angle, 8 Circuits, PA Polyamide Nylon, Tin (Sn) Plating
22-05-2161 MOLEX2-22-05-2161 Datasheet
50Kb / 2P
   KK짰 254 Wire-to-Board Header, Single Row, Right Angle, 16 Circuits, PA Polyamide Nylon, Tin (Sn) Plating
22-05-2111 MOLEX11-22-05-2111 Datasheet
51Kb / 2P
   KK짰 254 Wire-to-Board Header, Single Row, Right Angle, 11 Circuits, PA Polyamide Nylon, Tin (Sn) Plating
22-05-2141 MOLEX2-22-05-2141 Datasheet
51Kb / 2P
   KK짰 254 Wire-to-Board Header, Single Row, Right Angle, 14 Circuits, PA Polyamide Nylon, Tin (Sn) Plating
22-05-2031 MOLEX11-22-05-2031 Datasheet
54Kb / 2P
   KK짰 254 Wire-to-Board Header, Single Row, Right Angle, 3 Circuits, PA Polyamide Nylon, Tin (Sn) Plating
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com