Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

22-05-1072 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 22-05-1072
Description  Mini-Latch??Wire-to-Board Header, Right Angle, Friction Lock, 7 Circuits, Tin (Sn) Plating
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

22-05-1072 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  22-05-1072 Datasheet HTML 1Page - Molex Electronics Ltd. 22-05-1072 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 05/14/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
22-05-1072
Status:
Active
Overview:
Mini-Latch™ Wire-to-Board System
Description:
Mini-Latch™ Wire-to-Board Header, Right Angle, Friction Lock, 7 Circuits, Tin (Sn)
Plating
Documents:
3D Model
Product Specification PS-51191-002 (PDF)
Drawing (PDF)
Packaging Specification SPK-5046-001 (PDF)
Product Specification PS-5046-002 (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-5102-002 (PDF)
Agency Certification
UL
E29179
General
Product Family
PCB Headers
Series
5046
Application
Signal, Wire-to-Board
Overview
Mini-Latch™ Wire-to-Board System
Product Name
Mini-Latch™
UPC
800753740044
Physical
Breakaway
No
Circuits (Loaded)
7
Circuits (maximum)
7
Durability (mating cycles max)
30
First Mate / Last Break
No
Flammability
94V-0
Glow-Wire Compliant
No
Guide to Mating Part
No
Keying to Mating Part
None
Lock to Mating Part
Yes
Material - Metal
Brass
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Net Weight
894.700/mg
Number of Rows
1
Orientation
Right Angle
PC Tail Length
3.40mm
PCB Locator
No
PCB Retention
None
PCB Thickness - Recommended
1.60mm
Packaging Type
Bag
Pitch - Mating Interface
2.50mm
Pitch - Termination Interface
2.50mm
Plating min - Mating
5.080µm
Plating min - Termination
5.080µm
Polarized to PCB
No
Shrouded
Partial
Stackable
No
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
-40°C to +105°C
Termination Interface: Style
Through Hole
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Low-Halogen Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
5046Series
Mates With
51191 KK® Wire-to-Board Header


Similar Part No. - 22-05-1072

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
22-05-1072 MOLEX2-22-05-1072 Datasheet
104Kb / 3P
   2.50mm (.098) Pitch Wire-to-Board Header, Right Angle, Friction Lock, 7 Circuits, Tin (Sn) Plating
More results

Similar Description - 22-05-1072

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
22-05-1052 MOLEX11-22-05-1052 Datasheet
44Kb / 2P
   Mini-Latch??Wire-to-Board Header, Right Angle, Friction Lock, 5 Circuits, Tin (Sn) Plating
22-05-1062 MOLEX11-22-05-1062 Datasheet
44Kb / 2P
   Mini-Latch??Wire-to-Board Header, Right Angle, Friction Lock, 6 Circuits, Tin (Sn) Plating
22-05-1082 MOLEX11-22-05-1082 Datasheet
44Kb / 2P
   Mini-Latch??Wire-to-Board Header, Right Angle, Friction Lock, 8 Circuits, Tin (Sn) Plating
22-05-1112 MOLEX11-22-05-1112 Datasheet
55Kb / 2P
   Mini-Latch??Wire-to-Board Header, Right Angle, Friction Lock, 11 Circuits, Tin (Sn) Plating
22-05-1022 MOLEX11-22-05-1022 Datasheet
44Kb / 2P
   Mini-Latch??Wire-to-Board Header, Right Angle, Friction Lock, 2 Circuits, Tin (Sn) Plating
22-05-1042 MOLEX11-22-05-1042 Datasheet
44Kb / 2P
   Mini-Latch??Wire-to-Board Header, Right Angle, Friction Lock, 4 Circuits, Tin (Sn) Plating
22-05-1102 MOLEX11-22-05-1102 Datasheet
44Kb / 2P
   Mini-Latch??Wire-to-Board Header, Right Angle, Friction Lock, 10 Circuits, Tin (Sn) Plating
22-05-1122 MOLEX11-22-05-1122 Datasheet
44Kb / 2P
   Mini-Latch??Wire-to-Board Header, Right Angle, Friction Lock, 12 Circuits, Tin (Sn) Plating
22-05-1152 MOLEX11-22-05-1152 Datasheet
44Kb / 2P
   Mini-Latch??Wire-to-Board Header, Right Angle, Friction Lock, 15 Circuits, Tin (Sn) Plating
22-05-1032 MOLEX11-22-05-1032 Datasheet
44Kb / 2P
   Mini-Latch??Wire-to-Board Header, Right Angle, Friction Lock, 3 Circuits, Tin (Sn) Plating
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com