Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFT4 Datasheet(PDF) 1 Page - EIC discrete Semiconductors

Part # SFT4
Description  SUPER FAST RECTIFIER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

SFT4 Datasheet(HTML) 1 Page - EIC discrete Semiconductors

  SFT4 Datasheet HTML 1Page - EIC discrete Semiconductors SFT4 Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SFT1 - SFT9
SUPER FAST RECTIFIER DIODES
PRV : 50 - 1000 Volts
Io : 2.5 Amperes
FEATURES :
* High current capability
* High surge current capability
* High reliability
* Low reverse current
* Low forward voltage drop
* Super fast recovery time
MECHANICAL DATA :
* Case : D2A Molded plastic
* Epoxy : UL94V-O rate flame retardant
* Lead : Axial lead solderable per MIL-STD-202,
Method 208 guaranteed
* Polarity : Color band denotes cathode end
* Mounting position : Any
* Weight : 0.645 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25
°C ambient temperature unless otherw ise specified.
Single phase, half w ave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
SYMBOL SFT1
SFT2
SFT3
SFT4
SFT5
SFT6
SFT7
SFT8
SFT9 UNITS
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
150
200
300
400
600
800
1000
Volts
Maximum RMS Voltage
VRMS
35
70
105
140
210
280
420
560
700
Volts
Maximum DC Blocking Voltage
VDC
50
100
150
200
300
400
600
800
1000
Volts
Maximum Average Forward Current
0.375"(9.5mm) Lead Length
Ta = 55
°C
IF(AV)
2.5
Amps.
Peak Forward Surge Current
8.3 ms. Single half sine wave Superimposed
on rated load (JEDEC Method)
IFSM
100
Amps.
Maximum Peak Forward Voltage at IF = 2.5 A.
VF
0.95
1.4
1.7
Volts
Maximum DC Reverse Current
Ta = 25
°C
IR
5
µA
at Rated DC Blocking Voltage
Ta = 100
°C
IR(H)
50
µA
Maximum Reverse Recovery Time ( Note 1 )
Trr
35
ns
Typical Junction Capacitance ( Note 2 )
CJ
50
pf
Junction Temperature Range
TJ
- 65 to + 150
°C
Storage Temperature Range
TSTG
- 65 to + 150
°C
Notes :
( 1 ) Reverse Recovery Test Conditions : IF = 0.5 A, IR = 1.0 A, Irr = 0.25 A.
( 2 ) Measured at 1.0 MHz and applied reverse voltage of 4.0 VDC
UPDATE : APRIL 23, 1998
RATING
D2A
0.040 (1.02)
0.0385 (0.98)
1.00 (25.4)
MIN.
0.161 (4.1)
0.154 (3.9)
0.284 (7.2)
0.268 (6.8)
1.00 (25.4)
MIN.
Dimensions in inches and ( millimeters )


Similar Part No. - SFT4

ManufacturerPart #DatasheetDescription
logo
SynSemi, Inc.
SFT4 SYNSEMI-SFT4 Datasheet
34Kb / 2P
   SUPER FAST RECTIFIER DIODES
logo
EIC discrete Semiconduc...
SFT4 EIC-SFT4 Datasheet
39Kb / 2P
   SUPER FAST RECTIFIER DIODES
logo
Solid States Devices, I...
SFT4100 SSDI-SFT4100 Datasheet
150Kb / 2P
   HIGH SPEED NPN TRANSISTOR
SFT4300 SSDI-SFT4300 Datasheet
245Kb / 2P
   2 AMP 150 VOLTS NPN TRANSISTOR
SFT4300 SSDI-SFT4300 Datasheet
79Kb / 2P
   2 AMP, 150 Volts NPN Transistor
More results

Similar Description - SFT4

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SF21 EIC-SF21 Datasheet
48Kb / 2P
   SUPER FAST RECTIFIER DIODES
SFT1 EIC-SFT1_05 Datasheet
39Kb / 2P
   SUPER FAST RECTIFIER DIODES
logo
SynSemi, Inc.
SFT1 SYNSEMI-SFT1 Datasheet
34Kb / 2P
   SUPER FAST RECTIFIER DIODES
logo
SUNMATE electronic Co.,...
SF21G SUNMATE-SF21G Datasheet
285Kb / 2P
   SUPER FAST RECTIFIER DIODES
BYM26A SUNMATE-BYM26A Datasheet
354Kb / 2P
   SUPER FAST RECTIFIER DIODES
31GF2 SUNMATE-31GF2 Datasheet
428Kb / 2P
   SUPER FAST RECTIFIER DIODES
logo
EIC discrete Semiconduc...
RG10 EIC-RG10_05 Datasheet
42Kb / 2P
   SUPER FAST RECTIFIER DIODES
logo
SynSemi, Inc.
SF61 SYNSEMI-SF61 Datasheet
36Kb / 2P
   SUPER FAST RECTIFIER DIODES
logo
EIC discrete Semiconduc...
RG10 EIC-RG10 Datasheet
31Kb / 2P
   SUPER FAST RECTIFIER DIODES
SF31 EIC-SF31 Datasheet
31Kb / 2P
   SUPER FAST RECTIFIER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com