Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1652 Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCP1652
Description  High-Efficiency Single Stage Power Factor Correction and Step-Down Controller
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1652 Datasheet(HTML) 5 Page - ON Semiconductor

  NCP1652 Datasheet HTML 1Page - ON Semiconductor NCP1652 Datasheet HTML 2Page - ON Semiconductor NCP1652 Datasheet HTML 3Page - ON Semiconductor NCP1652 Datasheet HTML 4Page - ON Semiconductor NCP1652 Datasheet HTML 5Page - ON Semiconductor NCP1652 Datasheet HTML 6Page - ON Semiconductor NCP1652 Datasheet HTML 7Page - ON Semiconductor NCP1652 Datasheet HTML 8Page - ON Semiconductor NCP1652 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
NCP1652, NCP1652A
http://onsemi.com
5
MAXIMUM RATINGS (Notes 1 and 2)
Rating
Symbol
Value
Unit
Start_up Input Voltage
Start_up Input Current
VHV
IHV
−0.3 to 500
$100
V
mA
Power Supply Input Voltage
Power Supply Input Current
VCC
ICC
−0.3 to 20
$100
V
mA
Latch Input Voltage
Latch Input Current
VLatch
ILatch
−0.3 to 10
$100
V
mA
OUTA Pin Voltage
OUTA Pin Current
VoutA
IoutA
−0.3 to 20
$1.0
V
A
OUTB Pin Voltage
OUTB Pin Current
VoutB
IoutB
−0.3 to 20
$600
V
mA
All Other Pins Voltage
All Other Pins Current
−0.3 to 6.5
$100
V
mA
Thermal Resistance, Junction−to−Air
0.1 in” Copper
0.5 in” Copper
qJA
130
110
°C/W
Thermal Resistance, Junction−to−Lead
RΘJL
50
°C/W
Maximum Power Dissipation @ TA = 25°C
PMAX
0.77
W
Operating Temperature Range
TJ
−40 to 125
°C
Storage Temperature Range
TSTG
−55 to 150
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. This device series contains ESD protection and exceeds the following tests:
16 pin package:
Pin 1−15: Human Body Model 2000 V per JEDEC standard JESD22, Method A114.
Machine Model 200 V per JEDEC standard JESD22, Method A115.
Pin 16 is the high voltage startup of the device and is rated to the maximum rating of the part, 500 V.
20 pin package:
Pin 1−19: Human Body Model 2000 V per JEDEC standard JESD22, Method A114.
Machine Model 200 V per JEDEC standard JESD22, Method A115.
Pin 20 is the high voltage startup of the device and it is rated to the maximum
rating of the part, or 500 V.
2. This device contains Latchup protection and exceeds ±100 mA per JEDEC Standard JESD78.


Similar Part No. - NCP1652

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1652 ONSEMI-NCP1652 Datasheet
739Kb / 6P
   Power Factor Controllers
Rev. 7, Sep-2006
NCP1652 ONSEMI-NCP1652 Datasheet
346Kb / 34P
   High-Efficiency Single Stage Power Factor Correction and Step-Down Controller
April, 2010 ??Rev. 3
NCP1652A ONSEMI-NCP1652A Datasheet
346Kb / 34P
   High-Efficiency Single Stage Power Factor Correction and Step-Down Controller
April, 2010 ??Rev. 3
NCP1652ADR2G ONSEMI-NCP1652ADR2G Datasheet
346Kb / 34P
   High-Efficiency Single Stage Power Factor Correction and Step-Down Controller
April, 2010 ??Rev. 3
NCP1652 ONSEMI-NCP1652_10 Datasheet
346Kb / 34P
   High-Efficiency Single Stage Power Factor Correction and Step-Down Controller
April, 2010 ??Rev. 3
More results

Similar Description - NCP1652

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1652ADR2G ONSEMI-NCP1652ADR2G Datasheet
346Kb / 34P
   High-Efficiency Single Stage Power Factor Correction and Step-Down Controller
April, 2010 ??Rev. 3
NCP1652 ONSEMI-NCP1652_10 Datasheet
346Kb / 34P
   High-Efficiency Single Stage Power Factor Correction and Step-Down Controller
April, 2010 ??Rev. 3
NCL30001 ONSEMI-NCL30001 Datasheet
280Kb / 31P
   High-Efficiency Single Stage Power Factor Correction and Step-Down Offline LED Driver
March, 2010 ??Rev. 0
NCL30001 ONSEMI-NCL30001_15 Datasheet
287Kb / 31P
   High-Efficiency Single Stage Power Factor Correction
February, 2015 ??Rev. 1
NCP1615 ONSEMI-NCP1615 Datasheet
1Mb / 44P
   High Voltage High Efficiency Power Factor Correction Controller
November, 2013 ??Rev. 1
NCP1616 ONSEMI-NCP1616 Datasheet
1Mb / 35P
   High Voltage High Efficiency Power Factor Correction Controller
November, 2017 ??Rev. 0
NCP1615 ONSEMI-NCP1615_16 Datasheet
1Mb / 46P
   High Voltage High Efficiency Power Factor Correction Controller
June, 2016 ??Rev. 8
NCP1651D ONSEMI-NCP1651D Datasheet
785Kb / 32P
   Single Stage Power Factor Controller
December, 2010 -- Rev. 9
NCP1651 ONSEMI-NCP1651 Datasheet
57Kb / 8P
   Single Stage Power Factor Controller
December, 2004 ??Rev. 5
logo
Bellnix Co.,Ltd.
BPF BELLNIX-BPF Datasheet
666Kb / 10P
   Compact and high efficiency power factor correction unit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com