Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

22-04-1041 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 22-04-1041
Description  Mini-Latch??Wire-to-Board Header, Vertical, with Friction Ramp, 4 Circuits, Tin (Sn) Plating
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

22-04-1041 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  22-04-1041 Datasheet HTML 1Page - Molex Electronics Ltd. 22-04-1041 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Stackable
No
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
-40°C to +105°C
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
3A
Voltage - Maximum
250V
Material Info
Old Part Number
5045-04A
Reference - Drawing Numbers
Packaging Specification
SPK-5045-001
Product Specification
PS-5045-001, PS-5045-002, PS-5051-001,
PS-5051-005, PS-5102-001, PS-5102-002,
PS-51191-002, RPS-5045-001, RPS-51191-007
Sales Drawing
SD-5045-NA
This document was generated on 05/14/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 22-04-1041

ManufacturerPart #DatasheetDescription
logo
MolexKits
22-04-1041 MOLEXKITS-22-04-1041 Datasheet
38Kb / 2P
   Friction Lock Vertical Header and Receptacle
22-04-1041 MOLEXKITS-22-04-1041 Datasheet
38Kb / 2P
   Friction Lock Vertical and Right Angle Header and Receptacle
22-04-1041 MOLEXKITS-22-04-1041 Datasheet
20Kb / 3P
   Receptacles, Vertical Headers
22-04-1041 MOLEXKITS-22-04-1041 Datasheet
23Kb / 3P
   PCB Through Hole
logo
Molex Electronics Ltd.
22-04-1041 MOLEX2-22-04-1041 Datasheet
106Kb / 3P
   2.50mm (.098) Pitch Wire-to-Board KK짰 Header, Vertical, with Friction Ramp, 4 Circuits, Tin (Sn) Plating
More results

Similar Description - 22-04-1041

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
22-04-1081 MOLEX11-22-04-1081 Datasheet
37Kb / 2P
   Mini-Latch??Wire-to-Board Header, Vertical, with Friction Ramp, 8 Circuits, Tin (Sn) Plating
22-04-1151 MOLEX11-22-04-1151 Datasheet
37Kb / 2P
   Mini-Latch??Wire-to-Board Header, Vertical, with Friction Ramp, 15 Circuits, Tin (Sn) Plating
22-04-1031 MOLEX11-22-04-1031 Datasheet
37Kb / 2P
   Mini-Latch??Wire-to-Board Header, Vertical, with Friction Ramp, 3 Circuits, Tin (Sn) Plating
22-04-1141 MOLEX11-22-04-1141 Datasheet
37Kb / 2P
   Mini-Latch??Wire-to-Board Header, Vertical, with Friction Ramp, 14 Circuits, Tin (Sn) Plating
22-04-1021 MOLEX11-22-04-1021 Datasheet
37Kb / 2P
   Mini-Latch??Wire-to-Board Header, Vertical, with Friction Ramp, 2 Circuits, Tin (Sn) Plating
22-04-1061 MOLEX11-22-04-1061 Datasheet
37Kb / 2P
   Mini-Latch??Wire-to-Board Header, Vertical, with Friction Ramp, 6 Circuits, Tin (Sn) Plating
22-04-1071 MOLEX11-22-04-1071 Datasheet
37Kb / 2P
   Mini-Latch??Wire-to-Board Header, Vertical, with Friction Ramp, 7 Circuits, Tin (Sn) Plating
22-04-1051 MOLEX11-22-04-1051 Datasheet
37Kb / 2P
   Mini-Latch??Wire-to-Board Header, Vertical, with Friction Ramp, 5 Circuits, Tin (Sn) Plating
22-04-1121 MOLEX11-22-04-1121 Datasheet
37Kb / 2P
   Mini-Latch??Wire-to-Board Header, Vertical, with Friction Ramp, 12 Circuits, Tin (Sn) Plating
22-04-1091 MOLEX11-22-04-1091 Datasheet
37Kb / 2P
   Mini-Latch??Wire-to-Board Header, Vertical, with Friction Ramp, 9 Circuits, Tin (Sn) Plating
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com