Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT3401C Datasheet(PDF) 8 Page - Texas Instruments

Part # PT3401C
Description  35-W 48-V Input Isolated DC/DC Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT3401C Datasheet(HTML) 8 Page - Texas Instruments

Back Button PT3401C Datasheet HTML 4Page - Texas Instruments PT3401C Datasheet HTML 5Page - Texas Instruments PT3401C Datasheet HTML 6Page - Texas Instruments PT3401C Datasheet HTML 7Page - Texas Instruments PT3401C Datasheet HTML 8Page - Texas Instruments PT3401C Datasheet HTML 9Page - Texas Instruments PT3401C Datasheet HTML 10Page - Texas Instruments PT3401C Datasheet HTML 11Page - Texas Instruments PT3401C Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
For technical support and more information, see inside back cover or visit www.ti.com
Application Notes continued
Table 3-2
DC/DC CONVERTER ADJUSTMENT RESISTOR VALUES
Series Pt #
PT3408
PT3401
PT3402
PT3403
PT3404
PT3405
PT3406
PT3407
Vo(nom)
5V
3.3V
2.5V
1.8V
1.5V
1.4V
1.2V
1.0V
Va(req’d)
Va(req’d)
R
1 = Black
R
2 = (Blue)
5.25
4.5k
5.20
22.2k
5.15
51.8k
5.10
111.0k
5.05
288.0k
5.00
4.95
(457.0)k
4.90
(191.0)k
4.85
(102.0)k
4.80
(57.7)k
4.75
(31.1)k
3.465
51.8k
3.432
81.4k
3.399
131.0k
3.366
229.0k
3.333
525.0k
3.330
3.267
(308.0)k
3.234
(116.0)k
3.201
(51.9)k
3.168
(19.9)k
3.135
(0.0)k
2.625
131.0k
2.600
171.0k
2.575
237.0k
2.550
371.0k
2.525
771.0k
2.500
2.475
(161.0)k
2.450
(60.6)k
2.425
(27.3)k
2.400
(10.6)k
2.375
(0.0)k
1.975
7.7k
1.950
20.0k
1.925
37.3k
1.900
63.3k
1.875
107.0k
1.850
193.0k
1.825
453.0k
1.800
1.650
0.0k
1.625
20.0k
1.600
50.0k
1.575
100.0k
1.550
200.0k
1.525
500.0k
20.0k
1.500
50.0k
1.475
100.0k
1.450
200.0k
1.425
500.0k
1.400
1.32
25.0k
1.30
50.0k
1.28
87.5k
1.26
150.0k
1.24
275.0k
1.22
650.0k
1.20
8.5k
1.15
33.5k
1.10
83.5k
1.08
121.0k
1.06
184.0k
1.04
309.0k
1.02
683.0k
1.00
PT3400 Series
Table 3-1
DC/DC CONVERTER ADJUSTMENT RANGE AND FORMULA PARAMETERS
Series Pt #
PT3408
PT3401
PT3402
PT3403
PT3404
PT3405
PT3406
PT3407
Io (rated) 4
7A
10A
12A
12A
16A
16A
16A
16A
Vo(nom)
5V
3.3V
2.5V
1.8V
1.5V
1.4V
1.2V
1.0V
Va(min)
4.75V
3.135V
2.375V
N/A 1
N/A 1
N/A 1
N/A 1
N/A 1
Va(max)
5.25V
3.465V
2.625V
1.98V
1.65V
1.54V
1.32V
1.2V
Ro (k
Ω)
8.87
9.76
10.0
6.49
7.5
7.5
7.5
7.5
Rs (k
Ω)
66.5
66.5
29.4
66.5
100.0
100.0
100.0
66.5


Similar Part No. - PT3401C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT3401 TI-PT3401 Datasheet
284Kb / 13P
[Old version datasheet]   35-W 48-V Input Isolated DC/DC Converter
PT3401 TI1-PT3401 Datasheet
330Kb / 15P
[Old version datasheet]   35W Output Power
More results

Similar Description - PT3401C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT3400 TI-PT3400 Datasheet
284Kb / 13P
[Old version datasheet]   35-W 48-V Input Isolated DC/DC Converter
PT4560 TI-PT4560 Datasheet
243Kb / 10P
[Old version datasheet]   30-W 48-V Input Isolated DC/DC Converter
PT4520 TI-PT4520 Datasheet
214Kb / 10P
[Old version datasheet]   20-W 48-V Input Isolated DC/DC Converter
PT3322A TI-PT3322A Datasheet
184Kb / 9P
[Old version datasheet]   30-W 48-V Input Isolated DC/DC Converter
SLTS092B TI-SLTS092B Datasheet
178Kb / 9P
[Old version datasheet]   20-W 48-V Input Isolated DC/DC Converter
PT4129A TI1-PT4129A Datasheet
171Kb / 9P
[Old version datasheet]   20-W 48-V Input Isolated DC/DC Converter
PT4562C TI-PT4562C Datasheet
436Kb / 12P
[Old version datasheet]   30-W 48-V Input Isolated DC/DC Converter
PT4400 TI-PT4400 Datasheet
218Kb / 10P
[Old version datasheet]   75-W 48-V Input Isolated DC/DC Converter
PTQA430025 TI-PTQA430025 Datasheet
424Kb / 16P
[Old version datasheet]   100-W 48-V INPUT ISOLATED DC/DC CONVERTER
PTQA430025_0612 TI-PTQA430025_0612 Datasheet
506Kb / 18P
[Old version datasheet]   100-W 48-V INPUT ISOLATED DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com