Electronic Components Datasheet Search |
|
ECQE10103MF Datasheet(PDF) 4 Page - Panasonic Semiconductor |
|
ECQE10103MF Datasheet(HTML) 4 Page - Panasonic Semiconductor |
4 / 9 page Design, Specifications are subject to change without notice. Ask factory for technical specifications before purchase and/or use. Whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail. Plastic Film Capacitors IRating, Dimensions & Quantity/Ammo Box GRated voltage : 400 VDC, Capacitance tolerance : ±5 %(J), ±10 %(K) Part No. 0.010 10.3 4.3 7.4 12.4 7.5 7.5 1.0 0.60 0.012 10.3 4.4 7.5 12.5 7.5 7.5 1.0 0.60 0.015 10.3 4.4 7.5 12.5 7.5 7.5 1.0 0.60 0.018 10.3 4.4 7.5 12.5 7.5 7.5 1.0 0.60 0.022 10.3 4.8 7.9 12.9 7.5 7.5 1.0 0.60 0.027 10.3 5.5 8.0 13.0 7.5 7.5 1.0 0.60 0.033 10.3 6.0 9.0 14.0 7.5 7.5 1.0 0.60 0.039 12.0 4.9 8.0 13.0 10.0 10.0 1.0 0.60 0.047 12.0 5.0 8.3 13.3 10.0 10.0 1.0 0.60 0.056 12.0 5.0 10.0 15.0 10.0 10.0 1.0 0.60 0.068 12.0 5.4 10.5 15.5 10.0 10.0 1.0 0.60 0.082 12.0 5.8 11.0 16.0 10.0 10.0 1.0 0.60 0.10 12.0 6.3 12.0 17.0 10.0 10.0 1.0 0.60 0.12 18.5 5.0 10.0 15.0 15.0 10.0 1.0 0.60 0.15 18.5 5.0 12.4 17.4 15.0 10.0 1.0 0.60 0.18 18.5 5.4 12.5 17.5 15.0 10.0 1.0 0.60 0.22 18.5 5.9 13.0 18.0 15.0 10.0 1.0 0.60 0.27 18.5 6.5 14.3 19.3 15.0 10.0 1.0 0.80 0.33 18.5 7.0 14.9 19.9 15.0 10.0 1.0 0.80 0.39 18.5 7.5 15.4 20.4 15.0 10.0 1.0 0.80 0.47 18.5 7.8 17.0 22.0 15.0 10.0 1.0 0.80 0.56 26.0 6.5 16.0 21.0 22.5 15.0 1.0 0.80 0.68 26.0 7.0 16.5 21.5 22.5 15.0 1.0 0.80 0.82 26.0 7.9 17.3 22.3 22.5 15.0 1.0 0.80 1.0 26.0 8.5 18.0 23.0 22.5 15.0 1.0 0.80 1.2 26.0 9.5 18.9 23.9 22.5 15.0 1.0 0.80 1.5 31.0 9.5 19.0 24.0 27.5 22.5 1.0 0.80 1.8 31.0 11.0 20.5 25.5 27.5 22.5 1.5 0.80 2.2 31.0 11.0 22.0 27.0 27.5 22.5 1.5 0.80 ECQE4103 □F( ) ECQE4123 □F( ) ECQE4153 □F( ) ECQE4183 □F( ) ECQE4223 □F( ) ECQE4273 □F( ) ECQE4333 □F( ) ECQE4393 □F( ) ECQE4473 □F( ) ECQE4563 □F( ) ECQE4683 □F( ) ECQE4823 □F( ) ECQE4104 □F( ) ECQE4124 □F( ) ECQE4154 □F( ) ECQE4184 □F( ) ECQE4224 □F( ) ECQE4274 □F( ) ECQE4334 □F( ) ECQE4394 □F( ) ECQE4474 □F( ) ECQE4564 □F( ) ECQE4684 □F( ) ECQE4824 □F( ) ECQE4105 □F( ) ECQE4125 □F( ) ECQE4155 □F( ) ECQE4185 □F( ) ECQE4225 □F( ) Cap. (µF) Quantity. 1000 500 − − 500 500 400 −− 1000 Dimensions (mm) L max. T max. FS Straight Crimped lead φd H max. Straight Crimped lead G max. Straight Standard 5 mm Odd size 5 mm Odd size 7.5 mm Style N,style D:0.010 µF to 0.10 µF Style T,style B:0.12 µF to 2.2 µF Suffix for lead crimped or taped type Cap. tol. code L L |
Similar Part No. - ECQE10103MF |
|
Similar Description - ECQE10103MF |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |