Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS496102-CQZ Datasheet(PDF) 7 Page - Cirrus Logic

Part # CS496102-CQZ
Description  Digital Audio Networking Processor
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS496102-CQZ Datasheet(HTML) 7 Page - Cirrus Logic

Back Button CS496102-CQZ Datasheet HTML 3Page - Cirrus Logic CS496102-CQZ Datasheet HTML 4Page - Cirrus Logic CS496102-CQZ Datasheet HTML 5Page - Cirrus Logic CS496102-CQZ Datasheet HTML 6Page - Cirrus Logic CS496102-CQZ Datasheet HTML 7Page - Cirrus Logic CS496102-CQZ Datasheet HTML 8Page - Cirrus Logic CS496102-CQZ Datasheet HTML 9Page - Cirrus Logic CS496102-CQZ Datasheet HTML 10Page - Cirrus Logic CS496102-CQZ Datasheet HTML 11Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 54 page
background image
CobraNet Hardware User’s Manual
Features
DS651UM23
©Copyright 2005 Cirrus Logic, Inc.
7
Version 2.3
2.3
Host Interface
• 8-bit Data, 4-bit Address
• Virtual 24-bit Addressing with 32-bit Data
Polled, Interrupt, and DMA Modes of Operation
• Configure and Monitor CobraNet Interface
• Transmit or Receive Ethernet Packets at
Near-100-Mbit Wire Speed
2.4
Asynchronous Serial Interface
• Full-duplex Capable
• 8-bit Data Format
• Supports all Standard Baud Rates
2.5
Synchronous Serial Audio Interface
• Up to Four Bi-directional Interfaces Supporting up to 32 Channels of Audio I/O
• 64FS (3.072 MHz) Bit Rate for CS18100x/CS49610x and CS18101x/
CS49611x
• 128FS (6.144 MHz) Bit Rate for CS18102x/CS49612x
• Accommodates Many Synchronous Serial Formats Including I2S
• 32-bit Data Resolution on All Audio I/O
2.6
Audio Clock Interface
• 5 Host Audio-clocking Modes for Maximum Flexibility in Digital Audio Interface
Design
• Low-jitter Master Audio Clock Oscillator (24.576 MHz)
• Synchronize to Supplied Master and/or Sample Clock
• Sophisticated jitter attenuation assures network perturbations do not affect
audio performance.
2.7
Audio Routing and Processing
• Single-channel Granularity in Routing From Synchronous Serial Audio
Interface to CobraNet Network
• Two levels of inward audio routing affords flexibility in audio I/O interface design
in the host system.
• Local Audio Loopback and Output Duplication Capability
• Peak-read Audio Metering with Ballistics


Similar Part No. - CS496102-CQZ

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS496102-CQZ/A1 CIRRUS-CS496102-CQZ/A1 Datasheet
679Kb / 54P
   Digital Audio Networking Processor
More results

Similar Description - CS496102-CQZ

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
EV-2 CIRRUS-EV-2 Datasheet
434Kb / 44P
   Digital Audio Networking Processor
CS1810XX CIRRUS-CS1810XX Datasheet
679Kb / 54P
   Digital Audio Networking Processor
logo
Texas Instruments
TAS3001C TI-TAS3001C Datasheet
417Kb / 56P
[Old version datasheet]   DIGITAL AUDIO PROCESSOR
TAS5000 TI-TAS5000_06 Datasheet
110Kb / 25P
[Old version datasheet]   Digital Audio Pwm Processor
logo
Nippon Precision Circui...
SM5852DS NPC-SM5852DS Datasheet
106Kb / 14P
   Digital Audio Processor LSI
logo
List of Unclassifed Man...
ZR38650 ETC1-ZR38650 Datasheet
441Kb / 66P
   PROGRAMMABLE DIGITAL AUDIO PROCESSOR
logo
YAMAHA CORPORATION
YSS950 YAMAHA-YSS950 Datasheet
781Kb / 30P
   DAP1 Digital Audio Processor
logo
Toshiba Semiconductor
TC9337F TOSHIBA-TC9337F Datasheet
1Mb / 31P
   AUDIO DIGITAL SIGNAL PROCESSOR
logo
Analog Devices
ADAU1442 AD-ADAU1442 Datasheet
1,008Kb / 92P
   SigmaDSP Digital Audio Processor
REV. C
logo
Zoran Corporation
ZR38601 ZORAN-ZR38601 Datasheet
77Kb / 2P
   PROGRAMMABLE DIGITAL AUDIO PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com