Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IXYA20N120C3HV Datasheet(PDF) 3 Page - IXYS Corporation

Part # IXYA20N120C3HV
Description  High-Speed IGBT for 20-50 kHz Switching
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXYA20N120C3HV Datasheet(HTML) 3 Page - IXYS Corporation

  IXYA20N120C3HV Datasheet HTML 1Page - IXYS Corporation IXYA20N120C3HV Datasheet HTML 2Page - IXYS Corporation IXYA20N120C3HV Datasheet HTML 3Page - IXYS Corporation IXYA20N120C3HV Datasheet HTML 4Page - IXYS Corporation IXYA20N120C3HV Datasheet HTML 5Page - IXYS Corporation IXYA20N120C3HV Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
© 2013 IXYS CORPORATION, All Rights Reserved
IXYA20N120C3HV
IXYP20N120C3
IXYH20N120C3
Fig. 1. Output Characteristics @ TJ = 25ºC
0
5
10
15
20
25
30
35
40
00.511.5
2
2.5
33.544.5
5
5.5
6
VCE - Volts
VGE = 15V
13V
11V
10V
7V
9V
6V
8V
Fig. 2. Extended Output Characteristics @ TJ = 25ºC
0
20
40
60
80
100
0
5
10
15
20
25
30
VCE - Volts
VGE = 15V
12V
9V
13V
10V
7V
11V
6V
8V
Fig. 3. Output Characteristics @ TJ = 150ºC
0
5
10
15
20
25
30
35
40
01
23
4
5
6
7
8
VCE - Volts
7V
6V
9V
8V
VGE = 15V
13V
11V
10V
5V
Fig. 4. Dependence of VCE(sat) on
Junction Temperature
0.4
0.8
1.2
1.6
2.0
2.4
-50
-25
0
25
50
75
100
125
150
175
TJ - Degrees Centigrade
VGE = 15V
I C = 20A
I C = 10A
I C = 40A
Fig. 5. Collector-to-Emitter Voltage vs.
Gate-to-Emitter Voltage
1
3
5
7
9
11
6
7
8
9
10
11
12
13
14
15
VGE - Volts
I C = 40A
TJ = 25ºC
10A
20A
Fig. 6. Input Admittance
0
5
10
15
20
25
30
35
40
45
50
3.5
4.5
5.5
6.5
7.5
8.5
9.5
10.5
VGE - Volts
TJ = - 40ºC
25ºC
150ºC


Similar Part No. - IXYA20N120C3HV

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXYA20N65B3 IXYS-IXYA20N65B3 Datasheet
270Kb / 6P
   Advance Technical Information
IXYA20N65B3 IXYS-IXYA20N65B3 Datasheet
270Kb / 6P
   Advance Technical Information
IXYA20N65C3 IXYS-IXYA20N65C3 Datasheet
255Kb / 6P
   Preliminary Technical Information
IXYA20N65C3D1 IXYS-IXYA20N65C3D1 Datasheet
248Kb / 7P
   XPTTM 650V IGBT
IXYA20N65C3D1 IXYS-IXYA20N65C3D1 Datasheet
248Kb / 7P
   XPTTM 650V IGBT
More results

Similar Description - IXYA20N120C3HV

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXYN82N120C3H1 IXYS-IXYN82N120C3H1 Datasheet
192Kb / 7P
   High-Speed IGBT for 20-50 kHz Switching
IXYP30N120C3 IXYS-IXYP30N120C3 Datasheet
186Kb / 6P
   High-Speed IGBT for 20-50 kHz Switching
IXYH24N90C3 IXYS-IXYH24N90C3 Datasheet
214Kb / 6P
   High-Speed IGBT for 20-50 kHz Switching
IXYH20N120C3D1 IXYS-IXYH20N120C3D1 Datasheet
188Kb / 7P
   High-Speed IGBT for 20-50 kHz Switching
MMIX1Y82N120C3H1 IXYS-MMIX1Y82N120C3H1 Datasheet
248Kb / 8P
   High-Speed IGBT for 20-50 kHz Switching
IXYH50N120C3D1 IXYS-IXYH50N120C3D1 Datasheet
186Kb / 7P
   High-Speed IGBT for 20-50 kHz Switching
IXYH30N120C3D1 IXYS-IXYH30N120C3D1 Datasheet
189Kb / 7P
   High-Speed IGBT for 20-50 kHz Switching
IXYN82N120C3 IXYS-IXYN82N120C3 Datasheet
181Kb / 6P
   High-Speed IGBT for 20-50 kHz Switching
IXYH24N90C3D1 IXYS-IXYH24N90C3D1 Datasheet
370Kb / 7P
   High-Speed IGBT for 20-50 kHz Switching
MMIX1Y100N120C3H1 IXYS-MMIX1Y100N120C3H1 Datasheet
281Kb / 8P
   High-Speed IGBT for 20-50 kHz Switching
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com