Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS1G-CPU44H Datasheet(PDF) 6 Page - Omron Electronics LLC

Part # CS1G-CPU44H
Description  CS1 CPUs Mean Ultimate Performance
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CS1G-CPU44H Datasheet(HTML) 6 Page - Omron Electronics LLC

Back Button CS1G-CPU44H Datasheet HTML 2Page - Omron Electronics LLC CS1G-CPU44H Datasheet HTML 3Page - Omron Electronics LLC CS1G-CPU44H Datasheet HTML 4Page - Omron Electronics LLC CS1G-CPU44H Datasheet HTML 5Page - Omron Electronics LLC CS1G-CPU44H Datasheet HTML 6Page - Omron Electronics LLC CS1G-CPU44H Datasheet HTML 7Page - Omron Electronics LLC CS1G-CPU44H Datasheet HTML 8Page - Omron Electronics LLC CS1G-CPU44H Datasheet HTML 9Page - Omron Electronics LLC CS1G-CPU44H Datasheet HTML 10Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
CPU Overview
Programmable Controller
CS1
C--16
Expansion Capabilities
J Up to 7 Expansion Racks
System expansion can be achieved by simply connecting the CPU Rack to an Expansion Rack using an I/O Connecting
Cable. Up to 7 Expansion Racks can be connected to one CPU with a total distance of 12 m. Long distance expansion of
50 m can be achieved by using an I/O Control Module.
For a complete pattern of Expansion Systems, including combinations with C200H Expansion I/O Racks, please refer to
the System Power and Expansion section.
CPU Rack with CS1 Expansion Racks
CPU Rack
CS1 I/O
Connecting
Cable
CS1 I/O
Connecting
Cable
CS1 Expansion Rack
7 Racks
max.
CS1 I/O
Connecting
Cable
CS1 Expansion Rack
CS1 Expansion Rack
12 m
CPU Rack with CS1 Long-Distance Expansion Racks
CS1 Expansion Rack
CS1 Expansion Rack
Note:
C200H Modules cannot be mounted
to Long-Distance Expansion Racks.
50 m
I/O Control Module
I/O Interface Module
I/O Interface Module
I/O Interface Module
Terminating Resistor
Terminating Resistor
Long-distance Connecting Cables
Long-distance
Connecting Cable
Long-distance
Connecting Cable
Long-distance Connecting
Cable
Long-distance
Connecting Cable
Up to 7
Racks in
2series
I/O Interface Module
Long-distance Connecting
Cable
I/O Interface Module
I/O Interface Module
I/O Interface Module
CS1 Expansion Rack
CS1 Expansion Rack
CS1 Expansion Rack
CS1 Expansion Rack
CS1 Expansion Rack
CS1 Expansion Rack


Similar Part No. - CS1G-CPU44H

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
CS1G-CPU44-E OMRON-CS1G-CPU44-E Datasheet
452Kb / 38P
   CS1 Ordering Guide C200H Basic I/O Modules
CS1G-CPU44-E OMRON-CS1G-CPU44-E Datasheet
452Kb / 38P
   PRODUCT PERFORMANCE STANDARDS
More results

Similar Description - CS1G-CPU44H

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
401C CDE-401C_17 Datasheet
504Kb / 8P
   The Ultimate in Cold Performance and ESR
101C CDE-101C_17 Datasheet
848Kb / 12P
   The Ultimate in Cold Performance and ESR
logo
MKS Instruments.
CIRRUS3-XD MKS-CIRRUS3-XD Datasheet
281Kb / 4P
   THE ULTIMATE PERFORMANCE FOR ATMOSPHERIC PRESSURE GAS MONITORING
logo
Ultralife Corporation.
MRC-93 ULTRALIFE-MRC-93 Datasheet
669Kb / 2P
   Ultimate Battery Eliminator
10 March 2016 Rev A
logo
Texas Instruments
LMH2110 TI1-LMH2110 Datasheet
1Mb / 33P
[Old version datasheet]   Logarithmic Root Mean Square Response
logo
List of Unclassifed Man...
CS1 ETC2-CS1 Datasheet
63Kb / 1P
   Style CS1 and Style CW
FX-5210 ETC2-FX-5210 Datasheet
141Kb / 1P
   High Performance 2U Network Security Platform With Four CPUs
logo
Omron Electronics LLC
E3X-DA11-N OMRON-E3X-DA11-N Datasheet
1Mb / 10P
   The Ultimate Fiber Amplifier for Maximum Ease of Use and High Performance
CP1W-AD041 OMRON-CP1W-AD041 Datasheet
1Mb / 9P
   The Ultimate Fiber Amplifier for Maximum Ease of Use and High Performance
E3XDA41N OMRON-E3XDA41N Datasheet
1Mb / 10P
   The Ultimate Fiber Amplifier for Maximum Ease of Use and High Performance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com