Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECEC1VP223DA Datasheet(PDF) 6 Page - Panasonic Semiconductor

Part # ECEC1VP223DA
Description  Compact size for general purpose and industrial applications
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECEC1VP223DA Datasheet(HTML) 6 Page - Panasonic Semiconductor

Back Button ECEC1VP223DA Datasheet HTML 2Page - Panasonic Semiconductor ECEC1VP223DA Datasheet HTML 3Page - Panasonic Semiconductor ECEC1VP223DA Datasheet HTML 4Page - Panasonic Semiconductor ECEC1VP223DA Datasheet HTML 5Page - Panasonic Semiconductor ECEC1VP223DA Datasheet HTML 6Page - Panasonic Semiconductor ECEC1VP223DA Datasheet HTML 7Page - Panasonic Semiconductor ECEC1VP223DA Datasheet HTML 8Page - Panasonic Semiconductor ECEC1VP223DA Datasheet HTML 9Page - Panasonic Semiconductor ECEC1VP223DA Datasheet HTML 10Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Panasonic Industrial Company
Aluminum Electrolytic Capacitors
19
Design and specifications are subject to change without notice.
Contact the factory or your sales representative for technical specifications before purchase and/or use.
When safety concerns arise, please contact Panasonic immediately for technical consultation.
TS-UP Standard Ratings (continued)
Cap.
(µF)
120Hz
10kHz~
120Hz
20kHz
1200
25 x 50
3.25
4.55
0.207
0.114
30 x 35
3.25
4.55
0.207
0.114
35 x 30
3.25
4.55
0.207
0.114
1500
25 x 50
3.73
5.22
0.166
0.091
30 x 45
3.73
5.22
0.166
0.091
35 x 30
3.73
5.22
0.166
0.091
35 x 35
3.73
5.22
0.166
0.091
1800
30 x 50
4.20
5.88
0.138
0.083
35 x 35
4.20
5.88
0.138
0.083
2200
30 x 50
4.78
6.69
0.105
0.053
35 x 40
4.78
6.69
0.113
0.073
35 x 45
4.78
6.69
0.113
0.073
2700
35 x 50
5.45
7.63
0.092
0.060
150
22 x 20
0.65
0.91
1.326
0.597
22 x 25
0.71
0.99
1.216
0.547
220
22 x 25
1.04
1.46
0.829
0.373
25 x 20
0.87
1.22
0.904
0.407
270
22 x 25
1.41
1.97
0.614
0.276
330
22 x 25
1.56
2.18
0.553
0.249
30 x 20
1.00
1.40
0.603
0.271
390
22 x 30
1.68
2.35
0.468
0.210
25 x 25
1.68
2.35
0.468
0.210
470
22 x 35
1.85
2.59
0.388
0.175
25 x 30
1.85
2.59
0.388
0.175
35 x 20
1.30
1.82
0.459
0.206
560
22 x 40
2.43
3.40
0.326
0.147
25 x 30
2.43
3.40
0.326
0.147
30 x 25
2.43
3.40
0.326
0.147
680
22 x 45
2.68
3.75
0.268
0.121
25 x 35
2.68
3.75
0.268
0.121
30 x 30
2.68
3.75
0.268
0.121
820
25 x 45
2.93
4.10
0.222
0.100
30 x 30
2.93
4.10
0.222
0.100
30 x 35
2.93
4.10
0.222
0.100
35 x 25
2.93
4.10
0.222
0.100
1000
25 x 45
3.25
4.55
0.199
0.090
25 x 50
3.25
4.55
0.199
0.090
30 x 35
3.25
4.55
0.199
0.090
30 x 40
3.25
4.55
0.199
0.090
35 x 30
3.25
4.55
0.199
0.090
1200
30 x 40
3.50
4.90
0.166
0.075
30 x 45
3.50
4.90
0.166
0.075
35 x 30
3.50
4.90
0.166
0.075
35 x 35
3.50
4.90
0.166
0.075
1500
30 x 45
3.87
5.42
0.144
0.072
30 x 50
3.87
5.42
0.144
0.072
35 x 35
3.87
5.42
0.144
0.072
35 x 40
3.87
5.42
0.144
0.072
1800
30 x 50
4.32
6.05
0.120
0.060
35 x 40
4.32
6.05
0.120
0.060
35 x 45
4.32
6.05
0.120
0.060
2200
35 x 45
4.92
6.89
0.098
0.054
35 x 50
4.92
6.89
0.098
0.054
120
22 x 20
0.45
0.63
1.658
0.663
22 x 25
0.71
0.99
1.520
0.608
150
22 x 25
0.89
1.25
1.216
0.486
25 x 20
0.65
0.91
1.326
0.531
180
22 x 25
1.07
1.50
0.921
0.368
220
22 x 25
1.17
1.64
0.754
0.301
30 x 20
0.87
1.22
0.829
0.332
270
22 x 30
1.31
1.83
0.614
0.246
ECEC2DP561CX
ECEC2DP561DA
ECEC2DP681BA
ECEC2DP681CA
ECEC2DP182EX
ECEC2DP182EA
ECEC2DP222EX
ECEC2DP222EA
ECEC2DP151BL
ECEC2DP151BA
ECEC2DP152EA
ECEC2DP182DX
ECEC2DP471EL
ECEC2DP561BA
200 VDC Working, 250 VDC Surge
ECOS2EP151BA
ECOS2EP221BX
ECOS2EP221DL
ECOS2EP271BA
ECOS2EP151CL
ECOS2EP181BA
ECEC2EP121BL
ECEC2EP151BA
ECEC2EP121BA
ECEC2EP271BA
ECOS2DP152EA
ECOS2DP182DX
ECOS2DP182EX
ECOS2DP182EA
ECEC2EP151CL
ECEC2EP181BA
ECEC2EP221BX
ECEC2EP221DL
ECOS2DP151BL
ECOS2DP151BA
ECOS2EP121BL
ECOS2EP121BA
ECOS2DP222EX
ECOS2DP222EA
ECOS2DP221BA
ECOS2DP221CL
ECOS2DP271BA
250 VDC Working, 300 VDC Surge
ECOS2CP152CX
ECOS2CP152DA
ECOS2CP152EX
ECOS2CP152EA
ECOS2CP182DA
ECOS2CP182EX
ECOS2CP222DX
ECOS2CP222EX
ECOS2CP222EA
ECOS2CP272EA
ECEC2CP122CA
ECEC2CP122DA
ECEC2CP122EA
4.0mm Length Terminal
160 VDC Working, 200 VDC Surge (continued)
ECOS2CP122CA
ECOS2CP122DA
ECOS2CP122EA
ECEC2CP152CX
ECEC2CP152DA
ECEC2CP152EX
ECEC2CP152EA
ECEC2CP182DA
ECEC2CP182EX
ECEC2CP222DX
ECEC2CP222EX
ECEC2CP222EA
ECEC2CP272EA
Part numbers shown with 2 pins
Size (mm)
Max 85°C R.C. (Arms)
20°C ESR ( , max.)
Panasonic Part Number (By Terminal Length)
D x L
6.3mm Length Terminal
ECOS2DP331BX
ECOS2DP331DL
ECOS2DP391BA
ECOS2DP391CA
ECOS2DP471BA
ECOS2DP471CA
ECOS2DP471EL
ECOS2DP561BA
ECOS2DP561CX
ECOS2DP821DA
ECOS2DP821EA
ECOS2DP561DA
ECOS2DP681BA
ECOS2DP681CA
ECOS2DP681DA
ECEC2DP471CA
ECOS2DP102EA
ECOS2DP122DX
ECOS2DP122DA
ECOS2DP102CX
ECOS2DP102CA
ECOS2DP102DX
ECOS2DP102DA
ECOS2DP821CA
ECOS2DP821DX
ECEC2DP331DL
ECEC2DP391BA
ECEC2DP391CA
ECEC2DP471BA
ECEC2DP221BA
ECEC2DP221CL
ECEC2DP271BA
ECEC2DP331BX
ECEC2DP681DA
ECEC2DP821CA
ECEC2DP821DX
ECEC2DP821DA
ECEC2DP821EA
ECEC2DP102CX
ECEC2DP102CA
ECEC2DP102DX
ECEC2DP102DA
ECEC2DP102EA
ECEC2DP122DX
ECEC2DP122DA
ECEC2DP122EX
ECEC2DP122EA
ECOS2DP152DX
ECOS2DP152DA
ECOS2DP122EA
ECOS2DP122EX
ECOS2DP152EX
ECEC2DP152DX
ECEC2DP152DA
ECEC2DP152EX


Similar Part No. - ECEC1VP223DA

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECEC1VP223DJ PANASONIC-ECEC1VP223DJ Datasheet
143Kb / 13P
   Snap-in Type
More results

Similar Description - ECEC1VP223DA

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECO-S1JP682DA PANASONIC-ECO-S1JP682DA Datasheet
193Kb / 10P
   Compact size for general purpose and industrial applications
ECOS1CP153EL PANASONIC-ECOS1CP153EL Datasheet
193Kb / 10P
   Compact size for general purpose and industrial applications
ECO-S2HP680CA PANASONIC-ECO-S2HP680CA Datasheet
243Kb / 9P
   Compact size for general purpose and industrial applications
logo
List of Unclassifed Man...
PCF14JT200R ETC2-PCF14JT200R Datasheet
364Kb / 7P
   General purpose resistor ideal for commercial/industrial applications
CF18JT560R ETC2-CF18JT560R Datasheet
98Kb / 3P
   General purpose resistor ideal for commercial/industrial applications
SLS-1500 ETC2-SLS-1500 Datasheet
276Kb / 5P
   Compact Flow Meter for Industrial Applications
logo
Vishay Siliconix
SD101AWS-G VISHAY-SD101AWS-G Datasheet
85Kb / 4P
   For general purpose applications
Rev. 1.2, 14-Oct-16
SD103AW-G VISHAY-SD103AW-G Datasheet
94Kb / 4P
   For general purpose applications
Rev. 1.7, 25-Aug-16
SD101AW-G VISHAY-SD101AW-G Datasheet
86Kb / 4P
   For general purpose applications
Rev. 1.0, 25-Feb-13
logo
Fairchild Semiconductor
KSE2955T FAIRCHILD-KSE2955T Datasheet
38Kb / 4P
   General Purpose and Switching Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com