Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MABA-008965-CF1160 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MABA-008965-CF1160
Description  1:1 Flux Coupled Balun Transformer
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MABA-008965-CF1160 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MABA-008965-CF1160 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MABA-008965-CF1160 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MABA-008965-CF1160 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
1:1 Flux Coupled Balun Transformer
5 - 120 MHz
M/A-COM Products
Part Status: Released Rev. V2
MABA-008965-CF1160
North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
India Tel: +91.80.4155721
China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• Surface Mount
• 1:1 Impedance
• 75 Ohm
• RoHS Compliant
Description
M/A-COM’s MABA-008965-CF1160 is a 1:1 RF flux
coupled Transformer in a low cost surface mount
package. Ideally suited for high volume CATV appli-
cation.
Case Style SM-22A
Pin Configuration
Function
Pin Number
Secondary (output)
1
Secondary Dot (output)
3
Primary (ground)
4
Primary Dot (Input)
5
Secondary Centre Tap
2
Schematic
Parameter
Absolute Maximum
MABA-008965-CF1160
2000
MABA-008965-CF11TB
Costumer Test Board
Ordering Information
Dimensions are inches [millimeters] ±0.015 [0.38] unless otherwise specified.
0.130 “ ±10%
[3.3mm ±10%]


Similar Part No. - MABA-008965-CF1160

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MABA-008965-CF1160 MA-COM-MABA-008965-CF1160 Datasheet
97Kb / 3P
   1:1 Flux Coupled Balun Transformer 5 - 120 MHz
More results

Similar Description - MABA-008965-CF1160

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MABA-009852-CF1A40-V5 MA-COM-MABA-009852-CF1A40-V5 Datasheet
629Kb / 4P
   1:1 Flux coupled Balun Transformer
MABA-009852-CF1A40 MA-COM-MABA-009852-CF1A40_15 Datasheet
629Kb / 4P
   1:1 Flux coupled Balun Transformer
MABA-009005-CF1A40 MA-COM-MABA-009005-CF1A40 Datasheet
94Kb / 3P
   1:1 Flux Coupled Balun Transformer
MABA-009109-CF1A40 MA-COM-MABA-009109-CF1A40 Datasheet
94Kb / 3P
   1:1 Flux Coupled Balun Transformer
MABA-009776-CF28A0 MA-COM-MABA-009776-CF28A0 Datasheet
129Kb / 3P
   2:1 Flux Coupled Balun Transformer
MABA-009776-CF28A0 MA-COM-MABA-009776-CF28A0_15 Datasheet
129Kb / 3P
   2:1 Flux Coupled Balun Transformer
MABA-009298-CT48A0 MA-COM-MABA-009298-CT48A0 Datasheet
132Kb / 3P
   Transformer, 4:1 Flux coupled balun transformer
MABACT0064 MA-COM-MABACT0064_15 Datasheet
104Kb / 3P
   Transformer, 4:1 Flux coupled balun transformer
MABA-009573-CF1A40 MA-COM-MABA-009573-CF1A40_15 Datasheet
122Kb / 3P
   1.77:1 Flux Coupled Balun Transformer
MABA-009573-CF1A40 MA-COM-MABA-009573-CF1A40 Datasheet
122Kb / 3P
   1.77:1 Flux Coupled Balun Transformer
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com