Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECQV1H124JL Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part # ECQV1H124JL
Description  Stacked Metallized Plastic Film Capacitor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECQV1H124JL Datasheet(HTML) 5 Page - Panasonic Semiconductor

  ECQV1H124JL Datasheet HTML 1Page - Panasonic Semiconductor ECQV1H124JL Datasheet HTML 2Page - Panasonic Semiconductor ECQV1H124JL Datasheet HTML 3Page - Panasonic Semiconductor ECQV1H124JL Datasheet HTML 4Page - Panasonic Semiconductor ECQV1H124JL Datasheet HTML 5Page - Panasonic Semiconductor ECQV1H124JL Datasheet HTML 6Page - Panasonic Semiconductor ECQV1H124JL Datasheet HTML 7Page - Panasonic Semiconductor ECQV1H124JL Datasheet HTML 8Page - Panasonic Semiconductor ECQV1H124JL Datasheet HTML 9Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Rating
Voltage
Capacitance
Value(uF)
Code
dV/dt(V/us)
Current(o-p)
(A)
0.010
103
0.37
0.015
153
0.56
0.022
223
0.81
0.033
333
1.22
0.047
473
1.74
0.068
683
2.52
0.100
104
3.20
0.150
154
4.80
0.220
224
7.04
0.330
334
10.56
0.470
474
15.04
0.680
684
21.76
1.000
105
32.00
1.500
155
18.00
2.200
225
26.40
Permissible Current
Permissible Voltage
Pulse Handling Capability (dV/dt)
Voltage Derating by Temperature
(Max 10000cycles)
50VDC
37
32
12
0
10
20
30
40
50
60
-60
-40
-20
0
20
40
60
80
100 120
1
10
100
10
100
1000
0
0.5
1
1.5
2
2.5
3
10
100
1000
* Please consult Panasonic if your condition exceeds the above spec.
ECQV(L) Type 50VDC Series (Polyester Film)
Applicable Specifications
Frequency (kHz)
(at sinewave)
Frequency (kHz)
Surface Temperature of Capacitor(Degree C)
1.0uF
2.2uF
From 0.01uF to 2.2uF
0.47uF
0.22uF
0.10uF
0.047uF
0.022uF
0.01uF
0.01uF
0.022uF
0.047uF
0.10uF
0.22uF
0.47uF
1.0uF
2.2uF
40Vrms


Similar Part No. - ECQV1H124JL

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECQV1H124JL PANASONIC-ECQV1H124JL Datasheet
245Kb / 9P
   Designed for application where high density insertion of components is required.
ECQV1H124JL PANASONIC-ECQV1H124JL Datasheet
92Kb / 3P
   Plastic Film Capacitors
ECQV1H124JL PANASONIC-ECQV1H124JL Datasheet
112Kb / 4P
   Stacked Metallized Plastic Film Capacitor
ECQV1H124JL PANASONIC-ECQV1H124JL Datasheet
223Kb / 9P
   Stacked Metallized Plastic Film Capacitor
ECQV1H124JL PANASONIC-ECQV1H124JL Datasheet
223Kb / 9P
   Stacked Metallized Plastic Film Capacitor
More results

Similar Description - ECQV1H124JL

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECQ-V1H105JL2 PANASONIC-ECQ-V1H105JL2 Datasheet
229Kb / 9P
   Stacked Metallized Plastic Film Capacitor
ECQ-V1J474JMW PANASONIC-ECQ-V1J474JMW Datasheet
223Kb / 9P
   Stacked Metallized Plastic Film Capacitor
ECQ-V1H474JL3 PANASONIC-ECQ-V1H474JL3 Datasheet
112Kb / 4P
   Stacked Metallized Plastic Film Capacitor
ECQ-V1H824JL3 PANASONIC-ECQ-V1H824JL3 Datasheet
223Kb / 9P
   Stacked Metallized Plastic Film Capacitor
ECQ-V1183JM2 PANASONIC-ECQ-V1183JM2 Datasheet
112Kb / 4P
   Stacked Metallized Plastic Film Capacitor
ECQ-V1H224JL3 PANASONIC-ECQ-V1H224JL3 Datasheet
619Kb / 3P
   Stacked Metallized Plastic Film Capacitor
ECQ-V1J393JM9 PANASONIC-ECQ-V1J393JM9 Datasheet
223Kb / 9P
   Stacked Metallized Plastic Film Capacitor
ECQ-V1H473JL2 PANASONIC-ECQ-V1H473JL2 Datasheet
223Kb / 9P
   Stacked Metallized Plastic Film Capacitor
ECQ-V1H273JL3 PANASONIC-ECQ-V1H273JL3 Datasheet
223Kb / 9P
   Stacked Metallized Plastic Film Capacitor
ECQ-V1H104JL2 PANASONIC-ECQ-V1H104JL2 Datasheet
229Kb / 9P
   Stacked Metallized Plastic Film Capacitor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com