Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDCV850IDGGRG4 Datasheet(PDF) 6 Page - Texas Instruments

Part # CDCV850IDGGRG4
Description  2.5-V PHASE LOCK LOOP CLOCK DRIVER WITH 2-LINE SERIAL INTERFACE
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCV850IDGGRG4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button CDCV850IDGGRG4 Datasheet HTML 2Page - Texas Instruments CDCV850IDGGRG4 Datasheet HTML 3Page - Texas Instruments CDCV850IDGGRG4 Datasheet HTML 4Page - Texas Instruments CDCV850IDGGRG4 Datasheet HTML 5Page - Texas Instruments CDCV850IDGGRG4 Datasheet HTML 6Page - Texas Instruments CDCV850IDGGRG4 Datasheet HTML 7Page - Texas Instruments CDCV850IDGGRG4 Datasheet HTML 8Page - Texas Instruments CDCV850IDGGRG4 Datasheet HTML 9Page - Texas Instruments CDCV850IDGGRG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
CDCV850
2.5-V PHASE LOCK LOOP CLOCK DRIVER
WITH 2-LINE SERIAL INTERFACE
SCAS647D − OCTOBER 2000 − REVISED APRIL 2013
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
timing requirements over recommended ranges of supply voltage and operating free-air
temperature
MIN
MAX
UNIT
f(CLK)
Clock frequency
60
140
MHz
Input clock duty cycle
40%
60%
Stabilization time†
10
μs
Time required for the integrated PLL circuit to obtain phase lock of its feedback signal to its reference signal. For phase lock to be obtained, a
fixed-frequency, fixed-phase reference signal must be present at CLK. Until phase lock is obtained, the specifications for propagation delay, skew,
and jitter parameters given in the switching characteristics table are not applicable. This parameter does not apply for input modulation under
SSC application.
timing requirements for the 2-line serial interface over recommended ranges of operating
free-air temperature and VDDI from 3.3 V to 3.6 V (see Figure 10)
MIN
MAX
UNIT
f(SCLK)
SCLK frequency
100
kHz
t(BUS)
Bus free time
4.7
μs
tsu(START)
START setup time†
4.7
μs
th(START)
START hold time†
4.0
μs
tw(SCLL)
SCLK low pulse duration
4.7
μs
tw(SCLH)
SLCK high pulse duration
4.0
μs
tr(SDATA)
SDATA input rise time
1000
ns
tf(SDATA)
SDATA input fall time
300
ns
tsu(SDATA)
SDATA setup time
250
ns
th(SDATA)
SDATA hold time
0
ns
tsu(STOP)
STOP setup time
4
μs
This conforms to I2C specification, version 2.1.


Similar Part No. - CDCV850IDGGRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCV850I TI-CDCV850I Datasheet
228Kb / 15P
[Old version datasheet]   2.5-V PHASE LOCK LOOP CLOCK DRIVER WITH 2 LINE SERIAL INTERFACE
More results

Similar Description - CDCV850IDGGRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCV850 TI-CDCV850 Datasheet
228Kb / 15P
[Old version datasheet]   2.5-V PHASE LOCK LOOP CLOCK DRIVER WITH 2 LINE SERIAL INTERFACE
CDCV857A TI1-CDCV857A_08 Datasheet
389Kb / 16P
[Old version datasheet]   2.5-V PHASE LOCK LOOP CLOCK DRIVER
CDCVF857 TI-CDCVF857 Datasheet
475Kb / 19P
[Old version datasheet]   2.5-V PHASE-LOCK LOOP CLOCK DRIVER
logo
Renesas Technology Corp
HD74CDCV857 RENESAS-HD74CDCV857 Datasheet
226Kb / 13P
   2.5-V Phase-lock Loop Clock Driver
logo
Texas Instruments
CDCV857B TI1-CDCV857B_17 Datasheet
769Kb / 16P
[Old version datasheet]   2.5-V PHASE-LOCK LOOP CLOCK DRIVER
logo
Hitachi Semiconductor
HD74CDCV857 HITACHI-HD74CDCV857 Datasheet
61Kb / 15P
   2.5-V Phase-lock Loop Clock Driver
logo
Texas Instruments
CDCV857A TI-CDCV857A Datasheet
190Kb / 14P
[Old version datasheet]   2.5-V PHASE LOCK LOOP CLOCK DRIVER
logo
Renesas Technology Corp
HD74CDCV857A RENESAS-HD74CDCV857A Datasheet
244Kb / 13P
   2.5-V Phase-lock Loop Clock Driver
logo
Texas Instruments
CDCV855 TI-CDCV855 Datasheet
137Kb / 10P
[Old version datasheet]   2.5-V PHASE-LOCK LOOP CLOCK DRIVER
CDCV857B TI-CDCV857B Datasheet
277Kb / 14P
[Old version datasheet]   2.5-V PHASE-LOCK LOOP CLOCK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com