Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECKT3D331KB Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # ECKT3D331KB
Description  High Voltage Ceramic Capacitors (SMD)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECKT3D331KB Datasheet(HTML) 1 Page - Panasonic Semiconductor

  ECKT3D331KB Datasheet HTML 1Page - Panasonic Semiconductor ECKT3D331KB Datasheet HTML 2Page - Panasonic Semiconductor ECKT3D331KB Datasheet HTML 3Page - Panasonic Semiconductor ECKT3D331KB Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
High Voltage Ceramic Capacitors (SMD)
E
1
C
23456789
10
11
12
Product Code
Class
Class1
Class2
Code
ECC
ECK
Rated Voltage
Code
3A
3D
3F
3G
3H
Rated Voltage
1 kVDC
2 kVDC
3 kVDC
4 kVDC
5 kVDC
Code
G
B
Temp. Char.
SL/GP
B/Y5P
Temp. Char.
Packaging Style
Code
T
Style
Taped type
Capacitance
10 pF
47 pF
100 pF
220 pF
Nominal Capacitance
Tol.
±0.5 pF
±5%
±10 %
±20 %
Cap. Tolerance
T3F4
7
0
J
G
Ex.
100
470
101
221
Code
D
J
K
M
Code
Nil
M
2
Y
Style code
1
2
3
4
Suffix
C
Electrode
Terminal
Ceramic Element
Molded Resin
Electrode
Terminal
Ceramic Element
Molded Resin
SS
L
A
B
W
E
L1
This Figure applied to
Style Code 2, 4 (Add dim.L1)
L
High Voltage Ceramic Capacitors
For Surface Mounting
1 to 5 kVDC
Recommended Application
● Ballast circuit of LCD backlighting inverter
(For 3 to 5 kVDC Char.SL/GP)
● Snubber circuit of switching power supply
(For 1 to 2 kVDC Char.B/Y5P)
Features
● Resin molded SMD type for reflow solderings
● High reliability through use of disc capacitor element
● Wide rated voltage ranges from 1 kV to 5 kV, through a
disc element which withstand high voltage and outcurve
terminals
● Wide rated voltage range 1 to 5 kV
Explanation of Part Numbers
Dimensions in mm (not to scale)
● style 1, 3
● style 2, 4
● Outside Terminal
Construction
● Inside Terminal
Symbol
L1
L
W
H
S
E
A
B
Dim
(mm)
Style 1
—7.1±0.5 6.3±0.3 2.5±0.3 1.45±0.30 2.5±0.2 (2.0) (3.7)
Style 2
10.8±0.5 6.8±0.5 6.3±0.3 2.5±0.3—2.5±0.2 (2.0) (3.7)
Style 3
—5.7±0.5 4.5±0.3 2.3max. 0.85±0.30 2.5±0.2 (1.7) (3.1)
Style 4
9.4±0.3 5.5±0.5 4.5±0.3 2.3±0.2
2.5±0.2 (1.7) (3.1)
Dec. 2007
Discontinued


Similar Part No. - ECKT3D331KB

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECKT3D331KB PANASONIC-ECKT3D331KB Datasheet
263Kb / 4P
   High Voltage Ceramic Capacitors (SMD)
ECKT3D331KB PANASONIC-ECKT3D331KB Datasheet
129Kb / 4P
   High Voltage Ceramic Capacitors For Surface Mounting 1 to 5 kVDC
More results

Similar Description - ECKT3D331KB

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECCT3H050DGM PANASONIC-ECCT3H050DGM Datasheet
263Kb / 4P
   High Voltage Ceramic Capacitors (SMD)
logo
TDK Electronics
C3216C0G2J101J TDK-C3216C0G2J101J Datasheet
221Kb / 8P
   Ceramic Capacitors For Mid Voltage SMD
C2012JB2E102K TDK-C2012JB2E102K Datasheet
250Kb / 8P
   Ceramic Capacitors For Mid Voltage SMD
CK45-B3AD101KYGNA TDK-CK45-B3AD101KYGNA Datasheet
183Kb / 11P
   High Voltage Ceramic Capacitors
logo
Murata Manufacturing Co...
DE1E3KX222MA4BL01 MURATA-DE1E3KX222MA4BL01 Datasheet
1Mb / 66P
   High Voltage Ceramic Capacitors
DE2E3KH332MA3B MURATA-DE2E3KH332MA3B Datasheet
1Mb / 83P
   High Voltage Ceramic Capacitors
DE1E3KX472MN5AA01 MURATA-DE1E3KX472MN5AA01 Datasheet
1Mb / 72P
   High Voltage Ceramic Capacitors
DE2E3KY472MN2AM01 MURATA-DE2E3KY472MN2AM01 Datasheet
1Mb / 83P
   High Voltage Ceramic Capacitors
logo
TDK Electronics
CC45SL3AD100JYGNA TDK-CC45SL3AD100JYGNA Datasheet
157Kb / 9P
   High Voltage Ceramic Capacitors
CD85-B2GA471KYGKA TDK-CD85-B2GA471KYGKA Datasheet
59Kb / 4P
   High Voltage Ceramic Capacitors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com