Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SA6.0A Datasheet(PDF) 2 Page - EIC discrete Semiconductors

Part # SA6.0A
Description  TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

SA6.0A Datasheet(HTML) 2 Page - EIC discrete Semiconductors

  SA6.0A Datasheet HTML 1Page - EIC discrete Semiconductors SA6.0A Datasheet HTML 2Page - EIC discrete Semiconductors SA6.0A Datasheet HTML 3Page - EIC discrete Semiconductors SA6.0A Datasheet HTML 4Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ELECTRICAL CHARACTERISTICS
Rating at = 25
°C ambient temperature unless otherwise specified
Breakdown Voltage @ It
Working Peak
Maximum
Maximum
Maximum
Maximum
( Note 1 )
Reverse
Reverse Leakage
Reverse
Clamping
Voltage
TYPE
Voltage
@ VRWM
Current
Voltage @ IRSM
Temperature
VBR (V)
It
VRWM
IR
IRSM
VRSM
Variation of VBR
Min.
Max.
(mA)
(V)
(
µA)
(A)
(V)
(mV /
°C)
SA5.0
6.40
7.3
10
5.0
600
52.0
9.6
5.0
SA5.0A
6.40
7.0
10
5.0
600
54.3
9.2
5.0
SA6.0
6.67
8.15
10
6.0
600
43.9
11.4
5.0
SA6.0A
6.67
7.37
10
6.0
600
48.5
10.3
5.0
SA6.5
7.22
8.82
10
6.5
400
40.7
12.3
5.0
SA6.5A
7.22
7.98
10
6.5
400
44.7
11.2
5.0
SA7.0
7.78
9.51
10
7.0
150
37.8
13.3
6.0
SA7.0A
7.78
8.60
10
7.0
150
41.7
12.0
6.0
SA7.5
8.33
10.2
1.0
7.5
50
35.0
14.3
7.0
SA7.5A
8.33
9.21
1.0
7.5
50
38.8
12.9
7.0
SA8.0
8.89
10.9
1.0
8.0
25
33.3
15.0
7.0
SA8.0A
8.89
9.83
1.0
8.0
25
36.7
13.6
7.0
SA8.5
9.44
11.5
1.0
8.5
5.0
31.4
15.9
8.0
SA8.5A
9.44
10.4
1.0
8.5
5.0
34.7
14.4
8.0
SA9.0
10.0
12.2
1.0
9.0
1.0
29.5
16.9
9.0
SA9.0A
10.0
11.1
1.0
9.0
1.0
32.5
15.4
9.0
SA10
11.1
13.6
1.0
10.0
1.0
26.6
18.8
10.0
SA10A
11.1
12.3
1.0
10.0
1.0
29.4
17.0
10.0
SA11
12.2
14.9
1.0
11.0
1.0
24.9
20.1
11.0
SA11A
12.2
13.5
1.0
11.0
1.0
27.4
18.2
11.0
SA12
13.3
16.3
1.0
12.0
1.0
22.7
22.0
12.0
SA12A
13.3
14.7
1.0
12.0
1.0
25.1
19.9
12.0
SA13
14.4
17.6
1.0
13.0
1.0
21.0
23.8
13.0
SA13A
14.4
15.9
1.0
13.0
1.0
23.2
21.5
13.0
SA14
15.6
19.1
1.0
14.0
1.0
19.4
25.8
14.0
SA14A
15.6
17.2
1.0
14.0
1.0
21.5
23.2
14.0
SA15
16.7
20.4
1.0
15.0
1.0
18.8
26.9
16.0
SA15A
16.7
18.5
1.0
15.0
1.0
20.6
24.4
16.0
SA16
17.8
21.8
1.0
16.0
1.0
17.6
28.8
19.0
SA16A
17.8
19.7
1.0
16.0
1.0
19.2
26.0
17.0
SA17
18.9
23.1
1.0
17.0
1.0
16.4
30.5
20.0
SA17A
18.9
20.9
1.0
17.0
1.0
18.1
27.6
19.0
SA18
20.0
24.4
1.0
18.0
1.0
15.5
32.2
21.0
SA18A
20.0
22.1
1.0
18.0
1.0
17.2
29.2
20.0
SA20
22.2
27.1
1.0
20.0
1.0
13.9
35.8
25.0
SA20A
22.2
24.5
1.0
20.0
1.0
15.4
32.4
23.0
SA22
24.4
29.8
1.0
22.0
1.0
12.7
39.4
28.0
SA22A
24.4
26.9
1.0
22.0
1.0
14.1
35.5
25.0
SA24
26.7
32.6
1.0
24.0
1.0
11.6
43.0
31.0
SA24A
26.7
29.5
1.0
24.0
1.0
12.8
38.9
28.0
SA26
28.9
35.3
1.0
26.0
1.0
10.7
46.6
31.0
SA26A
28.9
31.9
1.0
26.0
1.0
11.9
42.1
30.0
SA28
31.1
38.0
1.0
28.0
1.0
9.9
50.0
35.0
SA28A
31.1
34.4
1.0
28.0
1.0
11.0
45.4
31.0
SA30
33.3
40.7
1.0
30.0
1.0
9.3
53.5
39.0
SA30A
33.3
36.8
1.0
30.0
1.0
10.3
48.4
36.0
SA33
36.7
44.9
1.0
33.0
1.0
8.5
59.0
42.0
SA33A
36.7
40.6
1.0
33.0
1.0
9.4
53.3
39.0


Similar Part No. - SA6.0A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SA6.0A VISHAY-SA6.0A Datasheet
96Kb / 6P
   TRANSZORB Transient Voltage Suppressors
Revision: 18-Sep-12
logo
Motorola, Inc
SA6.0A MOTOROLA-SA6.0A Datasheet
50Kb / 3P
   MOSORB ZENER OVERVOLTAGE TRANSIENT SUPPRESSORS
logo
Taiwan Semiconductor Co...
SA6.0A TSC-SA6.0A Datasheet
234Kb / 6P
   Transient Voltage Suppressor
logo
First Components Intern...
SA6.0A FCI-SA6.0A Datasheet
178Kb / 4P
   5.0V to 170V GPP TRANSIENT VOLTAGE SUPPRESSORS
logo
Shanghai Shunye Electro...
SA6.0A SY-SA6.0A Datasheet
660Kb / 4P
   GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - SA6.0A

ManufacturerPart #DatasheetDescription
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
   Transient Voltage Suppressor / Data Line Transient Suppressor
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
SMDA03C-7 MCC-SMDA03C-7 Datasheet
131Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
15KP58C NJSEMI-15KP58C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP64C NJSEMI-15KP64C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP26CA NJSEMI-15KP26CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
30KP350C NJSEMI-30KP350C Datasheet
395Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP220CA NJSEMI-15KP220CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
1.5KE11 NJSEMI-1.5KE11 Datasheet
906Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com