Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECJZEB1H102 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # ECJZEB1H102
Description  Multilayer Ceramic Capacitors(For General Usage)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECJZEB1H102 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  ECJZEB1H102 Datasheet HTML 1Page - Panasonic Semiconductor ECJZEB1H102 Datasheet HTML 2Page - Panasonic Semiconductor ECJZEB1H102 Datasheet HTML 3Page - Panasonic Semiconductor ECJZEB1H102 Datasheet HTML 4Page - Panasonic Semiconductor ECJZEB1H102 Datasheet HTML 5Page - Panasonic Semiconductor ECJZEB1H102 Datasheet HTML 6Page - Panasonic Semiconductor ECJZEB1H102 Datasheet HTML 7Page - Panasonic Semiconductor ECJZEB1H102 Datasheet HTML 8Page - Panasonic Semiconductor ECJZEB1H102 Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
– EC9 –
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Multilayer Ceramic Capacitors(For General Usage)
Packaging Styles and Standard Packaging Quantities
Quantity (Taping: pcs./reel)
Packaging
Style
Code
Size
Thickness (mm)
Packaging Styles
0201
0402
0603
0805
T=0.3
T=0.5
T=0.8
T=0.6
T=0.85
T=1.25
E
φ180
reel
Paper taping
(Pitch: 2 mm)
15,000
10,000
V
Paper taping
(Pitch: 4 mm)
——
4,000
5,000
4,000
F
Embossed taping
(Pitch: 4 mm)
—————
3,000
Temperature Characteristics
Class 1
Temperature
Characteristic
Code
Temperature
Characteristics
Temp. Coeff.
(ppm/°C)
Rate of Capacitance change at each Temperature (%)
–25 °C
85 °C
max.
min.
max.
min.
CC
>10 pF CG
0± 30
0.33
–0.14
0.20
–0.20
>4 pF
CH
0± 60
0.49
–0.27
0.39
–0.39
3 pF
CJ
0±120
0.82
–0.54
0.78
–0.78
<2 pF
CK
0±250
1.54
–1.13
1.63
–1.63
GSL
+350 to –1000
2.28
–6.50
Temperature coefficient: calculated between 20 °C to 85 °C
For applicable “temperature characteristics”, see the lists of standard products on page 13 to 19.
Class 2
Temperature
Characteristic Code
Temperature
Characteristics
Capacitance Change
Measurement
Temperature Range
Reference
Temperature
B
B±10 %
–25 to 85 °C
20 °C
X7R
±15 %
–55 to 125 °C
25 °C
X5R
±15 %
–55 to 85 °C
25 °C
F
F+30, –80 %
–25 to 85 °C
20 °C
Y5V
+22, –82 %
–30 to 85 °C
25 °C
For applicable “temperature characteristics”, see the lists of standard products on page 13 to 19.
Rated Voltage
Code
1H
1E
1C
1A
0J
Rated Voltage
DC 50 V
DC 25 V
DC 16 V
DC 10 V
DC 6.3 V
Nominal Capacitance
Ex
0R5
010
100
104
Nominal
Capacitance
0.5 pF
1 pF
10 pF
100,000 pF
(0.1 µF)
Capacitance Tolerance
Class
Temperature Characteristics
Tol. Code
Capacitance Tolerance
1C
∆, SL
Capacitance
range
C
< 5 pF
C
±0.25 pF
C
<10 pF
D
±0.5 pF
C =10 pF
F
±1 pF
C >10 pF
J±5 %
K±10 %
2
B, X7R, X5R
K±10 %
M±20 %
F, Y5V
Z
+80, –20 %
φ330 reel and bulk case type : Please contact us
Sep. 2008
00


Similar Part No. - ECJZEB1H102

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECJZEB1H102 PANASONIC-ECJZEB1H102 Datasheet
860Kb / 12P
   Multilayer Ceramic Capacitors (For General Electronic Equipment)
ECJZEB1H102 PANASONIC-ECJZEB1H102 Datasheet
860Kb / 12P
   Multilayer Ceramic Capacitors (For General Electronic Equipment)
ECJZEB1H102 PANASONIC-ECJZEB1H102 Datasheet
860Kb / 12P
   Multilayer Ceramic Capacitors(For General Usage)
ECJZEB1H102 PANASONIC-ECJZEB1H102 Datasheet
252Kb / 12P
   Multilayer Ceramic Capacitors(For General Usage)
ECJZEB1H102 PANASONIC-ECJZEB1H102 Datasheet
860Kb / 12P
   Multilayer Ceramic Capacitors(For General Usage)
More results

Similar Description - ECJZEB1H102

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECJ-2VB1H223K PANASONIC-ECJ-2VB1H223K Datasheet
860Kb / 12P
   Multilayer Ceramic Capacitors(For General Usage)
ECJ-1VC1H330J PANASONIC-ECJ-1VC1H330J Datasheet
860Kb / 12P
   Multilayer Ceramic Capacitors(For General Usage)
ECJ-2VC1H120J PANASONIC-ECJ-2VC1H120J Datasheet
860Kb / 12P
   Multilayer Ceramic Capacitors(For General Usage)
ECJ-1VB1C473K PANASONIC-ECJ-1VB1C473K Datasheet
860Kb / 12P
   Multilayer Ceramic Capacitors(For General Usage)
ECJ-1VF1H104Z PANASONIC-ECJ-1VF1H104Z Datasheet
860Kb / 12P
   Multilayer Ceramic Capacitors(For General Usage)
ECJ-1VF1H473Z PANASONIC-ECJ-1VF1H473Z Datasheet
252Kb / 12P
   Multilayer Ceramic Capacitors(For General Usage)
ECJ-0EC1H220J PANASONIC-ECJ-0EC1H220J Datasheet
860Kb / 12P
   Multilayer Ceramic Capacitors(For General Usage)
ECJ-1VC1H270J PANASONIC-ECJ-1VC1H270J Datasheet
252Kb / 12P
   Multilayer Ceramic Capacitors(For General Usage)
ECJ-2FB1C474K PANASONIC-ECJ-2FB1C474K Datasheet
252Kb / 12P
   Multilayer Ceramic Capacitors(For General Usage)
ECJ-1VB1H333K PANASONIC-ECJ-1VB1H333K Datasheet
860Kb / 12P
   Multilayer Ceramic Capacitors(For General Usage)
ECJ-1VB1A334K PANASONIC-ECJ-1VB1A334K Datasheet
860Kb / 12P
   Multilayer Ceramic Capacitors(For General Usage)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com