Electronic Components Datasheet Search |
|
ECL15US09 Datasheet(PDF) 3 Page - XP Power Limited |
|
ECL15US09 Datasheet(HTML) 3 Page - XP Power Limited |
3 / 6 page Notes ECL15 0.15 (3.8) 1.21 (30.7) 0.69 (17.5) 0.17 (4.4) 0.36 (9.1) 0.79 (20.1) 0.15 (3.9) 2.13 (54.1) 2.44 (62.0) 0.06 (1.6) -Vo +Vo V Adj. ACN ACL ø 0.07 (ø1.8) ø 0.04 (ø1.0) 0.78 (20.0) max 1.04 (26.4) 0.39 (10.0) 0.27 (6.8) 0.09 (2.5) 1º 3.30 (84.0) 2.54 (64.5) 4x ø 0.14 (4x ø 3.5) 1.36 (34.5) 1.00 (25.4) ACN ACL -Vo +Vo 0.44 (11.1) 2.95 (75.0) TOP VIEW 0.69 (17.5) 0.50 (12.6) 1.31 (33.3) 0.79 (20.1) 0.11 (2.9) 2.13 (54.1) 0.21 (5.4) 2.56 (65.0) -Vo +Vo ACL ACN TOP VIEW V Adj. 3.10 (78.7) 2.80 (71.1) 4-0.12 (3.2) 0.15 (3.8) 0.78 (20.0) max 0.91 (23.1) 0.15 (3.8) 0.95 (24.1) 1.25 (31.7) -Vo +Vo ACN ACL 0.96 (24.4) 0.39 (10.0) 4x ø 0.04 (ø1.0) Optional DIN clip Mechanical Details Models and Ratings Output Power Output Voltage Output Current Efficiency Model Number(2,3) Nominal Peak(1) 10 W 3.3 VDC 3.00 A 3.90 A 75% ECL15US03 15 W 5.0 VDC 3.00 A 3.90 A 78% ECL15US05 15 W 9.0 VDC 1.67 A 2.17 A 80% ECL15US09 15 W 12.0 VDC 1.25 A 1.62 A 80% ECL15US12 15 W 15.0 VDC 1.00 A 1.30 A 80% ECL15US15 15 W 24.0 VDC 0.63 A 0.82 A 82% ECL15US24 15 W 48.0 VDC 0.32 A 0.41 A 82% ECL15US48 1. Peak load lasting <30 s with a maximum duty cycle of 10%, average output power not to exceed nominal. 2. Add suffix to model number to define type: add ‘-P’ for PCB mount, add ‘-T’ for chassis mount, add ‘-E’ for encapsulated, add ‘-S’ for screw terminals. 3. A screw terminal version (-S) is available with DIN clip attached, add suffix ‘D’, e.g. ECL15US24-SD, DIN rail mounting kit is available as a separate item, order code ECL15 DIN CLIP. 4. For medically-approved 15 W power supplies contact sales or see www.xppower.com for details of CU15-M series and VCP15 series. 1. All dimensions in inches (mm). 2. Weight: ECL15 P Version: 0.07 lbs (35 g) T Version: 0.07 lbs (35 g) E Version: 0.20 lbs (90 g) S Version: 0.24 lbs (110 g) 3. Tolerances: x.xx = ± 0.02 (x.x = ± 0.5) x.xxx = ± 0.01 (x.xx = ± 0.25) Mating Connectors (-T version only) Input Connector: JST PHR-3 Output Connector: JST PHR-4 Crimps: SPH-002T-P0.5S Cable harness with 300 mm wire available, order part no. ECL15 LOOM KIT Notes Open Frame Chassis Mount (T) Screw Terminal (S) Encapsulated (E) Open Frame PCB Mount (P) |
Similar Part No. - ECL15US09 |
|
Similar Description - ECL15US09 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |