Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAV4201 Datasheet(PDF) 11 Page - ON Semiconductor

Part # CAV4201
Description  350 mA High Efficiency Step Down LED Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAV4201 Datasheet(HTML) 11 Page - ON Semiconductor

Back Button CAV4201 Datasheet HTML 4Page - ON Semiconductor CAV4201 Datasheet HTML 5Page - ON Semiconductor CAV4201 Datasheet HTML 6Page - ON Semiconductor CAV4201 Datasheet HTML 7Page - ON Semiconductor CAV4201 Datasheet HTML 8Page - ON Semiconductor CAV4201 Datasheet HTML 9Page - ON Semiconductor CAV4201 Datasheet HTML 10Page - ON Semiconductor CAV4201 Datasheet HTML 11Page - ON Semiconductor CAV4201 Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
CAV4201
http://onsemi.com
11
Figure 30. Three CAV4201 in Parallel for 1 A LED
CTRL SW
GND
CAV4201
VBAT
U1
VIN
4.7 μF
C1
10 μF
C4
1 A
R4
R1
R5
8.3 kΩ
1 kΩ
1 W
L1
D1
RSET
22 μH
CTRL SW
GND
CAV4201
VBAT
U2
4.7 μF
C2
R2
8.3 kΩ
L2
D2
RSET
22 μH
CTRL SW
GND
CAV4201
VBAT
U3
4.7 μF
C3
R3
8.3 kΩ
L3
D3
RSET
22 μH
Open LED Behavior
If the LEDs are not connected, the CAV4201 stops
switching and draws very little current.
At power−up with no load connected, the capacitor C2 is
charged−up by the CAV4201. As soon as the bottom side of
the capacitor (C2−) reaches 0 volt, as shown on Figure 31,
the CAV4201 stops switching and remains in the idle mode
only drawing about 0.4 mA current from the supply.
Figure 31. Open LED Mode
Board Layout
In order to minimize EMI and switching noise, the
Schottky diode, the inductor and the output capacitor C2
should all be located close to the driver IC. The input
capacitor C1 should be located close to the VBAT pin and the
Schottky diode cathode. The CAV4201 ground pin should
be connected directly to the ground plane on the PCB. A
recommended PCB layout with component location is
shown on Figure 32. The LEDs are connected by two wires
tied to both sides of the output capacitor C2. The LEDs can
be located away from the driver if needed.
Figure 32. Recommended PCB Layout
In order to further reduce the ripple on the supply rail, an
optional Pi style filter (C−L−C) can be used. A 10
mH
inductor rated to the maximum supply current can be used.


Similar Part No. - CAV4201

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CAV424 ETC-CAV424 Datasheet
74Kb / 7P
   Converter IC for Capacitive Signals
logo
Analog Devices
CAV424 AD-CAV424 Datasheet
419Kb / 16P
   C/U transducer IC with adjustable output voltage
logo
WOLFSPEED, INC.
CAV424 WOLFSPEED-CAV424 Datasheet
573Kb / 14P
   C/V-converter for single and differential capacitive input signals
July 2014 Rev. 3.0
logo
Analog Microelectronics...
CAV424 ANALOGMICRO-CAV424 Datasheet
574Kb / 14P
   C/V-converter for single and differential capacitive input signals
July 2014
More results

Similar Description - CAV4201

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT4201 ONSEMI-CAT4201 Datasheet
190Kb / 13P
   350 mA High Efficiency Step Down LED Driver
February, 2010 ??Rev. 5
logo
M.S. Kennedy Corporatio...
SM8200 MSK-SM8200 Datasheet
96Kb / 1P
   High Efficiency Step Down LED Driver
logo
SamHop Microelectronics...
SM8200 SAMHOP-SM8200 Datasheet
96Kb / 1P
   High Efficiency Step Down LED Driver
logo
ON Semiconductor
CAT4201 ONSEMI-CAT4201_15 Datasheet
134Kb / 12P
   High Efficiency Step Down LED Driver
September, 2015 ??Rev. 9
CAT4201TD-GT3 ONSEMI-CAT4201TD-GT3 Datasheet
281Kb / 15P
   350mA High Efficiency Step Down LED Driver
Doc. No. MD-5025 Rev. E
logo
Catalyst Semiconductor
CAT4201 CATALYST-CAT4201 Datasheet
327Kb / 15P
   350mA High Efficiency Step Down LED Driver
logo
Infineon Technologies A...
ILD4035 INFINEON-ILD4035 Datasheet
1Mb / 29P
   350 mA LED Driver
Revision 1.0, 2010-11-11
logo
STMicroelectronics
PM6644 STMICROELECTRONICS-PM6644 Datasheet
2Mb / 35P
   350 mA adjustable step-down regulator
logo
Power Analog Micoelectr...
PAM2804 PAM-PAM2804 Datasheet
213Kb / 11P
   1A Step-Down Constant Current, High Efficiency LED Driver
logo
Diodes Incorporated
PAM2804 DIODES-PAM2804 Datasheet
461Kb / 10P
   1A STEP-DOWN CONSTANT CURRENT, HIGH EFFICIENCY LED DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com