Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAV4201TD-GT3 Datasheet(PDF) 7 Page - ON Semiconductor

Part # CAV4201TD-GT3
Description  350 mA High Efficiency Step Down LED Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAV4201TD-GT3 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button CAV4201TD-GT3 Datasheet HTML 3Page - ON Semiconductor CAV4201TD-GT3 Datasheet HTML 4Page - ON Semiconductor CAV4201TD-GT3 Datasheet HTML 5Page - ON Semiconductor CAV4201TD-GT3 Datasheet HTML 6Page - ON Semiconductor CAV4201TD-GT3 Datasheet HTML 7Page - ON Semiconductor CAV4201TD-GT3 Datasheet HTML 8Page - ON Semiconductor CAV4201TD-GT3 Datasheet HTML 9Page - ON Semiconductor CAV4201TD-GT3 Datasheet HTML 10Page - ON Semiconductor CAV4201TD-GT3 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
CAV4201
http://onsemi.com
7
Table 6. PIN DESCRIPTION
Pin
Name
Function
1
CTRL
Enable and analog dimming control input pin.
2
GND
Ground reference.
3
RSET
RSET pin. A resistor connected between the pin and ground sets the average LED current.
4
SW
Interface to the inductor.
5
VBAT
Supply voltage for the device.
Pin Function
VBAT is the supply input to the device. Typical current
conduction into this pin is less than 1 mA and voltage
transients of up to 40 V can be applied. To ensure accurate
LED current regulation, the VBAT voltage should be 3 V
higher than the total forward voltage of the LED string. A
bypass capacitor of 4.7
mF or larger is recommended
between VBAT and GND.
CTRL is the enable and analog dimming control input. An
internal pull−down current of 20
mA allows the LEDs to
shutdown if CTRL is left floating. Voltages of up to 40 V can
be safely handled by the CTRL input pin.
When the CTRL voltage is less than 0.9 V (typ), the LEDs
will shutdown to zero current. When the CTRL voltage is
greater than about 2.6 V, the device is enabled and full scale
brightness is applied to the LED output. At voltages of less
than around 2.6 V, the LED current is progressively dimmed
until shutdown.
For lamp replacement applications, or applications where
operation in dropout mode is expected, it is recommended
that the CTRL pin voltage be derived from the LED cathode
terminal.
GND is the ground reference pin. This pin should be
connected directly to the ground plane on the PCB.
SW pin is the drain terminal of the internal low resistance
high−voltage power MOSFET. The inductor and the
Schottky diode anode should be connected to the SW pin.
Voltages of up to 40 V can be safely handled on the SW pin.
Traces going to the SW pin should be as short as possible
with minimum loop area. The device can handle safely
“open−LED” or “shorted−LED” fault conditions.
RSET pin is regulated at 1.2 V. A resistor connected
between the RSET pin and ground sets the LED full−scale
brightness current. The external resistance value and the
CTRL pin voltage determine the LED current during analog
dimming. The RSET pin must not be left floating. The
highest recommended resistor value between RSET and
ground is 90 k
W.


Similar Part No. - CAV4201TD-GT3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CAV424 ETC-CAV424 Datasheet
74Kb / 7P
   Converter IC for Capacitive Signals
logo
Analog Devices
CAV424 AD-CAV424 Datasheet
419Kb / 16P
   C/U transducer IC with adjustable output voltage
logo
WOLFSPEED, INC.
CAV424 WOLFSPEED-CAV424 Datasheet
573Kb / 14P
   C/V-converter for single and differential capacitive input signals
July 2014 Rev. 3.0
logo
Analog Microelectronics...
CAV424 ANALOGMICRO-CAV424 Datasheet
574Kb / 14P
   C/V-converter for single and differential capacitive input signals
July 2014
More results

Similar Description - CAV4201TD-GT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT4201 ONSEMI-CAT4201 Datasheet
190Kb / 13P
   350 mA High Efficiency Step Down LED Driver
February, 2010 ??Rev. 5
logo
M.S. Kennedy Corporatio...
SM8200 MSK-SM8200 Datasheet
96Kb / 1P
   High Efficiency Step Down LED Driver
logo
SamHop Microelectronics...
SM8200 SAMHOP-SM8200 Datasheet
96Kb / 1P
   High Efficiency Step Down LED Driver
logo
ON Semiconductor
CAT4201 ONSEMI-CAT4201_15 Datasheet
134Kb / 12P
   High Efficiency Step Down LED Driver
September, 2015 ??Rev. 9
CAT4201TD-GT3 ONSEMI-CAT4201TD-GT3 Datasheet
281Kb / 15P
   350mA High Efficiency Step Down LED Driver
Doc. No. MD-5025 Rev. E
logo
Catalyst Semiconductor
CAT4201 CATALYST-CAT4201 Datasheet
327Kb / 15P
   350mA High Efficiency Step Down LED Driver
logo
Infineon Technologies A...
ILD4035 INFINEON-ILD4035 Datasheet
1Mb / 29P
   350 mA LED Driver
Revision 1.0, 2010-11-11
logo
STMicroelectronics
PM6644 STMICROELECTRONICS-PM6644 Datasheet
2Mb / 35P
   350 mA adjustable step-down regulator
logo
Power Analog Micoelectr...
PAM2804 PAM-PAM2804 Datasheet
213Kb / 11P
   1A Step-Down Constant Current, High Efficiency LED Driver
logo
Diodes Incorporated
PAM2804 DIODES-PAM2804 Datasheet
461Kb / 10P
   1A STEP-DOWN CONSTANT CURRENT, HIGH EFFICIENCY LED DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com