Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B1215HS2U Datasheet(PDF) 4 Page - Sensitron

Part # B1215HS2U
Description  Fixed Input, 3000V Isolation, Unregulated, Single Output
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSITRON [Sensitron]
Direct Link  http://www.sensitron.com
Logo SENSITRON - Sensitron

B1215HS2U Datasheet(HTML) 4 Page - Sensitron

  B1215HS2U Datasheet HTML 1Page - Sensitron B1215HS2U Datasheet HTML 2Page - Sensitron B1215HS2U Datasheet HTML 3Page - Sensitron B1215HS2U Datasheet HTML 4Page - Sensitron B1215HS2U Datasheet HTML 5Page - Sensitron  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
• 221 West Industry Court • Deer Park, NY 11729-4681 • Phone (631) 586-7600 • Fax (631) 242-9798 •
• World Wide Web Site - http://www.sensitron.com • E-Mail Address - sales@sensitron.com •
SENSITRON
B - 1W/2W Series
SEMICONDUCTOR
TECHNICAL DATA
DATA SHEET 1101, REV. A
APPLICATION NOTE
Filtering
In some circuits which are sensitive to noise and ripple, a filtering capacitor may be added to the DC/DC output end
and input end to reduce the noise and ripple. However, the capacitance of the output filter capacitor must be proper.
If the capacitance is too big, a startup problem might arise. For every channel of output, provided the safe and
reliable operation is ensured, the greatest capacitance of its filter capacitor sees the external capacitor table. To get
an extremely low ripple, an “LC” filtering network may be connected to the input and output ends of the DC/DC
converter, which may produce a more significant filtering effect. It should also be noted that the inductance and the
frequency of the “LC” filtering network should be staggered with the DC/DC frequency to avoid mutual interference
(see figure 1).
Requirement On Output Load
To ensure this module can operate efficiently and reliably, a minimum load is specified for this kind of DC/DC
converter in addition to a maximum load (namely full load). During operation, make sure the specified range of input
voltage is not exceeded, the minimum output load is not less than 10% of the full load, and that this product should
never be operated under no load! If the actual output power is very small, please connect a resistor with proper
resistance at the output end in parallel to increase the load, or use our company’s products with a lower rated output
power.
Overload Protection
Under normal operating conditions, the output circuit of these products has no protection against over-current and
short-circuits. The simplest method is to connect a self-recovery fuse in series at the input end or add a circuit
breaker to the circuit.
Output Voltage Regulation and Over-voltage Protection Circuit
The simplest device for output voltage regulation, over-voltage and over-current protection is a linear voltage
regulator with overheat protection that is connected to the input or output end in series (see Figure 2).
External Capacitor Table
Vin
External
capaticor
Vout
External
capaticor
5 VDC
4.7 uF
5 VDC
10 uF
12 VDC
2.2 uF
9 VDC
4.7 uF
24 VDC
1 uF
12 VDC
2.2 uF
-
-
15 VDC
1 uF
BxxyyHS/D1/2U


Similar Part No. - B1215HS2U

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B1215 ETC1-B1215 Datasheet
1Mb / 24P
   Desoldering Tool
logo
MORNSUN Science& Techno...
B1215(X)T-1W MORNSUN-B1215(X)T-1W Datasheet
177Kb / 5P
   DC/DC Converter
B1215(X)T-2W MORNSUN-B1215(X)T-2W Datasheet
360Kb / 4P
   2W, Fixed input voltage , isolated unregulated single output
B1215(X)T-2W MORNSUN-B1215(X)T-2W Datasheet
530Kb / 5P
   SINGLE OUTPUT DC-DC CONVERTER
logo
Guangzhou Reicu Electro...
B1215D-1W REICU-B1215D-1W Datasheet
3Mb / 1P
   1600VDC Isolated 1W Single Output SIP/DIP-Package
REV:3.1
More results

Similar Description - B1215HS2U

ManufacturerPart #DatasheetDescription
logo
Intronics Power, Inc.
B200 INTRONICS-B200 Datasheet
370Kb / 2P
   FIXED INPUT ISOLATED & UNREGULATED 1W OUTPUT 6000VDC ISOLATION SINGLE OUTPUT DIP PACKAGE
logo
GAPTEC Electronic GmbH ...
2S4A GAPTEC-2S4A Datasheet
1Mb / 3P
   2W - Single Output - Fixed Input - Isolated & Unregulated
logo
MORNSUN Science& Techno...
H0503S-1W MORNSUN-H0503S-1W_15 Datasheet
1Mb / 5P
   FIXED INPUT, ISOLATED & UNREGULATED SINGLE / DUAL OUTPUT
B0505XT-1WR2 MORNSUN-B0505XT-1WR2 Datasheet
406Kb / 5P
   1W, FIXED INPUT, ISOLATED & UNREGULATED SINGLE OUTPUT
logo
GAPTEC Electronic GmbH ...
3S4A-1UP GAPTEC-3S4A-1UP Datasheet
819Kb / 3P
   3W Single Output - Fixed Input - Isolated & Unregulated
3S4A GAPTEC-3S4A Datasheet
361Kb / 3P
   3W Single Output - Fixed Input - Isolated & Unregulated
3S7A GAPTEC-3S7A Datasheet
1Mb / 3P
   3W Single Output - Fixed Input - Isolated & Unregulated
logo
RSG Electronic Componen...
RT2-S20D3WR RSG-RT2-S20D3WR Datasheet
720Kb / 5P
   2W, fixed input voltage isolated & unregulated single output
logo
MORNSUN Science& Techno...
B0303S-1WR2 MORNSUN-B0303S-1WR2 Datasheet
1Mb / 6P
   1W, Fixed input voltage, isolated & unregulated single output
H0503S-1W MORNSUN-H0503S-1W Datasheet
1,014Kb / 5P
   1W, FIXED INPUT, ISOLATED & UNREGULATED SINGLE / DUAL OUTPUT
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com